công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5USBC402I bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện TS5USBC402I
Giải thích chi tiết về linh kiện  Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5USBC402I bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TS5USBC402I Datasheet HTML 1Page - Texas Instruments TS5USBC402I Datasheet HTML 2Page - Texas Instruments TS5USBC402I Datasheet HTML 3Page - Texas Instruments TS5USBC402I Datasheet HTML 4Page - Texas Instruments TS5USBC402I Datasheet HTML 5Page - Texas Instruments TS5USBC402I Datasheet HTML 6Page - Texas Instruments TS5USBC402I Datasheet HTML 7Page - Texas Instruments TS5USBC402I Datasheet HTML 8Page - Texas Instruments TS5USBC402I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
USB
VCC
D1-
D2+
D1+
OVP
Logic
Control
GND
USB
Connector
TS5USBC402
Copyright © 2017, Texas Instruments Incorporated
UART
USB
D2-
SEL1
SEL2
OE
FLT
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TS5USBC402
SCDS375A – SEPTEMBER 2017 – REVISED SEPTEMBER 2017
TS5USBC402 Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V
Overvoltage Protection
1
1 Features
1
Supply Range 2.3 V to 5.5 V
Differential 2:1 or 1:2 Switch/Multiplexer or
Flexible Dual Single Ended Cross Switch
0-V to 20-V Overvoltage Protection (OVP) on
Common Pins
Powered Off Protection When VCC = 0 V
Low RON of 9 Ω Maximum
BW of 1.2 GHz Typical
CON of 4.5 pF Typical
Low Power Disable Mode
1.8-V Compatible Logic Inputs
ESD Protection Exceeds JESD 22
2000-V Human Body Model (HBM)
TS5USBC402: Standard Temperature Range of
0°C to 70°C
TS5USBC402I: Industrial Temperature Range of
-40°C to 85°C
Small DSBGA Package
2 Applications
Mobile
PC/Notebook
Tablet
Anywhere a USB Type-C™ or Micro-B Connector
is Used
3 Description
The TS5USBC402 is a bidirectional low-power dual
port,
high-speed,
USB
2.0
analog
switch
with
integrated protection for USB Type-C™ systems. The
device is configured as a dual 2:1 or 1:2 switch and is
optimized for handling the USB 2.0 D+/- lines in a
USB Type-C™ systems.
The TS5USBC402 protection on the I/O pins can
tolerate up to 20 V with automatic shutoff circuitry to
protect system components behind the switch.
The TS5USBC402 comes in a small 12 pin DSBGA
package making it a perfect candidate for mobile and
space constrained applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TS5USBC402
TS5USBC402I
DSBGA (12)
1.582 mm × 1.182 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Số phần tương tự - TS5USBC402I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5USBC400 TI1-TS5USBC400 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400I TI1-TS5USBC400I Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400IYFPR TI1-TS5USBC400IYFPR Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400IYFPT TI1-TS5USBC400IYFPT Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400YFPR TI1-TS5USBC400YFPR Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
More results

Mô tả tương tự - TS5USBC402I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5USBC41 TI1-TS5USBC41 Datasheet
585Kb / 27P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 16-V/20-V Overvoltage Protection
TS5USBC400 TI1-TS5USBC400 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
   Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Pericom Semiconductor C...
PI3USB40 PERICOM-PI3USB40 Datasheet
336Kb / 6P
   3.3V, Wide Bandwidth, 9-Channel, 2:1 Mux/DeMux USB 2.0 Switch with Single Enable
PI3USB10M PERICOM-PI3USB10M Datasheet
513Kb / 6P
   4.2V, Wide Bandwidth, 2-Channel 2:1 Mux/DeMux USB 2.0 Switch w/ Single Select
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB304 PERICOM-PI3USB304 Datasheet
1Mb / 9P
   3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
PI3USB10ZEEX PERICOM-PI3USB10ZEEX Datasheet
489Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com