công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5USBC400YFPR bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS5USBC400YFPR
Giải thích chi tiết về linh kiện  Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5USBC400YFPR bảng dữ liệu(HTML) 5 Page - Texas Instruments

  TS5USBC400YFPR Datasheet HTML 1Page - Texas Instruments TS5USBC400YFPR Datasheet HTML 2Page - Texas Instruments TS5USBC400YFPR Datasheet HTML 3Page - Texas Instruments TS5USBC400YFPR Datasheet HTML 4Page - Texas Instruments TS5USBC400YFPR Datasheet HTML 5Page - Texas Instruments TS5USBC400YFPR Datasheet HTML 6Page - Texas Instruments TS5USBC400YFPR Datasheet HTML 7Page - Texas Instruments TS5USBC400YFPR Datasheet HTML 8Page - Texas Instruments TS5USBC400YFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
TS5USBC400
www.ti.com
SCDS374A – SEPTEMBER 2017 – REVISED SEPTEMBER 2017
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC (1)
TS5USBC400
UNIT
YFP
12 PINS
RθJA
Junction-to-ambient thermal resistance
91.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.8
°C/W
RθJB
Junction-to-board thermal resistance
22.8
°C/W
ψJT
Junction-to-top characterization parameter
0.5
°C/W
ψJB
Junction-to-board characterization parameter
23.0
°C/W
6.5 Electrical Characteristics
TA = –40°C to +85°C (Industrial), TA = 0℃ to 70℃ (Standard), VCC = 2.3 V to 5.5 V, GND = 0V, Typical values are at VCC =
3.3 V, TA = 25°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VCC
Power supply voltage
2.3
5.5
V
ICC
Active supply current
OE = 0 V
SEL1, SEL2 = 0 V, 1.8 V or VCC
0 V < VI/O < 3.6 V
72
100
µA
Supply current during OVP condition
OE = 0 V
SEL1, SEL2 = 0 V, 1.8 V or VCC
VI/O > VPOS_THLD
80
120
µA
ICC_PD
Standby powered down supply
current
OE = 1.8 V or VCC
SEL1 = 0 V, 1.8 V, or VCC
SEL2 = 0 V, 1.8 V, or VCC
2.2
10
µA
DC Characteristics
RON
ON-state resistance
VI/O = 0.4 V
ISINK = 8 mA
Refer to ON-State Resistance Figure
5.6
9
ΔRON
ON-state resistance match between
channels
VI/O = 0.4 V
ISINK = 8 mA
Refer to ON-State Resistance Figure
0.07
0.3
RON (FLAT)
ON-state resistance flatness
VI/O = 0 V to 0.4 V
ISINK = 8 mA
Refer to ON-State Resistance Figure
0.07
0.4
IOFF
I/O pin OFF leakage current
V= 0 V or 3.6 V
VCC = 2.3 V to 5.5 V
VD1±or VD2+/- = 3.6 V or 0 V
Refer to Off Leakage Figure
-1
1.2
6
µA
V= 0 V or 16 V
VCC = 2.3 V to 5.5 V
VD1± or VD2+/- = 0 V
Refer to Off Leakage Figure
-1
165
200
µA
ION
ON leakage current
V= 0 V or 3.6 V
VD1± and VD2+/- = high-Z
Refer to On Leakage Figure
-1
1.2
6
µA
Digital Characteristics
VIH
Input logic high
SEL1, SEL2, OE
1.4
V
VIL
Input logic low
SEL1, SEL2, OE
0.5
V
VOL
Output logic low
FLT
IOL = 3 mA
0.4
V
IIH
Input high leakage current
SEL1, SEL2, OE = 1.8 V, VCC
-1
1
5
μA
IIL
Input low leakage current
SEL1, SEL2, OE = 0 V
-1
±0.2
5
μA


Số phần tương tự - TS5USBC400YFPR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5USBC402 TI1-TS5USBC402 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
TS5USBC402I TI1-TS5USBC402I Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
TS5USBC402IYFPR TI1-TS5USBC402IYFPR Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
TS5USBC402IYFPT TI1-TS5USBC402IYFPT Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
TS5USBC402YFPR TI1-TS5USBC402YFPR Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
More results

Mô tả tương tự - TS5USBC400YFPR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5USBC41 TI1-TS5USBC41 Datasheet
585Kb / 27P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 16-V/20-V Overvoltage Protection
TS5USBC402 TI1-TS5USBC402 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
   Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Pericom Semiconductor C...
PI3USB304 PERICOM-PI3USB304 Datasheet
1Mb / 9P
   3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
logo
Analog Devices
ADG772 AD-ADG772 Datasheet
408Kb / 12P
   CMOS Low Power Dual 2:1 Mux/Demux USB 2.0 (480 Mbps)/USB 1.1 (12 Mbps)
REV. 0
logo
Integrated Device Techn...
IDT74FST163233 IDT-IDT74FST163233 Datasheet
82Kb / 6P
   16-BIT 2:1 MUX/DEMUX SWITCH
logo
Renesas Technology Corp
IDT74FST163233 RENESAS-IDT74FST163233 Datasheet
528Kb / 8P
   16-BIT 2:1 MUX/DEMUX SWITCH
OCTOBER 2008
logo
Potato Semiconductor Co...
PO3B22A POTATO-PO3B22A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, Dual 2:1 Mux/DeMux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com