công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI-3240C bảng dữ liệu(PDF) 9 Page - Allegro MicroSystems

tên linh kiện SI-3240C
Giải thích chi tiết về linh kiện  LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3240C bảng dữ liệu(HTML) 9 Page - Allegro MicroSystems

Back Button SI-3240C Datasheet HTML 2Page - Allegro MicroSystems SI-3240C Datasheet HTML 3Page - Allegro MicroSystems SI-3240C Datasheet HTML 4Page - Allegro MicroSystems SI-3240C Datasheet HTML 5Page - Allegro MicroSystems SI-3240C Datasheet HTML 6Page - Allegro MicroSystems SI-3240C Datasheet HTML 7Page - Allegro MicroSystems SI-3240C Datasheet HTML 8Page - Allegro MicroSystems SI-3240C Datasheet HTML 9Page - Allegro MicroSystems SI-3240C Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SI-3018LSA
LOW-VOLTAGE, HIGH-CURRENT
1.8 V LINEAR REGULATOR
www.allegromicro.com
9
The products described herein are manufactured in Japan by Sanken Electric
Co., Ltd. for sale by Allegro MicroSystems, Inc.
Sanken and Allegro reserve the right to make, from time to time, such departures
from the detail specifications as may be required to permit improvements in the
performance, reliability, or manufacturability of its products. Therefore, the user is
cautioned to verify that the information in this publication is current before placing
any order.
When using the products described herein, the applicability and suitability of
such products for the intended purpose shall be reviewed at the users responsibility.
Although Sanken undertakes to enhance the quality and reliability of its products,
the occurrence of failure and defect of semiconductor products at a certain rate is
inevitable.
Users of Sanken products are requested to take, at their own risk, preventative
measures including safety design of the equipment or systems against any possible
injury, death, fires or damages to society due to device failure or malfunction.
Sanken products listed in this publication are designed and intended for use as
components in general-purpose electronic equipment or apparatus (home appli-
ances, office equipment, telecommunication equipment, measuring equipment, etc.).
Their use in any application requiring radiation hardness assurance (e.g., aero-
space equipment) is not supported.
When considering the use of Sanken products in applications where higher
reliability is required (transportation equipment and its control systems or equip-
ment, fire- or burglar-alarm systems, various safety devices, etc.), contact a Sanken
sales representative to discuss and obtain written confirmation of your specifica-
tions.
The use of Sanken products without the written consent of Sanken in applications
where extremely high reliability is required (aerospace equipment, nuclear power-
control stations, life-support systems, etc.) is strictly prohibited.
The information included herein is believed to be accurate and reliable. Appli-
cation and operation examples described in this publication are given for reference
only and Sanken and Allegro assume no responsibility for any infringement of
industrial property rights, intellectual property rights, or any other rights of Sanken
or Allegro or any third party that may result from its use.


Số phần tương tự - SI-3240C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
SI-3240C SANKEN-SI-3240C Datasheet
59Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI-3240C ETC-SI-3240C Datasheet
94Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
More results

Mô tả tương tự - SI-3240C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
SI-3018LSA ALLEGRO-SI-3018LSA Datasheet
169Kb / 9P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI3025 ALLEGRO-SI3025 Datasheet
172Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 2.5 V LINEAR REGULATOR
SI-3033LSA ALLEGRO-SI-3033LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
SI3033LSA ALLEGRO-SI3033LSA Datasheet
172Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com