công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPT8241NBN bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện OPT8241NBN
Giải thích chi tiết về linh kiện  3D Time-of-Flight Sensor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

OPT8241NBN bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button OPT8241NBN Datasheet HTML 4Page - Texas Instruments OPT8241NBN Datasheet HTML 5Page - Texas Instruments OPT8241NBN Datasheet HTML 6Page - Texas Instruments OPT8241NBN Datasheet HTML 7Page - Texas Instruments OPT8241NBN Datasheet HTML 8Page - Texas Instruments OPT8241NBN Datasheet HTML 9Page - Texas Instruments OPT8241NBN Datasheet HTML 10Page - Texas Instruments OPT8241NBN Datasheet HTML 11Page - Texas Instruments OPT8241NBN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
OPT8241
SBAS704B – JUNE 2015 – REVISED OCTOBER 2015
www.ti.com
Electrical Characteristics (continued)
All specifications at TA = 25°C, VAVDDH = 3.3 V, VAVDD = 1.8 V, VVMIXH = 1.5 V, VDVDD = 1.8 V, VDVDDH = 3.3 V, VPVDD = 3.3 V,
VSUB_BIAS = 0 V, integration duty cycle = 10%, system clock frequency = 48 MHz, modulation frequency = 50 MHz, and 850
nm illumination, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CMOS I/Os
VIH
Input high-level threshold
0.7 × VCC(1)
V
VIL
Input low-level threshold
0.3 × VCC(1)
V
IOH = –2 mA
VCC(1) – 0.45
VOH
Output high level
V
IOH = –8 mA
VCC(1) – 0.5
IOL = 2 mA
0.35
VOL
Output Low Level
V
IOL = 8 mA
0.65
Pins with pullup, pulldown resistor
±50
II
Input pin leakage current
µA
Pins without pullup, pulldown
±10
resistor
CI
Input capacitance
5
pF
IOH
10
Output current
mA
IOL
10
(1)
VCC is equal to IOVDD or DVDDH, based on the I/O bank listed in the Pin Functions table.
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
MCLK duty cycle
48%
52%
MCLK frequency
12
50
MHz
VD_IN pulse duration
2 × MCLK period
ns
RTSZ low pulse duration (reset)
100
ns
6.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted); VDVDD = 1.8 V, VDVDDH = 3.3 V, and VIOVDD = 1.8 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DDR LVDS MODE
tSU
Data setup time
Data valid to zero crossing of DCLKP, DCLKM
0.48
ns
tH
Data hold time
Zero crossing of DCLKP, DCLKM to data becoming invalid
0.54
ns
tFALL, tRISE
Data fall time, data rise time
Rise time measured from –100 mV to +100 mV
0.35
ns
tCLKRISE,
Output clock rise time,
Rise time measured from –100 mV to +100 mV
0.35
ns
tCLKFALL
output clock fall time
PARALLEL CMOS MODE
tSU
Data setup time
Data valid to zero crossing of CLKOUT
1.5
ns
tH
Data hold time
Zero crossing of CLKOUT to data becoming invalid
3.5
ns
tFALL, tRISE
Data fall time, data rise time
Rise time measured from 30% to 70% of IOVDD
2.5
ns
tCLKRISE,
Output clock rise time,
Rise time measured from 30% to 70% of IOVDD
2.2
ns
tCLKFALL
output clock fall time
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: OPT8241


Số phần tương tự - OPT8241NBN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
OPT8241NBN TI1-OPT8241NBN Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
More results

Mô tả tương tự - OPT8241NBN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
OPT8320 TI1-OPT8320 Datasheet
1Mb / 88P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8320 TI-OPT8320_V01 Datasheet
563Kb / 12P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8241 TI-OPT8241_15 Datasheet
1Mb / 34P
[Old version datasheet]   OPT8241 3D Time-of-Flight Sensor
logo
Banner Engineering Corp...
ZMX BANNER-ZMX Datasheet
550Kb / 5P
   ZMX Series 3D Time of Flight Sensor
9 February 2023
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
   Time-of-Flight Sensor Array
logo
List of Unclassifed Man...
TOF400F ETC-TOF400F Datasheet
4Mb / 13P
   Time-of-Flight ranging Sensor-4M
logo
STMicroelectronics
VL53L4CD STMICROELECTRONICS-VL53L4CD Datasheet
2Mb / 37P
   Time-of-Flight high accuracy proximity sensor
June 2022 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com