công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM43600QPWPTQ1 bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM43600QPWPTQ1
Giải thích chi tiết về linh kiện  3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM43600QPWPTQ1 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM43600QPWPTQ1 Datasheet HTML 1Page - Texas Instruments LM43600QPWPTQ1 Datasheet HTML 2Page - Texas Instruments LM43600QPWPTQ1 Datasheet HTML 3Page - Texas Instruments LM43600QPWPTQ1 Datasheet HTML 4Page - Texas Instruments LM43600QPWPTQ1 Datasheet HTML 5Page - Texas Instruments LM43600QPWPTQ1 Datasheet HTML 6Page - Texas Instruments LM43600QPWPTQ1 Datasheet HTML 7Page - Texas Instruments LM43600QPWPTQ1 Datasheet HTML 8Page - Texas Instruments LM43600QPWPTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
SW
VIN
PGND
CBOOT
VCC
BIAS
SYNC
RT
PGOOD
EN
SS/TRK
AGND
FB
SW
PGND
VIN
PAD
1
16
2
3
4
5
6
8
7
9
15
14
13
12
11
10
3
LM43600-Q1
www.ti.com
SNVSA99C – JULY 2015 – REVISED NOVEMBER 2017
Product Folder Links: LM43600-Q1
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
(1)
P = Power, G = Ground, A = Analog
5 Pin Configuration and Functions
PWP Package
16-Pin HTSSOP
Top View
Pin Functions
PIN
DESCRIPTION
NAME
NUMBER
I/O (1)
SW
1, 2
P
Switching output of the regulator. Internally connected to both power MOSFETs. Connect to
power inductor.
CBOOT
3
P
Bootstrap capacitor connection for high-side driver. Connect a high-quality 470-nF capacitor
from CBOOT to SW.
VCC
4
P
Internal bias supply output for bypassing. Connect bypass capacitor from this pin to AGND.
Do not connect external load to this pin. Never short this pin to ground during operation.
BIAS
5
P
Optional internal LDO supply input. To improve efficiency, it is recommended to tie to VOUT
when 3.3 V
≤ VOUT ≤ 28 V, or tie to an external 3.3 V or 5 V rail if available. When used,
place a bypass capacitor (1 to 10 µF) from this pin to ground. Tie to ground when not in use.
Do not float
SYNC
6
A
Clock input to synchronize switching action to an external clock. Use proper high speed
termination to prevent ringing. Connect to ground if not used. Do not float.
RT
7
A
Connect a resistor RT from this pin to AGND to program switching frequency. Leave floating
for 500 kHz default switching frequency.
PGOOD
8
A
Open drain output for power-good flag. Use a 10-kΩ to 100-kΩ pullup resistor to logic rail or
other DC voltage no higher than 12 V.
FB
9
A
Feedback sense input pin. Connect to the midpoint of feedback divider to set VOUT. Do not
short this pin to ground during operation.
AGND
10
G
Analog ground pin. Ground reference for internal references and logic. Connect to system
ground.
SS/TRK
11
A
Soft-start control pin. Leave floating for internal soft-start slew rate. Connect to a capacitor to
extend soft start time. Connect to external voltage ramp for tracking.
EN
12
A
Enable input to the LM43600-Q1: High = ON and low = OFF. Connect to VIN, or to VIN
through resistor divider,or to an external voltage or logic source. Do not float.
VIN
13, 14
P
Supply input pins to internal LDO and high side power FET. Connect to power supply and
bypass capacitors CIN. Path from VIN pin to high frequency bypass CIN and PGND must be
as short as possible.
PGND
15, 16
G
Power ground pins, connected internally to the low side power FET. Connect to system
ground, PAD, AGND, ground pins of CIN and COUT. Path to CIN must be as short as possible.
PAD
G
Low impedance connection to AGND. Connect to PGND on PCB . Major heat dissipation
path of the die. Must be used for heat sinking to ground plane on PCB.


Số phần tương tự - LM43600QPWPTQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM43600QPWPTQ1 TI-LM43600QPWPTQ1 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
More results

Mô tả tương tự - LM43600QPWPTQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM46000-Q1 TI1-LM46000-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM46000-Q1 TI-LM46000-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI1-LM73605-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM46000 TI1-LM46000 Datasheet
2Mb / 56P
[Old version datasheet]   LM46000 SIMPLE SWITCHER짰 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com