công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM43600-Q1 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện LM43600-Q1
Giải thích chi tiết về linh kiện  3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM43600-Q1 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM43600-Q1_17 Datasheet HTML 1Page - Texas Instruments LM43600-Q1_17 Datasheet HTML 2Page - Texas Instruments LM43600-Q1_17 Datasheet HTML 3Page - Texas Instruments LM43600-Q1_17 Datasheet HTML 4Page - Texas Instruments LM43600-Q1_17 Datasheet HTML 5Page - Texas Instruments LM43600-Q1_17 Datasheet HTML 6Page - Texas Instruments LM43600-Q1_17 Datasheet HTML 7Page - Texas Instruments LM43600-Q1_17 Datasheet HTML 8Page - Texas Instruments LM43600-Q1_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
5
LM43600-Q1
www.ti.com
SNVSA99C – JULY 2015 – REVISED NOVEMBER 2017
Product Folder Links: LM43600-Q1
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7 standard with a 4-layer board and 1 W power dissipation.
(3)
RθJA is highly related to PCB layout and heat sinking. See Figure 107 for measured RθJA vs PCB area from a 2-layer board and a 4-
layer board.
6.4 Thermal Information
THERMAL METRIC(1)(2)
LM43600
UNIT
PWP (HTSSOP)
16 PINS
RθJA
Junction-to-ambient thermal resistance
39.9(3)
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
26.9
°C/W
RθJB
Junction-to-board thermal resistance
21.7
°C/W
ψJT
Junction-to-top characterization parameter
0.8
°C/W
ψJB
Junction-to-board characterization parameter
21.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.3
°C/W
6.5 Electrical Characteristics
Limits apply over the recommended operating junction temperature (TJ) range of –40°C to +125°C, unless otherwise stated.
Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated, the following
conditions apply: VIN = 12 V, VOUT = 3.3 V, FS = 500 kHz.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PINS)
VIN-MIN-ST
Minimum input voltage for start-up
3.8
V
ISHDN
Shutdown quiescent current
VEN = 0 V
1.1
3.1
µA
IQ-NONSW
Operating quiescent current (non-
switching) from VIN
VEN = 3.3 V
VFB = 1.5 V
VBIAS = 3.4 V external
6
11
µA
IBIAS-NONSW
Operating quiescent current (non-
switching) from external VBIAS
VEN = 3.3 V
VFB = 1.5 V
VBIAS = 3.4 V external
85
140
µA
IQ-SW
Operating quiescent current
(switching)
VEN = 3.3 V
IOUT = 0 A
RT = open
VBIAS = VOUT = 3.3 V
RFBT = 1 Meg
33
µA
ENABLE (EN PIN)
VEN-VCC-H
Voltage level to enable the internal
LDO output VCC
VENABLE high level
1.2
V
VEN-VCC-L
Voltage level to disable the internal
LDO output VCC
VENABLE low level
0.4
V
VEN-VOUT-H
Precision enable level for switching
and regulator output: VOUT
VENABLE high level
2
2.1
2.42
V
VEN-VOUT-HYS
Hysteresis voltage between VOUT
precision enable and disable
thresholds
VENABLE hysteresis
–305
mV
ILKG-EN
Enable input leakage current
VEN = 3.3 V
0.8
1.75
µA
INTERNAL LDO (VCC PIN AND BIAS PIN)
VCC
Internal LDO output voltage VCC
VIN ≥ 3.8 V
3.3
V
VCC-UVLO
Undervoltage lockout (UVLO)
thresholds for VCC
VCC rising threshold
3.14
V
Hysteresis voltage between rising and
falling thresholds
–567
mV
VBIAS-ON
Internal LDO input change over
threshold to BIAS
VBIAS rising threshold
2.96
3.2
V
Hysteresis voltage between rising and
falling thresholds
–74
mV


Số phần tương tự - LM43600-Q1_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
More results

Mô tả tương tự - LM43600-Q1_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM46000-Q1 TI1-LM46000-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM46000-Q1 TI-LM46000-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI1-LM73605-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM46000 TI1-LM46000 Datasheet
2Mb / 56P
[Old version datasheet]   LM46000 SIMPLE SWITCHER짰 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com