công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2623-Q1 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM2623-Q1
Giải thích chi tiết về linh kiện  Automotive Gated-Oscillator-Based DC-DC Boost Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2623-Q1 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LM2623-Q1 Datasheet HTML 5Page - Texas Instruments LM2623-Q1 Datasheet HTML 6Page - Texas Instruments LM2623-Q1 Datasheet HTML 7Page - Texas Instruments LM2623-Q1 Datasheet HTML 8Page - Texas Instruments LM2623-Q1 Datasheet HTML 9Page - Texas Instruments LM2623-Q1 Datasheet HTML 10Page - Texas Instruments LM2623-Q1 Datasheet HTML 11Page - Texas Instruments LM2623-Q1 Datasheet HTML 12Page - Texas Instruments LM2623-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LM2623-Q1
www.ti.com
SNVSAO5 – OCTOBER 2017
Product Folder Links: LM2623-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Gated Oscillator Control Scheme
The on/off regulation mode of the LM2623-Q1, along with its ultra-low quiescent current, results in good
efficiency over a very wide load range. The internal oscillator frequency can be programmed using an external
resistor to be constant or vary with the battery voltage. Adding a capacitor to program the frequency allows the
designer to adjust the duty cycle and optimize it for the application. Adding a resistor in addition to the capacitor
allows the duty cycle to dynamically compensate for changes to the input/output voltage ratio. This is called a
ratio-adaptive gated-oscillator circuit. See the Typical Application for a sample application circuit. Using the
correct RC components to adjust the oscillator allows the device to run with low ripple and high efficiency over a
wide range of loads and input/output voltages.
Figure 8. Typical Step-Up Regulator Waveforms
7.3.2 Cycle-To-Cycle PFM
When the load does not vary over a wide range, ratio adaptive circuit techniques can be used to achieve cycle to
cycle PFM regulation and lower ripple (or smaller output capacitors). The key to success is matching the duty
cycle of the circuit closely to what is required by the input-to-output voltage ratio. This ratio then must be
dynamically adjusted for input voltage changes (usually caused by batteries running down). The chosen ratio
must allow most of the energy in each switching cycle to be delivered to the load and only a small amount to be
stored. When the regulation limit is reached, the overshoot is small, and the system settles at an equilibrium
point where it adjusts the off time in each switching cycle to meet the current requirements of the load. The off-
time adjustment is done by exceeding the regulation limit during each switching cycle and waiting until the
voltage drops below the limit again to start the next switching cycle. The current in the coil never goes to zero
like it frequently does in the hysteretic operating mode of circuits with wide load variations or duty cycles that are
not matched to the input/output voltage ratio. Optimizing the duty cycle for a given set of input/output voltages
conditions can be done by referencing the circuit values in AN-1221 LM2623 General Purpose, Boost Converter
Circuit.
.
7.3.3 Shutdown
The LM2623-Q1 features a shutdown mode that reduces the quiescent current to less than an ensured 2.5 µA
over temperature. This extends the life of the battery in battery-powered applications. During shutdown, all
feedback and control circuitry is turned off. The output voltage of the regulator drops to one diode drop below the
input voltage. Entry into the shutdown mode is controlled by the active-low logic input pin EN (pin 4). When the
logic input to this pin is pulled below 0.15 VDD, the device goes into shutdown mode. The logic input to this pin
must be above 0.7 VDD for the device to work in normal step-up mode. If EN is pulled above 0.7 VDD the SW pin
switches continuously for experimentally tested 5 µs period, regardless of the output voltage. Once this time
period is expired the feedback and gated oscillator scheme take over to regulate the output voltage.


Số phần tương tự - LM2623-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2623 NSC-LM2623 Datasheet
216Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623 Datasheet
215Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623 Datasheet
595Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623 TI-LM2623 Datasheet
936Kb / 16P
[Old version datasheet]   LM2623 General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 TI1-LM2623 Datasheet
958Kb / 16P
[Old version datasheet]   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
More results

Mô tả tương tự - LM2623-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2623 TI1-LM2623_14 Datasheet
958Kb / 16P
[Old version datasheet]   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
National Semiconductor ...
LM2623 NSC-LM2623_05 Datasheet
595Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623 TI-LM2623_15 Datasheet
1Mb / 22P
[Old version datasheet]   General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
logo
National Semiconductor ...
LM2623 NSC-LM2623_04 Datasheet
215Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623 Datasheet
216Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623AMM TI-LM2623AMM Datasheet
936Kb / 16P
[Old version datasheet]   LM2623 General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 TI-LM2623_15 Datasheet
1Mb / 21P
[Old version datasheet]   LM2623 General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
ON Semiconductor
LV56351JA ONSEMI-LV56351JA Datasheet
212Kb / 8P
   1ch DC/DC boost converter
August, 2013
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com