công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD10242 bảng dữ liệu(PDF) 6 Page - Analog Devices |
|
AD10242 bảng dữ liệu(HTML) 6 Page - Analog Devices |
6 / 16 page AD10242 –5– 10 11 12 13 14 15 16 17 18 19 20 22 23 24 25 26 21 27 43 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 961 87 65 67 66 65 64 63 62 43 21 68 PIN 1 IDENTIFIER TOP VIEW (Not to Scale) 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 NC = NO CONNECT AD10242 GNDA GNDA UPOSA AVEE AVCC NC NC (LSB) D0A D1A D2A D3A D4A D5A D6A D7A D8A GNDA GNDB GNDB GNDB UPOSB UNEGB UCOMB GNDB GNDB ENCODEB ENCODEB DVCC D11B (MSB) D10B D9B D8B D7B GNDB PIN CONFIGURATION 68-Lead Ceramic Leaded Chip Carrier PIN FUNCTION DESCRIPTIONS Pin No. Mnemonic Function 1 SHIELD Internal Ground Shield between Channels. 2, 5, 9–11, 26–27 GNDA A Channel Ground. A and B grounds should be connected as close to the device as possible. 3 UNEGA Unipolar Negative. 4 UCOMA Unipolar Common. 6AINA1 Analog Input for A Side ADC (Nominally ±0.5 V). 7AINA2 Analog Input for A Side ADC (Nominally ±1.0 V). 8AINA3 Analog Input for A Side ADC (Nominally ±2.0 V). 12 UPOSA Unipolar Positive. 13 AVEE Analog Negative Supply Voltage (Nominally –5.0 V or –5.2 V). 14 AVCC Analog Positive Supply Voltage (Nominally 5.0 V). 15, 16, 34, 35 NC No Connect. 17–25, 31–33 D0A–D11A Digital Outputs for ADC A. (D0 LSB.) 28 ENCODEA ENCODE is the complement of ENCODE. 29 ENCODEA Data conversion is initiated on the rising edge of the ENCODE input. 30, 50 DVCC Digital Positive Supply Voltage (Nominally 5.0 V). 36–42, 45–49 D0B–D11B Digital Outputs for ADC B. (D0 LSB.) 43–44, 53–54, GNDB B Channel Ground. A and B grounds should be connected as close to the device 58–61, 65, 68 as possible. 51 ENCODEB Data conversion is initiated on the rising edge of the ENCODE input. 52 ENCODEB ENCODE is the complement of ENCODE. 55 UCOMB Unipolar Common. 56 UNEGB Unipolar Negative. 57 UPOSB Unipolar Positive. 62 AINB1 Analog Input for B Side ADC (Nominally ±0.5 V). 63 AINB2 Analog Input for B Side ADC (Nominally ±1.0 V). 64 AINB3 Analog Input for B Side ADC (Nominally ±2.0 V). 66 AVCC Analog Positive Supply Voltage (Nominally 5.0 V). 67 AVEE Analog Negative Supply Voltage (Nominally –5.0 V or –5.2 V). REV. D |
Số phần tương tự - AD10242 |
|
Mô tả tương tự - AD10242 |