công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMB360U bảng dữ liệu(PDF) 1 Page - GOOD-ARK Electronics

tên linh kiện SMB360U
Giải thích chi tiết về linh kiện  Ultra fast Boost Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GOOD-ARK [GOOD-ARK Electronics]
Trang chủ  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SMB360U bảng dữ liệu(HTML) 1 Page - GOOD-ARK Electronics

  SMB360U Datasheet HTML 1Page - GOOD-ARK Electronics SMB360U Datasheet HTML 2Page - GOOD-ARK Electronics SMB360U Datasheet HTML 3Page - GOOD-ARK Electronics SMB360U Datasheet HTML 4Page - GOOD-ARK Electronics SMB360U Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMB340U thru SMB360U
Ultra fast Boost Rectifier
Reverse Voltage 400~600V Forward Current 3A
Features
• Low forward voltage drop
• Ultra-fast recovery time max 50ns
• Low Qrr and Irm reduces switching losses
• Moisture sensitivity: level 1, per J-STD-020
• Especially suited as boost diode in power factor correctors
• Qualified by AEC-Q101 standard
Typical Applications
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IFSM
A
TJ, TSTG
°C
Maximum instantaneous
forward voltage
3 A
VF
Volts
TA=25℃
TA=125℃
IF=0.5A,IR=1.0A,
Irr=0.25A, (RG-1)
Typical junction capacitance 4.0 V, 1 MHz
CJ
pF
junction to lead
RθJL
junction to case
RθJC
junction to ambient
RθJA
Notes 1): The thermal resistance from junction to lead,case and ambient,Mounted on P.C.B with 30*30mm copper pad area
µA
300
Operating junction and storage temperature range
- 55 to + 150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test Conditions
Symbol
℃/W
Maximum DC reverse
current at rated DC blocking
voltage
IR
10
Unit
SMB(DO-214AA)
35
Typical thermal resistance1)
trr
nS
These diodes series are designed especially for use in Power Factor Correction applications as
boost diode.Ideally suited for high voltage,high frequency rectification in car inverters,lighting,
cellular phone, portable device,power supplies and other consumer applications.
32
10
Maximum reverse recovery
time
22
1.1
1.3
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
125
SMB340U
SMB360U
Maximum average forward rectified current
3.0
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
SMB340U
SMB360U
Unit
Maximum repetitive peak reverse voltage
400
600
Maximum RMS voltage
50
280
420
Maximum DC blocking voltage
400
600
www.goodark.com
1/5
2017.04-Rev.B


Số phần tương tự - SMB360U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Lite-On Technology Corp...
SMB36 LITEON-SMB36 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB36 MIC-SMB36 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB36 LUGUANG-SMB36 Datasheet
164Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
logo
List of Unclassifed Man...
SMB365 ETC2-SMB365 Datasheet
451Kb / 21P
   Three-axis accelerometer
logo
Lite-On Technology Corp...
SMB36A LITEON-SMB36A Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results

Mô tả tương tự - SMB360U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GOOD-ARK Electronics
SGC340U GOOD-ARK-SGC340U Datasheet
466Kb / 5P
   Ultra fast Boost Rectifier
logo
Shenzhen Ping Sheng Ele...
UF5400 PFS-UF5400 Datasheet
170Kb / 2P
   ULTRA FAST RECTIFIER
logo
Solid States Devices, I...
SDR6K SSDI-SDR6K_2 Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
   Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
   Ultra Fast Rectifier
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
   ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0135A SSDI-RC0135A Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0164A SSDI-RC0164A Datasheet
138Kb / 2P
   ULTRA FAST RECTIFIER
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com