công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8598S bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8598S
Giải thích chi tiết về linh kiện  18-Bit, 200-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8598S bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button ADS8598S Datasheet HTML 3Page - Texas Instruments ADS8598S Datasheet HTML 4Page - Texas Instruments ADS8598S Datasheet HTML 5Page - Texas Instruments ADS8598S Datasheet HTML 6Page - Texas Instruments ADS8598S Datasheet HTML 7Page - Texas Instruments ADS8598S Datasheet HTML 8Page - Texas Instruments ADS8598S Datasheet HTML 9Page - Texas Instruments ADS8598S Datasheet HTML 10Page - Texas Instruments ADS8598S Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
7
ADS8598S
www.ti.com
SBAS827 – SEPTEMBER 2017
Product Folder Links: ADS8598S
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Ideal input span, does not include gain or offset error.
(2)
LSB = least significant bit.
(3)
This parameter is the endpoint INL, not best-fit INL.
(4)
Gain error is calculated after adjusting for offset error, which implies that positive full scale error = negative full scale error = gain error ÷
2.
6.5 Electrical Characteristics
minimum and maximum specifications are at TA = –40°C to +125°C, AVDD = 4.75 V to 5.25 V; typical specifications are at TA
= 25°C; AVDD = 5 V, DVDD = 3 V, VREF = 2.5 V (internal), and fSAMPLE = 200 kSPS (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Full-scale input span(1)
(AIN_nP to AIN_nGND)
RANGE pin = 1
–10
10
V
RANGE pin = 0
–5
5
AIN_nP
Operating input range,
positive input
RANGE pin = 1
–10
10
V
RANGE pin = 0
–5
5
AIN_nGND
Operating input range,
negative input
All input ranges
–0.3
0
0.3
V
RIN
Input impedance
At TA = 25°C
0.85
1
1.15
Input impedance drift
All input ranges
–25
±7
25
ppm/°C
IIkg(in)
Input leakage current
With voltage at AIN_nP = VIN,
all input ranges
(VIN – 2) / RIN
µA
SYSTEM PERFORMANCE
Resolution
18
Bits
NMC
No missing codes
18
Bits
DNL
Differential nonlinearity
All input ranges
–0.9
±0.5
0.9
LSB(2)
INL
Integral nonlinearity(3)
All input ranges
–5.5
±2
5.5
LSB
EG
Gain error(4)
All input ranges,
external
reference
TA = –40°C to
+85°C
–256
±10
256
LSB
TA = –40°C to
+125°C
–256
±10
300
All input ranges,
internal reference
±10
Gain error matching
(channel-to-channel)
Input range = ±10 V,
external and internal reference
32
170
LSB
Input range = ±5 V,
external and internal reference
34
170
Gain error temperature drift
All input ranges,
external reference
–14
±6
14
ppm/°C
All input ranges,
internal reference
±10
EO
Offset error
Input range = ±10 V
–1.8
±0.3
1.8
mV
Input range = ±5 V
–1.8
±0.3
1.8
Offset error matching
(channel-to-channel)
All input ranges
0.5
5
mV
Offset error temperature drift
All input ranges
–3
±0.3
3
ppm/°C
SAMPLING DYNAMICS
tACQ
Acquisition time
1
µs
fS
Maximum throughput rate per channel
without latency
All eight channels included
200
kSPS


Số phần tương tự - ADS8598S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8598H TI1-ADS8598H Datasheet
1Mb / 64P
[Old version datasheet]   18-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8598HIPM TI1-ADS8598HIPM Datasheet
1Mb / 64P
[Old version datasheet]   18-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8598HIPMR TI1-ADS8598HIPMR Datasheet
1Mb / 64P
[Old version datasheet]   18-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
More results

Mô tả tương tự - ADS8598S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8598H TI1-ADS8598H Datasheet
1Mb / 64P
[Old version datasheet]   18-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8588H TI1-ADS8588H Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8588S TI1-ADS8588S Datasheet
2Mb / 63P
[Old version datasheet]   16-Bit, 200-kSPS, 8-, 6- and 4-Channel, Simultaneous-Sampling ADCs with Bipolar Inputs on a Single Supply
ADS8578S TI1-ADS8578S Datasheet
1Mb / 58P
[Old version datasheet]   14-Bit, High-Speed, 8-Channel, Simultaneous-Sampling ADC with Bipolar Inputs on a Single Supply
logo
Analog Devices
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
AD7608BSTZ AD-AD7608BSTZ Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7609 AD-AD7609 Datasheet
799Kb / 36P
   8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7656A AD-AD7656A Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com