công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8588HIPMR bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8588HIPMR
Giải thích chi tiết về linh kiện  16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8588HIPMR bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button ADS8588HIPMR Datasheet HTML 4Page - Texas Instruments ADS8588HIPMR Datasheet HTML 5Page - Texas Instruments ADS8588HIPMR Datasheet HTML 6Page - Texas Instruments ADS8588HIPMR Datasheet HTML 7Page - Texas Instruments ADS8588HIPMR Datasheet HTML 8Page - Texas Instruments ADS8588HIPMR Datasheet HTML 9Page - Texas Instruments ADS8588HIPMR Datasheet HTML 10Page - Texas Instruments ADS8588HIPMR Datasheet HTML 11Page - Texas Instruments ADS8588HIPMR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
8
ADS8588H
SBAS843 – SEPTEMBER 2017
www.ti.com
Product Folder Links: ADS8588H
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
minimum and maximum specifications are at TA = –40°C to +125°C, AVDD = 4.75 V to 5.25 V; typical specifications are at TA
= 25°C; AVDD = 5 V, DVDD = 3 V, VREF = 2.5 V (internal), and fSAMPLE = 500 kSPS (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(5)
Calculated on the first nine harmonics of the input frequency.
(6)
Isolation crosstalk is measured by applying a full-scale sinusoidal signal up to 160 kHz to a channel, not selected in the multiplexing
sequence, and measuring the effect on the output of any selected channel.
(7)
Does not include the variation in voltage resulting from solder shift effects.
(8)
Recommended to use an X7R-grade, 0603-size ceramic capacitor for optimum performance (see the Layout Guidelines section).
DYNAMIC CHARACTERISTICS
SNR
Signal-to-noise ratio,
no oversampling
(VIN – 0.5 dBFS at 1 kHz)
Input range = ±10 V
91
92.7
dB
Input range = ±5 V
89.5
92.1
SNROSR
Signal-to-noise ratio,
oversampling = 32x
(VIN – 0.5 dBFS at 130 Hz)
Input range = ±10 V
95.5
96.9
dB
Input range = ±5 V
94
95.8
THD
Total harmonic distortion(5)
(VIN – 0.5 dBFS at 1 kHz)
All input ranges
–110
–95
dB
SINAD
Signal-to-noise + distortion ratio,
no oversampling
(VIN – 0.5 dBFS at 1 kHz)
Input range = ±10 V
90.9
92.6
dB
Input range = ±5 V
89.2
92
SINADOSR
Signal-to-noise + distortion ratio,
oversampling = 16 x
(VIN – 0.5 dBFS at 130 Hz)
Input range = ±10 V
94.75
96.5
dB
Input range = ±5 V
93.5
95.3
SFDR
Spurious-free dynamic range
(VIN – 0.5 dBFS at 1 kHz)
All input ranges
110
dB
Crosstalk isolation(6)
–95
dB
BW(–3 dB)
Small-signal bandwidth, –3 dB
At TA = 25°C,
input range = ±10 V
24
kHz
At TA = 25°C,
input range = ±5 V
16
BW(–0.1 dB)
Small-signal bandwidth, –0.1 dB
At TA = 25°C,
input range = ±10 V
14
kHz
At TA = 25°C,
input range = ±5 V
9.5
tGROUP
Group delay
Input range = ±10 V
13
µs
Input range = ±5 V
19
INTERNAL REFERENCE OUTPUT (REFSEL = 1)
VREF
(7)
Voltage on the REFIN/REFOUT pin
(configured as output)
At TA = 25°C
2.4975
2.5
2.5025
V
Internal reference temperature drift
7.5
ppm/°C
C(REFIN_ REFOUT)
Decoupling capacitor on
REFIN/REFOUT(8)
10
µF
V(REFCAP)
Reference voltage to the ADC
(on the REFCAPA, REFCAPB pin)
At TA = 25°C
3.996
4.0
4.004
V
Reference buffer output impedance
0.5
1
Ω
Reference buffer output temperature drift
5
ppm/°C
C(REFCAP)
Decoupling capacitor on REFCAPA,
REFCAPB
10
µF
Turn-on time
C(REFCAP) = 10 µF,
C(REFIN_REFOUT) = 10 µF
25
ms
EXTERNAL REFERENCE INPUT (REFSEL = 0)
VREFIO_EXT
External reference voltage on REFIO
(configured as input)
2.475
2.5
2.525
V
Reference input impedance
100
Reference input capacitance
10
pF


Số phần tương tự - ADS8588HIPMR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8588S TI1-ADS8588S Datasheet
2Mb / 63P
[Old version datasheet]   16-Bit, 200-kSPS, 8-, 6- and 4-Channel, Simultaneous-Sampling ADCs with Bipolar Inputs on a Single Supply
ADS8588SIPM TI1-ADS8588SIPM Datasheet
2Mb / 63P
[Old version datasheet]   16-Bit, 200-kSPS, 8-, 6- and 4-Channel, Simultaneous-Sampling ADCs with Bipolar Inputs on a Single Supply
ADS8588SIPMR TI1-ADS8588SIPMR Datasheet
2Mb / 63P
[Old version datasheet]   16-Bit, 200-kSPS, 8-, 6- and 4-Channel, Simultaneous-Sampling ADCs with Bipolar Inputs on a Single Supply
More results

Mô tả tương tự - ADS8588HIPMR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8598H TI1-ADS8598H Datasheet
1Mb / 64P
[Old version datasheet]   18-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8598S TI1-ADS8598S Datasheet
1Mb / 63P
[Old version datasheet]   18-Bit, 200-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8578S TI1-ADS8578S Datasheet
1Mb / 58P
[Old version datasheet]   14-Bit, High-Speed, 8-Channel, Simultaneous-Sampling ADC with Bipolar Inputs on a Single Supply
ADS8588S TI1-ADS8588S Datasheet
2Mb / 63P
[Old version datasheet]   16-Bit, 200-kSPS, 8-, 6- and 4-Channel, Simultaneous-Sampling ADCs with Bipolar Inputs on a Single Supply
logo
Analog Devices
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7656A AD-AD7656A Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
List of Unclassifed Man...
AD7656A-1BSTZ ETC2-AD7656A-1BSTZ Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
Analog Devices
AD7656A-1 AD-AD7656A-1 Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
AD7656A-1 AD-AD7656A-1_17 Datasheet
664Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
List of Unclassifed Man...
AD7656ABSTZ ETC2-AD7656ABSTZ Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com