công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCZ5303SH bảng dữ liệu(PDF) 8 Page - Shindengen Electric Mfg.Co.Ltd

tên linh kiện MCZ5303SH
Giải thích chi tiết về linh kiện  Starter IC with High-Efficiency Burst Function
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Trang chủ  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MCZ5303SH bảng dữ liệu(HTML) 8 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MCZ5303SH Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd MCZ5303SH Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd MCZ5303SH Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd MCZ5303SH Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd MCZ5303SH Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd MCZ5303SH Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd MCZ5303SH Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd MCZ5303SH Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd MCZ5303SH Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Confidential
MCZ5303SG, MCZ5303SH Application Manual Vol. 1.0
5RE-125294-2
– 8 –
4-3. GND Terminal (pin3)
This is a GND terminal for IC.
Connect it with the control GND of the main control IC.
4-4. COMPin Terminal (pin4) and COMPout Terminal (pin5)
The COMPin terminal is a comparator input terminal for burst control.
To operate it in indirect control, detect the Vcc winding rectified voltage on the primary side with voltage
divider and connect it to the COMPin terminal. Voltage supply to KVc1 is controlled according to the state
of the COMPin terminal (in burst mode). Connect KVc1 to Vcc(Vc1 terminal of MCZ5205 and MCZ5207)
of the LLC controller.
In normal mode, COMPin input becomes ineffective and the output voltage is continuously supplied to the
KVc1 terminal.
In burst mode (STBY: Open)
COMPin terminal input
threshold voltage
Operation
COMPout terminal
Upper limit of 1.06V
Converter operation stop (KVc1 supply stop)
Open
Lower limit of 0.96V
Converter operation start(KVc1 supply start)
Short (Lo)
The LLC controller repeats start and stop in burst duration as shown in Figure 6, set the voltage divider to
be connected to the COMPin terminal in a way that KVc1 supply start voltage setting should be equal to
the start voltage Vc1(start) of the LLC controller or more. In the case of MCZ5303SG, the COMPout
terminal is open drain, and the burst duration can be adjusted by connecting a resistor between the
COMPout and the COMPin terminal.
LLC IC_SS: Soft start signal of LLC part
Figure 6. Burst operation sequence drawing (MCZ5303SG)
KVc1
LLC MOS_ ID
LLC IC_ SS
Vo
COMPin
Vc1(start)
1.06V
0.96V


Số phần tương tự - MCZ5303SH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shindengen Electric Mfg...
MCZ5303SG SHINDENGEN-MCZ5303SG Datasheet
1Mb / 27P
   Starter IC with High-Efficiency Burst Function
More results

Mô tả tương tự - MCZ5303SH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shindengen Electric Mfg...
MCZ5303SG SHINDENGEN-MCZ5303SG Datasheet
1Mb / 27P
   Starter IC with High-Efficiency Burst Function
logo
Kinetic Technologies.
KTD3134 KINETIC-KTD3134 Datasheet
1Mb / 24P
   High Efficiency 2-Channel LED Backlight with Flash Function
April 2019 - Revision 04a
logo
Nippon Precision Circui...
5041 NPC-5041 Datasheet
121Kb / 11P
   High-stability Crystal Oscillator IC with Frequency Adjustment Function
logo
NXP Semiconductors
TEA1541 PHILIPS-TEA1541 Datasheet
112Kb / 19P
   SMPS control IC with synchronization function
2003 Aug 11
logo
Rohm
BA6129AF ROHM-BA6129AF Datasheet
108Kb / 9P
   Reset IC with battery backup function
logo
Nippon Precision Circui...
5042 NPC-5042 Datasheet
116Kb / 11P
   High-stability Crystal Oscillator IC with Frequency Adjustment Function
logo
Kinetic Technologies.
KTD3137 KINETIC-KTD3137 Datasheet
1Mb / 24P
   High Efficiency 3-Channel LED Backlight with Panel Flash Function
April 2019 - Revision 04a
logo
Shenzhen Winsemi Microe...
WS2596B WINSEMI-WS2596B Datasheet
693Kb / 9P
   High Efficiency Charger Control IC
logo
Rohm
BH6172GU ROHM-BH6172GU Datasheet
920Kb / 17P
   High-efficiency Power Management IC
logo
List of Unclassifed Man...
WS2596B ETC2-WS2596B Datasheet
693Kb / 9P
   High Efficiency Charger Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com