công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OPT6120 bảng dữ liệu(PDF) 1 Page - A-Data Technology |
|
OPT6120 bảng dữ liệu(HTML) 1 Page - A-Data Technology |
1 / 8 page DEFY ING IMPOSSIBLE www.lunainc.com | 3155 State Street, Blacksburg VA | Support phone: 1.866.586.2682 | solutions@lunainc.com ODiSI 6100 Optical Distributed Sensor Interrogator The ODiSI is a 21st century strain and temperature measurement system specifically designed to address the test challenges of 21st century advanced materials and systems. The ODiSI provides more than 1000 strain or temperature measurements per meter of a single high definition fiber sensor. The high definition data can fully map the contour of strain or temperature for a structure under test. KEY FEATURES • Multichannel measurements of strain - multiplex up to 200,000 measurement locations • Flexible, lightweight and easy to install sensors reduce time to first measurement • Passive, corrosion resistant, dielectric, flexible sensors go where other sensors can’t - in bends, around corners, embedded inside materials • Long sensor life - no drift or recalibration required, cycle counts >107 • Large strain range and high resolution allow for mapping of complex strain fields and large strain gradients APPLICATIONS • Characterize strain on/in new materials and complex structures • Profile temperature in-situ to maximize the efficiency of critical processes • Measure two- and three-dimensional strain fields to validate FE models • Evaluate multi-material joining • Embed sensors within materials to create “smart parts” The sensor is flexible, low profile, requires no electrical source, and can be bonded to sharply curved surfaces, embedded within structures, or mounted directly to electrical surfaces. An automotive frame is instrumented with fiber and then tested under load. Test data is then superimposed on the CAD model. |
Số phần tương tự - OPT6120 |
|
Mô tả tương tự - OPT6120 |