công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N-SA-PP-HG-D2 bảng dữ liệu(PDF) 1 Page - DDK Ltd.

tên linh kiện N-SA-PP-HG-D2
Giải thích chi tiết về linh kiện  High-frequency N type Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DDK [DDK Ltd.]
Trang chủ  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

N-SA-PP-HG-D2 bảng dữ liệu(HTML) 1 Page - DDK Ltd.

  N-SA-PP-HG-D2 Datasheet HTML 1Page - DDK Ltd. N-SA-PP-HG-D2 Datasheet HTML 2Page - DDK Ltd. N-SA-PP-HG-D2 Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
High-frequency N type Adapter
RF Adapter
Characteristic Impedance
50 Ω
Rated Voltage
500VAC(r.m.s.)
Dielectric Withstanding Voltage 1500V AC(r.m.s) / 1minute
Insulation Resistance
1000M Ω (min.) at 500V DC
Contact Resistance
3m Ω(max.)
Frequency Range
DC ~ 18GHz
V.S.W.R.
DC ~ 4GHz:1.04 max.
4 ~ 8GHz:1.06 max.
8 ~ 18GHz:1.10 max.
Operating Temperature
-40 ~ +85℃
RoHS
Compliant
RoHS
Compliant
Freguency
Range
DC〜18GHz
Characteristic
Impedance
50 Ω
 Item
Material / Finish
Contact
Copper Alloy / Au Plating
Copper Alloy / Ag Plating
Outer
Conductor
Stainless steel
Copper Alloy / Ni Plating
Copper Alloy / Au Plating
Copper Alloy / Ag Plating
 Insulator
PTFE
121226
* The specifications are typical but may not apply to all connectors.
Please check the specifications on each item with its drawing from us
when you use.
◆ It is high frequency range N type adapter.
◆ N series is the general perpose coaxial
connector which is available in 50 Ω impedance
with 7mm bore of outer conductor.
◆ It is low signal degradation and suitable
for product evaluation.
0   2   4   6   8   10  12  14  16  18
1.15
1.10
1.05
1.00
Frequency
【GHz】
N-SA-JJ-HG V.S.W.R
Spec
MIL-PRF-39012
N-SA-JP-HG V.S.W.R
0   2   4   6   8   10  12  14  16  18
1.15
1.10
1.05
1.00
Frequency【GHz】
Spec
0   2   4   6   8   10  12  14  16  18
1.15
1.10
1.05
1.00
Frequency【GHz】
N-SA-PP-HG V.S.W.R
Spec
0   2   4   6   8   10   12  14  16  18
1.15
1.10
1.05
1.00
N-PA-JJ-HG V.S.W.R
Frequency【GHz】
Spec
DDK Ltd.
Base station, Communication instruments,
measuring instrument
FEATURES
CONFORMING STANDARD
APPLICATIONS
SPECIFICATIONS
MATERIAL / FINISH


Số phần tương tự - N-SA-PP-HG-D2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DDK Ltd.
N-SERIES DDK-N-SERIES Datasheet
321Kb / 12P
   N Style Coaxial Connector
logo
List of Unclassifed Man...
N-SMA-18L ETC1-N-SMA-18L Datasheet
1Mb / 20P
   Spectrum Analyzer
2011/65/EU
N-SMA-6L ETC1-N-SMA-6L Datasheet
1Mb / 20P
   Spectrum Analyzer
2011/65/EU
logo
DDK Ltd.
N-SP-3.5DFE-CF DDK-N-SP-3.5DFE-CF Datasheet
321Kb / 12P
   N Style Coaxial Connector
N-SP-5DSFA-CF DDK-N-SP-5DSFA-CF Datasheet
321Kb / 12P
   N Style Coaxial Connector
More results

Mô tả tương tự - N-SA-PP-HG-D2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DDK Ltd.
RF-ADAPTER DDK-RF-ADAPTER Datasheet
1Mb / 3P
   High-frequency N type Adapter
logo
Pulse A Technitrol Comp...
HFB050150 PULSE-HFB050150 Datasheet
660Kb / 2P
   HIGH FREQUENCY BALUN ADAPTER
logo
Pomona Electronics
72932 POMONA-72932 Datasheet
380Kb / 2P
   Type N Adapter Kit
logo
List of Unclassifed Man...
8037 ETC2-8037 Datasheet
84Kb / 1P
   TYPE N FEMALE TO TYPE N FEMMALE ADAPTER
8036 ETC2-8036 Datasheet
90Kb / 1P
   TYPE N MALE TO TYPE N FEMALE ADAPTER
logo
Amphenol Corporation
91100 AMPHENOL-91100 Datasheet
114Kb / 1P
   TYPE N ADAPTER PRESSURIZED JACK
logo
List of Unclassifed Man...
8030 ETC2-8030 Datasheet
122Kb / 1P
   TYPE N FEMALE TO TYPE N MALE RADIUS R/A ADAPTER
8029 ETC2-8029 Datasheet
119Kb / 1P
   TYPE N FEMALE TO TYPE N FEMALE RADIUS R/A ADAPTER
logo
NIHON DEMPA KOGYO
2725T NDK-2725T Datasheet
89Kb / 1P
   High Frequency-supporting Type
2725T_18_03 NDK-2725T_18_03_27 Datasheet
876Kb / 1P
   High Frequency-supporting Type
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com