công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14489BDW bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MC14489BDW
Giải thích chi tiết về linh kiện  Multy-Character LED Display/Lamp Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14489BDW bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MC14489BDW Datasheet HTML 1Page - Motorola, Inc MC14489BDW Datasheet HTML 2Page - Motorola, Inc MC14489BDW Datasheet HTML 3Page - Motorola, Inc MC14489BDW Datasheet HTML 4Page - Motorola, Inc MC14489BDW Datasheet HTML 5Page - Motorola, Inc MC14489BDW Datasheet HTML 6Page - Motorola, Inc MC14489BDW Datasheet HTML 7Page - Motorola, Inc MC14489BDW Datasheet HTML 8Page - Motorola, Inc MC14489BDW Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MC14489B
MOTOROLA
2
BLOCK DIAGRAM
1
BitGrabber
CONFIGURATION REGISTER
8 BITS
Rx
DATA OUT
8
2
20
12
BitGrabber
DISPLAY REGISTER
24 BITS
NIBBLE MUX AND
DECODER ROM
ANODE DRIVERS
(CURRENT SOURCES)
BANK SWITCHES (FETs)
19
4
5
6
7
ab
DATA IN
c
d
e
f
g
h
24–1/2–STAGE
SHIFT REGISTER
11
10
7
4
4
4
4
4
4
4
4
4
4
4
4
18
POR
9
13
15
16
17
5
5
CLOCK
ENABLE
OSCILLATOR AND
CONTROL LOGIC
BANK 1 BANK 2 BANK 3 BANK 4 BANK 5
PIN 3 = VDD
PIN 14 = VSS
h
DIM/BRIGHT
BLANK
a TO g
D
C
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 6.0
V
Vin
DC Input Voltage
– 0.5 to VDD + 0.5
V
Vout
DC Output Voltage
– 0.5 to VDD + 0.5
V
Iin
DC Input Current — per Pin
(Includes Pin 8)
± 15
mA
Iout
DC Output Current —
Pins 1, 2, 4 – 7, 19, 20 Sourcing
Sinking
– 40
10
mA
Pins 9, 13, 15, 16, 17 Sinking
320
Pin 18
± 15
IDD, ISS DC Supply Current, VDD and VSS Pins
± 350
mA
TJ
Chip Junction Temperature
– 40 to + 130
°C
R
θJA
Device Thermal Resistance,
Junction–to–Ambient (see Thermal
Considerations section)
Plastic DIP
SOG Package
90
100
°C/W
Tstg
Storage Temperature
– 65 to + 150
°C
TL
Lead Temperature, 1 mm from Case for
10 Seconds
260
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in the Electrical Characteristics
tables or Pin Descriptions section.
This device contains protection circuitry to
guard against damage due to high static volt-
ages or electric fields. However, precautions
must be taken to avoid applications of any volt-
age higher than maximum rated voltages to this
high–impedance circuit. For proper operation,
Vin and Vout should be constrained to the range
VSS ≤ (Vin or Vout) ≤ VDD.
Unused inputs must always be tied to an ap-
propriate logic voltage level (e.g., either VSS or
VDD). Unused outputs must be left open.


Số phần tương tự - MC14489BDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14489BDWE MOTOROLA-MC14489BDWE Datasheet
2Mb / 22P
   Multi-Character LED Display/Lamp Driver
More results

Mô tả tương tự - MC14489BDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14489BDWE MOTOROLA-MC14489BDWE Datasheet
2Mb / 22P
   Multi-Character LED Display/Lamp Driver
MC14489 MOTOROLA-MC14489 Datasheet
305Kb / 20P
   Multi-Character LED Display/Lamp Driver
logo
Freescale Semiconductor...
MC14489BPE FREESCALE-MC14489BPE Datasheet
2Mb / 22P
   MuIti-Character lED Display/lamp Driver
logo
Toshiba Semiconductor
TLG336S TOSHIBA-TLG336S Datasheet
262Kb / 6P
   LED LAMP 8.0mm(0.3inch)Character Height Numerical Display
logo
Intersil Corporation
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
   8-Character, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7243 INTERSIL-ICM7243 Datasheet
109Kb / 12P
   8-Character, Microprocessor- Compatible, LED Display Decoder Driver
ICM7244AIM44Z INTERSIL-ICM7244AIM44Z Datasheet
425Kb / 13P
   8-Character, Microprocessor Compatible,LED Display Decoder Driver
January 22, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com