công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14489BDW bảng dữ liệu(PDF) 7 Page - Motorola, Inc

tên linh kiện MC14489BDW
Giải thích chi tiết về linh kiện  Multy-Character LED Display/Lamp Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14489BDW bảng dữ liệu(HTML) 7 Page - Motorola, Inc

Back Button MC14489BDW Datasheet HTML 3Page - Motorola, Inc MC14489BDW Datasheet HTML 4Page - Motorola, Inc MC14489BDW Datasheet HTML 5Page - Motorola, Inc MC14489BDW Datasheet HTML 6Page - Motorola, Inc MC14489BDW Datasheet HTML 7Page - Motorola, Inc MC14489BDW Datasheet HTML 8Page - Motorola, Inc MC14489BDW Datasheet HTML 9Page - Motorola, Inc MC14489BDW Datasheet HTML 10Page - Motorola, Inc MC14489BDW Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
MC14489B
MOTOROLA
7
a through h (Pins 1, 2, 4 – 7, 19, 20)
Anode–Driver Current Sources. These outputs are close-
ly–matched current sources which directly tie to the anodes
of external discrete LEDs (lamps) or display segment LEDs.
Each output is capable of sourcing up to 35 mA.
When used with lamps, outputs a, b, c, and d are used to
independently control up to 20 lamps. Output h is used to con-
trol up to 5 lamps dependently. (See Figure 17.) For lamps,
the
No Decode mode is selected via the configuration regis-
ter, forcing e, f, and g inactive (low).
When used with segmented displays, outputs a through g
drive segments a through g, respectively. Output h is used to
drive the decimals. Refer to Figure 9. If unused, h must be left
open.
Bank 1 through Bank 5 (Pins 9, 13, 15, 16, 17)
Diode–Bank FET Switches. These outputs are low–resis-
tance switches to ground (VSS) capable of handling currents
of up to 320 mA each. These pins directly tie to the common
cathodes of segmented displays or the cathodes of lamps
(wired with cathodes common).
The display is refreshed at a nominal 1 kHz rate to achieve
optimum brightness from the LEDs. A 20% duty cycle is uti-
lized.
Special design techniques are used on–chip to accommo-
date the high currents with low EMI (electromagnetic interfer-
ence) and minimal spiking on the power lines.
POWER SUPPLY
VSS (Pin 14)
Most–negative supply potential. This pin is usually ground.
Resistor Rx is externally tied to ground (VSS). Therefore,
the chip’s VSS pin does not contain the Rx current compo-
nent.
VDD (Pin 13)
Most–positive supply potential.
To guarantee data integrity in the registers and to ensure
the serial interface is functional, this voltage may range from
3 to 6 volts with respect to VSS. For example, within this volt-
age range, the chip could be placed in and out of the low–
power mode.
To adequately drive the LEDs, this voltage must be 4.5 to
6 volts with respect to VSS.
The VDD pin contains the Rx current component plus the
chip’s current drain. In the low–power mode, the current mir-
ror and clock oscillator are turned off, thus significantly reduc-
ing the VDD current, IDD.
Figure 7. a through h Nominal Current per Output versus Rx
35
30
25
20
15
10
5
400
800
1.2 k
2.0 k
2.4 k 2.8 k
3.2 k
3.6 k
4.0 k
1.6 k
5 V SUPPLY
BIT D23 = HIGH (BRIGHTEN LEDs)
WITH D23 = LOW, iOH IS CUT BY ∼50%.
Rx, EXTERNAL RESISTOR (
Ω)
NOTE: Drive current tolerance is approximately
± 15%.


Số phần tương tự - MC14489BDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14489BDWE MOTOROLA-MC14489BDWE Datasheet
2Mb / 22P
   Multi-Character LED Display/Lamp Driver
More results

Mô tả tương tự - MC14489BDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14489BDWE MOTOROLA-MC14489BDWE Datasheet
2Mb / 22P
   Multi-Character LED Display/Lamp Driver
MC14489 MOTOROLA-MC14489 Datasheet
305Kb / 20P
   Multi-Character LED Display/Lamp Driver
logo
Freescale Semiconductor...
MC14489BPE FREESCALE-MC14489BPE Datasheet
2Mb / 22P
   MuIti-Character lED Display/lamp Driver
logo
Toshiba Semiconductor
TLG336S TOSHIBA-TLG336S Datasheet
262Kb / 6P
   LED LAMP 8.0mm(0.3inch)Character Height Numerical Display
logo
Intersil Corporation
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
   8-Character, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7243 INTERSIL-ICM7243 Datasheet
109Kb / 12P
   8-Character, Microprocessor- Compatible, LED Display Decoder Driver
ICM7244AIM44Z INTERSIL-ICM7244AIM44Z Datasheet
425Kb / 13P
   8-Character, Microprocessor Compatible,LED Display Decoder Driver
January 22, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com