công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N5360B bảng dữ liệu(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

tên linh kiện 1N5360B
Giải thích chi tiết về linh kiện  POWER DISSIPATION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Trang chủ  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1N5360B bảng dữ liệu(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1N5360B Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5360B Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5360B Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5360B Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5360B Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (T
A=25℃)
IR
VR
µA
V
1N5373B
68
20
44
500
0.5
51.7
2.0
1.5
70
1N5374B
75
20
45
620
0.5
56.0
1.9
1.6
63
1N5375B
82
15
65
720
0.5
62.2
1.8
1.8
58
1N5376B
87
15
75
760
0.5
66.0
1.7
2.0
54.5
1N5377B
91
15
75
760
0.5
69.2
1.6
2.2
52.5
1N5378B
100
12
90
800
0.5
76.0
1.5
2.5
47.5
1N5379B
110
12
125
1000
0.5
83.6
1.4
2.5
43.0
1N5380B
120
10
170
1150
0.5
91.2
1.3
2.5
39.5
1N5381B
130
10
190
1250
0.5
98.8
1.2
2.5
36.6
1N5382B
140
8.0
230
1500
0.5
106
1.2
2.5
34.0
1N5383B
150
8.0
330
1500
0.5
114
1.1
3.0
31.6
1N5384B
160
8.0
350
1650
0.5
122
1.1
3.0
29.4
1N5385B
170
8.0
380
1750
0.5
129
1.0
3.0
28.0
1N5386B
180
5.0
430
1750
0.5
137
1.0
4.0
26.4
1N5387B
190
5.0
450
1850
0.5
144
0.9
5.0
25.0
1N5388B
200
5.0
480
1850
0.5
152
0.9
5.0
23.6
NOTE:
1.TOLERANCE AND VOLTAGE DESIGNATION-The JEDEC type numbers shown indicate a tolerance of ±10% with guaranteed limits on only Vz, IR, Ir, and
VF as shown in the electrical characteristics table. Units with guaranteed limits on all seven parameters are indicated by suffix "B" for ±5% tolerance.
2.ZENER VOLTAGE (Vz) AND IMPEDANCE (ZZT & ZZK) - Test conditions for zener voltage and impedance are as follows;Iz is applied 40±10ms prior to
reading. Mounting contacts are located from the inside edge of mounting clips to the body of the diode.
3.SURGE CURRENT (Ir) - Surge current is specified as the maximum allowable peak, non-recurrent square-wave current with a pulse width, PW, of 8.3ms.
The data given in Fig 5. May be used to find the maximum surge current for a quare wave of any pulse width between 1 ms by plotting the applicable
points on logarithmic paper. Examples of this, using the 6.8v and 200v zeners, are shown in Fig 6. Mounting contact located as specified in NOTE 3.
4.VOLTAGE REGULATION (Vz) - Test conditions for voltage regulation are as follows: Vz measurements are the made at 10% and then at 50% of the Iz max
value listed in the electrical characteristics table. The test currents are the same for the 5% and 10% tolerance devices. The test current time druation for
each Vz measurement is 40±10ms.Mounting contact located as specified in NOTE 2.
5.MAXIMUM REGULATOR CURRENT (IZM) - The maximum current shown is based on the maximum voltage of a 5% type unit. Therefore, it applies only to
the B-suffix device. The actual IZM for any device may not exceed the value of 5 watts divided by the actual Vzof the device. TL=75℃ at 3/8" maximum from
the device body.
ZZT@IZK =1µA
Type
(Note 1)
Maximum Zener
Impedance
(Note 2)
ZZT@IZT
Zener voltage
(Note 2)
VZ@IZT
V
IZT
mA
Max Reverse Leakage
Current
IR
(Note 3)
A
VZ
(Note 4)
V
IZM
(Note 5)
mA
1N5333B-1N5388B
Zener Diode
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Số phần tương tự - 1N5360B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
1N5360B MCC-1N5360B Datasheet
333Kb / 6P
   5 Watt Zener Diode 5.1 to 51 Volts Epoxy meets UL 94 V-0 flammability rating
logo
Motorola, Inc
1N5360B MOTOROLA-1N5360B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Diotec Semiconductor
1N5360B DIOTEC-1N5360B Datasheet
91Kb / 2P
   Silicon-Power-Zener Diodes
logo
Semikron International
1N5360B SEMIKRON-1N5360B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
1N5360B EIC-1N5360B Datasheet
59Kb / 3P
   SILICON ZENER DIODES
More results

Mô tả tương tự - 1N5360B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SHIKUES Electronics
PZT2222A SKTECHNOLGY-PZT2222A Datasheet
1Mb / 4P
   Power dissipation
S9013 SKTECHNOLGY-S9013 Datasheet
525Kb / 2P
   Power dissipation
MMBD2838 SKTECHNOLGY-MMBD2838 Datasheet
383Kb / 2P
   Power dissipation
MMBTA13 SKTECHNOLGY-MMBTA13 Datasheet
1Mb / 4P
   Power dissipation
logo
Nanjing International G...
C1815 DGNJDZ-C1815 Datasheet
1Mb / 2P
   Power dissipation
logo
SHIKUES Electronics
2SB709A SKTECHNOLGY-2SB709A Datasheet
2Mb / 3P
   Power Dissipation
S9011 SKTECHNOLGY-S9011 Datasheet
440Kb / 2P
   Power dissipation
logo
List of Unclassifed Man...
UPD75217CW ETC-UPD75217CW Datasheet
714Kb / 19P
   POWER DISSIPATION
logo
Ohmite Mfg. Co.
ACL-FPA600 OHMITE-ACL-FPA600 Datasheet
243Kb / 2P
   Power Dissipation
logo
SHIKUES Electronics
MMBD2836 SKTECHNOLGY-MMBD2836 Datasheet
191Kb / 1P
   Power dissipation
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com