công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FIN3385 bảng dữ liệu(PDF) 9 Page - Fairchild Semiconductor

tên linh kiện FIN3385
Giải thích chi tiết về linh kiện  Low Voltage 28-Bit Flat Panel Display Link Serializers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN3385 bảng dữ liệu(HTML) 9 Page - Fairchild Semiconductor

  FIN3385 Datasheet HTML 1Page - Fairchild Semiconductor FIN3385 Datasheet HTML 2Page - Fairchild Semiconductor FIN3385 Datasheet HTML 3Page - Fairchild Semiconductor FIN3385 Datasheet HTML 4Page - Fairchild Semiconductor FIN3385 Datasheet HTML 5Page - Fairchild Semiconductor FIN3385 Datasheet HTML 6Page - Fairchild Semiconductor FIN3385 Datasheet HTML 7Page - Fairchild Semiconductor FIN3385 Datasheet HTML 8Page - Fairchild Semiconductor FIN3385 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Package Number MTD56
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Số phần tương tự - FIN3385

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN3385 FAIRCHILD-FIN3385 Datasheet
553Kb / 18P
   Low Voltage 28-Bit Flat Panel Display Link Serializers/Deserializers
logo
ON Semiconductor
FIN3385 ONSEMI-FIN3385 Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
logo
Fairchild Semiconductor
FIN3385MTD FAIRCHILD-FIN3385MTD Datasheet
553Kb / 18P
   Low Voltage 28-Bit Flat Panel Display Link Serializers/Deserializers
FIN3385MTDX FAIRCHILD-FIN3385MTDX Datasheet
590Kb / 21P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
logo
ON Semiconductor
FIN3385MTDX ONSEMI-FIN3385MTDX Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
More results

Mô tả tương tự - FIN3385

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN3384 FAIRCHILD-FIN3384 Datasheet
553Kb / 18P
   Low Voltage 28-Bit Flat Panel Display Link Serializers/Deserializers
FIN3385 FAIRCHILD-FIN3385_12 Datasheet
590Kb / 21P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
logo
ON Semiconductor
FIN3385 ONSEMI-FIN3385 Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
logo
Texas Instruments
DS90CR561 TI1-DS90CR561_13 Datasheet
455Kb / 14P
[Old version datasheet]   18-Bit Color Flat Panel Display (FPD) Link
SN65LVDS93B TI1-SN65LVDS93B Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
SN65LVDS93B TI1-SN65LVDS93B_18 Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
logo
National Semiconductor ...
DS90CF582 NSC-DS90CF582 Datasheet
223Kb / 12P
   LVDS 24-Bit Color Flat Panel Display (FPD) Link
DS90CF561 NSC-DS90CF561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
DS90CR561 NSC-DS90CR561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
logo
Texas Instruments
SN65LVDS93B-Q1 TI1-SN65LVDS93B-Q1_18 Datasheet
1Mb / 34P
[Old version datasheet]   10 MHz - 85 MHz Automotive 28-bit Flat Panel Display Link LVDS SerDes Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com