công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FIN3385MTD bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện FIN3385MTD
Giải thích chi tiết về linh kiện  Low Voltage 28-Bit Flat Panel Display Link Serializers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN3385MTD bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  FIN3385MTD Datasheet HTML 1Page - Fairchild Semiconductor FIN3385MTD Datasheet HTML 2Page - Fairchild Semiconductor FIN3385MTD Datasheet HTML 3Page - Fairchild Semiconductor FIN3385MTD Datasheet HTML 4Page - Fairchild Semiconductor FIN3385MTD Datasheet HTML 5Page - Fairchild Semiconductor FIN3385MTD Datasheet HTML 6Page - Fairchild Semiconductor FIN3385MTD Datasheet HTML 7Page - Fairchild Semiconductor FIN3385MTD Datasheet HTML 8Page - Fairchild Semiconductor FIN3385MTD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Pin Descriptions
Connection Diagram
Truth Table
H
= HIGH Logic Level
L
= LOW Logic Level
X
= Don’t Care
Z
= High Impedance
F
= Floating
Note 1: The outputs of the transmitter or receiver will remain in a
High Impedance state until VCC reaches 2V.
Note 2: TxCLKOut
± will settle at a free running frequency when the
part is powered up, PwrDn is HIGH and the TxCLKIn is a steady logic
level (L/H/Z).
Pin Names
I/O Type Number of Pins
Description of Signals
TxIn
I
28/21
LVTTL Level Inputs
TxCLKIn
I
1
LVTTL Level Clock Input
The rising edge is for data strobe.
TxOut
+
O
4/3
Positive LVDS Differential Data Output
TxOut
O
4/3
Negative LVDS Differential Data Output
TxCLKOut
+
O
1
Positive LVDS Differential Clock Output
TxCLKOut
O
1
Negative LVDS Differential Clock Output
R_FB
I
1
Rising Edge Clock (HIGH), Falling Edge Clock (LOW)
PwrDn
I
1
LVTTL Level Power-Down Input
Assertion (LOW) puts the outputs in High Impedance state.
PLL VCC
I
1
Power Supply Pin for PLL
PLL GND
I
2
Ground Pins for PLL
LVDS VCC
I
1
Power Supply Pin for LVDS Outputs
LVDS GND
I
3
Ground Pins for LVDS Outputs
VCC
I
3
Power Supply Pins for LVTTL Inputs
GND
I
5
Ground pins for LVTTL Inputs
NC
No Connect
Inputs
Outputs
TxIn
TxCLKIn
PwrDn
(Note 1)
TxOut
± TxCLKOut±
Active
Active
H
L/H
L/H
Active
L/H/Z
H
L/H
X (Note 2)
FActive
H
L
L/H
F
F
H
L
X (Note 2)
XX
L
Z
Z


Số phần tương tự - FIN3385MTD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN3385MTD FAIRCHILD-FIN3385MTD Datasheet
553Kb / 18P
   Low Voltage 28-Bit Flat Panel Display Link Serializers/Deserializers
FIN3385MTDX FAIRCHILD-FIN3385MTDX Datasheet
590Kb / 21P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
logo
ON Semiconductor
FIN3385MTDX ONSEMI-FIN3385MTDX Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
More results

Mô tả tương tự - FIN3385MTD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN3384 FAIRCHILD-FIN3384 Datasheet
553Kb / 18P
   Low Voltage 28-Bit Flat Panel Display Link Serializers/Deserializers
FIN3385 FAIRCHILD-FIN3385_12 Datasheet
590Kb / 21P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
logo
ON Semiconductor
FIN3385 ONSEMI-FIN3385 Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
logo
Texas Instruments
DS90CR561 TI1-DS90CR561_13 Datasheet
455Kb / 14P
[Old version datasheet]   18-Bit Color Flat Panel Display (FPD) Link
SN65LVDS93B TI1-SN65LVDS93B Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
SN65LVDS93B TI1-SN65LVDS93B_18 Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
logo
National Semiconductor ...
DS90CF582 NSC-DS90CF582 Datasheet
223Kb / 12P
   LVDS 24-Bit Color Flat Panel Display (FPD) Link
DS90CF561 NSC-DS90CF561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
DS90CR561 NSC-DS90CR561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
logo
Texas Instruments
SN65LVDS93B-Q1 TI1-SN65LVDS93B-Q1_18 Datasheet
1Mb / 34P
[Old version datasheet]   10 MHz - 85 MHz Automotive 28-bit Flat Panel Display Link LVDS SerDes Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com