công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BCX70KR bảng dữ liệu(PDF) 1 Page - Zetex Semiconductors |
|
BCX70KR bảng dữ liệu(HTML) 1 Page - Zetex Semiconductors |
1 / 2 page SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTOR ISSUE 2 FEBRUARY 95 PARTMARKING DETAIL BCX70G AG BCX70H AH BCX70J AJ BCX70K AK BCX70GR AW BCX70HR 9P BCX70JR AX BCX70KR P9 COMPLEMENTARY TYPE BCX71 ABSOLUTE MAXIMUM RATINGS. PARAMETER SYMBOL VALUE UNIT Collector-Emitter Voltage VCES 45 V Collector-Emitter Voltage VCEO 45 V Emitter-Base Voltage VEBO 5V Continuous Collector Current IC 200 mA Base Current IB 50 mA Power Dissipation at Tamb=25°C PTOT 330 mW Operating and Storage Temperature Range tj:tstg -55 to +150 °C FOUR TERMINAL NETWORK DATA (Ic=2mA, VCE=5V, f=1kHz) hFEGroup G hFEGroup H hFEGroup J hFEGroup K Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. h11e 1.6 2.7 4.5 2.5 3.6 6.0 3.2 4.5 8.5 4.5 7.5 12 kΩ h12e 1.5 2 2 3 10-4 h21e 200 260 330 520 h22e 18 30 24 50 30 60 50 100 µ S SWITCHING CIRCUIT BCX70 PAGE NO ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated). PARAMETER SYMBOL MIN. TYP. MAX. UNIT CONDITIONS. Collector-Emitter Breakdown Voltage V(BR)CEO 45 V IC=2mA Emitter-Base Breakdown Voltage V(BR)EBO 5V IEBO=1µA Collector-Emitter Cut-off Current ICES 20 20 nA µ A VCES=45V VCES=45V, Tamb=150oC Emitter-Base Cut-Off Current IEBO 20 nA VEBO=4V Collector-Emitter Saturation Voltage VCE(sat) 0.12 0.20 0.35 0.55 V V IC=10mA,IB= 0.25mA IC= 50mA, IB=1.25mA Base-Emitter Saturation Voltage VBE(SAT) 0.60 0.70 0.70 0.83 0.85 1.05 V V IC=10mA,IB=0.25mA, IC=50mA, IB=1.25mA Base - Emitter Voltage VBE 0.55 0.52 0.65 0.78 0.75 V V V IC=10µA, VCE=5V IC=2mA, VCE=5V IC=50mA, VCE=1V Static Forward Current Transfer Ratio BCX70G hFE 120 50 78 170 220 IC=10µA, VCE=5V IC=2mA, VCE=5V IC=50mA, VCE=1V BCX70H hFE 20 180 70 145 250 310 IC=10µA, VCE=5V IC=2mA, VCE=5V IC=50mA, VCE=1V BCX70J hFE 40 250 90 220 350 460 IC=10µA, VCE=5V IC=2mA, VCE=5V IC=50mA, VCE=1V BCX70K hFE 100 380 100 300 500 630 IC=10µA, VCE=5V IC=2mA, VCE=5V IC=50mA, VCE=1V Transition Frequency fT 125 250 MHz IC =10mA, VCE=5V f = 100MHz Emitter-Base Capacitance Cebo 8pF VEBO=0.5V, f =1MHz Collector-Base Capacitance Ccbo 4.5 pF VCBO=10V, f =1MHz Noise Figure N 2 6 dB IC= 0.2mA, VCE= 5V RG =2KΩ, f=1KH ∆ f=200Hz Switching times: Delay Time Rise Time Turn-on Time Storage Time Fall Time Turn-Off Time td tr ton ts tf toff 35 50 85 400 80 480 150 800 ns ns ns ns ns ns IC:IB1:- IB2=10:1:1mA R1=5KΩ, R2=5KΩ VBB=3.6V, RL=990Ω *Measured under pulsed conditions. Pulse width=300µs. Duty cycle Spice parameter data is available upon request for this device BCX70 C B E R1 R2 RL 50Ω VCC(+10V) -VBB +10V tr < 5nsec Zin ≥ 100kΩ Oscilloscope 1µsec tr < 5nsec Mark/Space ratio < 0.01 Zs=50Ω |
Số phần tương tự - BCX70KR |
|
Mô tả tương tự - BCX70KR |