công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N5818S bảng dữ liệu(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

tên linh kiện 1N5818S
Giải thích chi tiết về linh kiện  Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Trang chủ  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1N5818S bảng dữ liệu(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1N5818S Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5818S Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Metal-Semiconductor junction with guard ring
Epitaxial construction
Low forward voltage drop,low switching losses
High surge capability
Case:JEDEC A--405,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,method 208
Polarity: Color band denotes cathode
Weight: 0.008 ounces,0.23 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=70
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
A
For use in low voltage,high frequency inverters free
xxxx
wheeling,and polarity protection applications
IF(AV)
VOLTAGE RANGE: 20 --- 40 V
CURRENT: 1.0 A
A - 405
The plastic material carries U/L recognition 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
1N5817S
3.Thermal resistance junction to ambient
mA
IR
IFSM
NOTE: 1. Pulse test : 300
s pulse width,1% duty cy cle.
2. Measured at 1.0MH
Z and applied rev erse v oltage of 4. 0V DC.
A
50
- 55 ---- + 125
- 55 ---- + 150
110
1.0
10.0
1.0
40
Maximum instantaneous forw ard voltage @ 1.0A
z (Note 1)
@ 3.0A
VF
14
20
V
1N5818S
1N5819S
40
28
30
21
30
25.0
20
0.90
0.60
0.45
0.75
0.55
0.875
Dimensions in millimeters
1N5817S-1N5819S
Schottky Barrier Rectifiers
Features
Mechanical Data
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Số phần tương tự - 1N5818S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Galaxy Semi-Conductor H...
1N5818S BILIN-1N5818S Datasheet
52Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
1N5818S SY-1N5818S Datasheet
989Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
1N5818S SHUNYE-1N5818S Datasheet
989Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
1N5818S CHENDA-1N5818S Datasheet
624Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Diode Semiconductor Kor...
1N5818S DSK-1N5818S Datasheet
242Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Mô tả tương tự - 1N5818S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com