công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAPA318 bảng dữ liệu(PDF) 1 Page - Axiomtek Co., Ltd.

tên linh kiện CAPA318
Giải thích chi tiết về linh kiện  3.5 Embedded SBC with Intel짰 Pentium Processor N4200 & Celeron Processor N3350, VGA/LVDS, Dual LANs and Audio
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AXIOMTEK [Axiomtek Co., Ltd.]
Trang chủ  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CAPA318 bảng dữ liệu(HTML) 1 Page - Axiomtek Co., Ltd.

  CAPA318 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
128
axiomtek.com
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
1
0
© 2017 Axiomtek Co., Ltd. All rights reserved.
CPU
Intel® Pentium® processor N4200/Celeron® processor
N3350 onboard
System Memory
1 x 204-pin DDR3L-1867 SO-DIMM, up to 8GB
Chipset
SoC Integrated
BIOS
AMI
SSD
N/A
Watchdog Timer
65536 levels, 1 ~ 65535 sec.
Expansion Interface
1 x full-Size PCI Express Mini Card with mSATA supported
1 x full-Size PCI Express Mini Card
1 x SIM slot
Battery Lithium
Lithium 3 V/220 mAH
Power Input
2 x 2-pin connector
+12V DC-in only
AT Auto Power On function supported
Power Requirements
Intel® Pentium® N4200 @ 1.1 GHz, 8GB DDR3L
Max. RMS. +12V @ 1.5A
Intel® Celeron® N3350 @ 1.1 GHz, 8GB DDR3L
Max. RMS. +12V @ 1.3A
Size
146 x 104 mm
Board Thickness
1.6 mm
Temperature
-20°C ~ +70°C (-4°F ~ +158°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
MIO
2 x RS-232
SATA
1 x SATA-600
Hardware Monitoring
Detect CPU/system temperature and voltage
Ethernet
2 ports 10/100/1000 Mbps support Wake-on-LAN,
PXE Boot ROM with Intel® i211AT
Audio
HD Codec audio as MIC-in/Line-in/Line-out with Realtek
ALC662
USB
2 x USB 2.0
2 x USB 3.0
I2C
I
2C Bus for advanced monitoring/control
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
8 Channels IN/OUT programmed
Chipset
Intel®integrated Gfx graphic engine
Memory Size
Share System memory
Display Interface
1 x VGA
1 x LVDS; 18/24-bit single/dual channel
CAPA318
3.5" Embedded SBC with Intel® Pentium® Processor N4200 & Celeron® Processor
N3350, VGA/LVDS, Dual LANs and Audio
NEW
Standard
CAPA318VGGA-N4200
(P/N:E38E318101)
3.5" Embedded SBC with Intel® Pentium® processor N4200
(1.1 ~ 2.5 GHz, 2MB Cache, 6W) VGA/LVDS, 2 GbE LANs
and audio
CAPA318VGGA-N3350
(P/N:E38E318100)
3.5" Embedded SBC with Intel® Celeron® processor N3350
(1.1 ~ 2.4 GHz, 2MB Cache, 6W) VGA/LVDS, 2 GbE LANs,
and audio
I/O
Core System
Display
Ordering Information
Features
Intel® Pentium® processor N4200/Celeron® processor
N3350
1 DDR3L SO-DIMM, up to 8GB
2 USB 2.0 and 2 USB 3.0 ports
PCI Express Mini card with mSATA supported
Top view
Rear view
VGA
Ethernet 2
USB 3.0 1/2
Ethernet 1
Full-Size
PCIe Mini
Card with
mSATA
supported
Full-Size PCIe
Mini Card
DDR3L SO-DIMM
COM 1
Audio
(Line-out)
Audio
(Mic-in/Line-in/
Line-out)
COM 2
USB 2.0 1/2
LVDS
+12V power
input
SATA
Fanless
Low Power
Full Solid
Cap Design
AiRD
PCIe Mini
PCIe Mini
PCIe Mini
DualView
DDR3L
DDR3L
DDR3L
Packing List
Standard
Quick installation guide, user’s manual/utility CD
Updated Jun. 27, 2017.


Số phần tương tự - CAPA318

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Axiomtek Co., Ltd.
CAPA312 AXIOMTEK-CAPA312 Datasheet
276Kb / 1P
   3.5 Embedded SBC with Intel짰 Pentium짰 Processor N4200 & Celeron짰 Processor 3.5" Embedded SBC with Intel짰 Pentium짰 Processor N4200 & Celeron짰 Processor
CAPA313 AXIOMTEK-CAPA313 Datasheet
402Kb / 1P
   3.5??Embedded SBC with Intel짰 Pentium짰 Processor N4200 & Celeron짰 Processor N3350, LVDS/HDMI, Dual GbE LANs and Audio
CAPA315 AXIOMTEK-CAPA315 Datasheet
343Kb / 1P
   3.5??Embedded SBC with Intel짰 Pentium짰 N4200 & Celeron짰 N3350 Processor Dual HDMI, eDP, Dual GbE LANs and Audio
More results

Mô tả tương tự - CAPA318

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Axiomtek Co., Ltd.
CAPA313 AXIOMTEK-CAPA313 Datasheet
402Kb / 1P
   3.5??Embedded SBC with Intel짰 Pentium짰 Processor N4200 & Celeron짰 Processor N3350, LVDS/HDMI, Dual GbE LANs and Audio
CAPA315 AXIOMTEK-CAPA315 Datasheet
343Kb / 1P
   3.5??Embedded SBC with Intel짰 Pentium짰 N4200 & Celeron짰 N3350 Processor Dual HDMI, eDP, Dual GbE LANs and Audio
PICO313 AXIOMTEK-PICO313 Datasheet
446Kb / 1P
   Pico-ITX SBC with Intel Pentium Processor N4200 & Celeron Processor N3350, LVDS
CAPA842 AXIOMTEK-CAPA842 Datasheet
337Kb / 1P
   Intel Celeron Processor J1900/N2807 3.5 Embedded SBC with LVDS/VGA/HDMI,Dual LANs and Audio
CAPA841 AXIOMTEK-CAPA841 Datasheet
395Kb / 1P
   Intel짰 Atom Processor E3845/E3827 3.5 Embedded SBC with LVDS/VGA/HDMI,Dual LANs and Audio
PICO312 AXIOMTEK-PICO312_17 Datasheet
322Kb / 1P
   Pico-ITX SBC with Intel Pentium Processor N4200 & Celeron Processor N3350
CAPA312 AXIOMTEK-CAPA312 Datasheet
276Kb / 1P
   3.5 Embedded SBC with Intel짰 Pentium짰 Processor N4200 & Celeron짰 Processor 3.5" Embedded SBC with Intel짰 Pentium짰 Processor N4200 & Celeron짰 Processor
NA345 AXIOMTEK-NA345_17 Datasheet
394Kb / 1P
   Desktop Network Appliance Platform with Intel Pentium Processor N4200/ Celeron Processor N3350 and 4 LANs
Q7M311 AXIOMTEK-Q7M311 Datasheet
269Kb / 1P
   Qseven Module with Intel Pentium Processor N4200 & Celeron Processor N3350
CAPA848 AXIOMTEK-CAPA848_17 Datasheet
255Kb / 1P
   3.5 Embedded SBC with Intel짰 Celeron짰 Processor N2807, LVDS/VGA/HDMI
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com