công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7981 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD7981
Giải thích chi tiết về linh kiện  High Temperature, 16-Bit, 600 kSPS PulSAR ADC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7981 bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD7981 Datasheet HTML 1Page - Analog Devices AD7981 Datasheet HTML 2Page - Analog Devices AD7981 Datasheet HTML 3Page - Analog Devices AD7981 Datasheet HTML 4Page - Analog Devices AD7981 Datasheet HTML 5Page - Analog Devices AD7981 Datasheet HTML 6Page - Analog Devices AD7981 Datasheet HTML 7Page - Analog Devices AD7981 Datasheet HTML 8Page - Analog Devices AD7981 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
High Temperature, 16-Bit,
600 kSPS PulSAR ADC
Data Sheet
AD7981
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Extreme high temperature operation
Specified temperature range
−55°C to +210°C (10-lead FLATPACK)
−55°C to +175°C (10-Lead MSOP)
High performance
16-bit resolution with no missing codes
600 kSPS throughput with no latency/pipeline delay
SNR: 91 dB typical at 1 kHz input frequency
THD: −102 dB typical at 1 kHz input frequency
INL: ±2.5 LSB maximum, DNL: ±0.9 LSB maximum
Low power
2.25 mW typical at 600 kSPS (VDD only)
4.65 mW typical at 600 kSPS (total)
75 µW typical at 10 kSPS
Small footprint
10-lead, 3 mm × 3 mm, monometallic wire bonding MSOP
10-lead, 0.255 mm × 0.255 mm, monometallic wire
bonding FLATPACK
Pseudo differential analog input range
0 V to VREF with VREF between 2.4 V and 5.1 V
Single-supply 2.5 V operation with 1.8 V to 5 V logic interface
SPI-/QSPI-/MICROWIRE-/DSP-compatible digital interface
Daisy-chain multiple ADCs and busy indicator
APPLICATIONS
Downhole drilling and instrumentation
Avionics
Heavy industrial
High temperature environments
TYPICAL APPLICATION CIRCUIT
Figure 1.
GENERAL DESCRIPTION
The AD79811 is a 16-bit, successive approximation, PulSAR®
analog-to-digital converter (ADC) designed for high temperature
operation. The AD7981 is capable of sample rates of up to 600 kSPS
while maintaining low power consumption from a single power
supply, VDD. It is a fast throughput, high accuracy, high tempera-
ture, successive approximation register (SAR) ADC, packaged in a
small form factor with a versatile serial port interface (SPI).
On the CNV rising edge, the AD7981 samples an analog input,
IN+, between 0 V and REF with respect to a ground sense, IN−.
The reference voltage, REF, is applied externally and can be set
independent of the supply voltage, VDD. The device power
scales linearly with throughput.
The SPI-compatible serial interface also features the ability,
using the SDI input, to daisy-chain several ADCs on a single,
3-wire bus and provides an optional busy indicator. It is compatible
with 1.8 V, 2.5 V, 3 V, or 5 V logic, using the separate supply, VIO.
For space constrained applications, the AD7981 is available in a
10-lead mini small outline package (MSOP) with operation speci-
fied from −55°C to +175°C and 10-lead ceramic flat package
(FLATPACK) with operation specified from −55°C to +210°C.
These packages are designed for robustness at extreme tempera-
tures, including monometallic wire bonding, and are qualified
for up to 1000 hours of operation at the maximum temperature
rating.
The AD7981 is a member of a growing series of high temperature
qualified products offered by Analog Devices, Inc. For a complete
selection of available high temperature products, see the high
temperature product list and qualification data available at
www.analog.com/hightemp.
1
Protected by U.S. Patent 6,703,961.
AD7981
REF
GND
VDD
IN+
IN–
VIO
SDI
SCK
SDO
CNV
1.8V TO 5.0V
3- OR 4-WIRE INTERFACE
(SPI, DAISY CHAIN, CS)
2.5V to 5.0V
2.5V
0V TO VREF


Số phần tương tự - AD7981

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7981 AD-AD7981 Datasheet
743Kb / 25P
   High Temperature, 16-Bit, 600 kSPS PulSAR ADC
AD7981HRMZ AD-AD7981HRMZ Datasheet
743Kb / 25P
   High Temperature, 16-Bit, 600 kSPS PulSAR ADC
More results

Mô tả tương tự - AD7981

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7981 AD-AD7981 Datasheet
743Kb / 25P
   High Temperature, 16-Bit, 600 kSPS PulSAR ADC
AD7699 AD-AD7699 Datasheet
542Kb / 28P
   16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7664 AD-AD7664_17 Datasheet
556Kb / 25P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
AD7694 AD-AD7694_05 Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7664ASTZRL AD-AD7664ASTZRL Datasheet
320Kb / 24P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
REV. E
AD7685 AD-AD7685 Datasheet
542Kb / 29P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7686 AD-AD7686 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7660 AD-AD7660_17 Datasheet
488Kb / 21P
   16-Bit, 100 kSPS PulSAR Unipolar CMOS ADC
AD7694 AD-AD7694 Datasheet
448Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com