công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7124-8BCPZ-RL bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD7124-8BCPZ-RL
Giải thích chi tiết về linh kiện  8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7124-8BCPZ-RL bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD7124-8BCPZ-RL Datasheet HTML 6Page - Analog Devices AD7124-8BCPZ-RL Datasheet HTML 7Page - Analog Devices AD7124-8BCPZ-RL Datasheet HTML 8Page - Analog Devices AD7124-8BCPZ-RL Datasheet HTML 9Page - Analog Devices AD7124-8BCPZ-RL Datasheet HTML 10Page - Analog Devices AD7124-8BCPZ-RL Datasheet HTML 11Page - Analog Devices AD7124-8BCPZ-RL Datasheet HTML 12Page - Analog Devices AD7124-8BCPZ-RL Datasheet HTML 13Page - Analog Devices AD7124-8BCPZ-RL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
Data Sheet
AD7124-8
Rev. D | Page 9 of 92
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC OUTPUTS (INCLUDING CLK)
Output Voltage2
High, VOH
IOVDD
0.35
V
ISOURCE = 100 µA
Low, VOL
0.4
V
ISINK = 100 µA
Floating State Leakage Current
−1
+1
µA
Floating State Output Capacitance
10
pF
Data Output Coding
Offset binary
SYSTEM CALIBRATION2
Calibration Limit
Full-Scale
1.05 × FS
V
Zero-Scale
−1.05 × FS
V
Input Span
0.8 × FS
2.1 × FS
V
POWER SUPPLY VOLTAGES FOR ALL POWER
MODES
AVDD to AVSS
Low Power Mode
2.7
3.6
V
Mid Power Mode
2.7
3.6
V
Full Power Mode
2.9
3.6
V
IOVDD to GND
1.65
3.6
V
AVSS to GND
−1.8
0
V
IOVDD to AVSS
5.4
V
POWER SUPPLY CURRENTS11, 13
IAVDD, External Reference
Low Power Mode
Gain = 12
125
140
µA
All buffers off
Gain = 1 IAVDD Increase per AINx Buffer2
15
25
µA
Gain = 2 to 8
205
250
µA
Gain = 16 to 128
235
300
µA
IAVDD Increase per Reference Buffer2
10
20
µA
All gains
Mid Power Mode
Gain = 12
150
170
µA
All buffers off
Gain = 1 IAVDD Increase per AINx Buffer2
30
40
µA
Gain = 2 to 8
275
345
µA
Gain = 16 to 128
330
430
µA
IAVDD Increase per Reference Buffer2
20
30
µA
All gains
Full Power Mode
Gain = 12
315
350
µA
All buffers off
Gain = 1 IAVDD Increase per AINx Buffer2
90
135
µA
Gain = 2 to 8
660
830
µA
Gain = 16 to 128
875
1200
µA
IAVDD Increase per Reference Buffer2
85
120
µA
All gains
IAVDD Increase
Due to Internal Reference2
50
70
µA
Independent of power mode; the
reference buffers are not required
when using this reference
Due to VBIAS2
15
20
µA
Independent of power mode
Due to Diagnostics2
4
5
µA
IIOVDD
Low Power Mode
20
35
µA
Mid Power Mode
25
40
µA
Full Power Mode
55
80
µA


Số phần tương tự - AD7124-8BCPZ-RL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7124-8BCPZ-RL AD-AD7124-8BCPZ-RL Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8BCPZ-RL7 AD-AD7124-8BCPZ-RL7 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
More results

Mô tả tương tự - AD7124-8BCPZ-RL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7190 AD-AD7190 Datasheet
178Kb / 21P
   4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
logo
Maxim Integrated Produc...
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com