công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7091R-5BCPZ-RL7 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD7091R-5BCPZ-RL7
Giải thích chi tiết về linh kiện  4-Channel, I 2 C, Ultralow Power 12-Bit ADC in 20-Lead LFCSP/TSSOP
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7091R-5BCPZ-RL7 bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD7091R-5BCPZ-RL7 Datasheet HTML 1Page - Analog Devices AD7091R-5BCPZ-RL7 Datasheet HTML 2Page - Analog Devices AD7091R-5BCPZ-RL7 Datasheet HTML 3Page - Analog Devices AD7091R-5BCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD7091R-5BCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD7091R-5BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7091R-5BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7091R-5BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7091R-5BCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
AD7091R-5
Data Sheet
Rev. 0 | Page 4 of 34
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CONVERSION RATE
Conversion Time
550
ns
Update Rate
Autocycle Setting 00
90
100
110
μs
Autocycle Setting 01
180
200
220
μs
Autocycle Setting 10
360
400
440
μs
Autocycle Setting 11
720
800
880
μs
Throughput Rate
fSCL = 400 kHz, command mode
22.22
kSPS
POWER REQUIREMENTS
VDD
2.7
5.25
V
VDRIVE Range
1.8
5.25
V
IDD
VIN = 0 V
Normal Mode—Static
VDD = 5.25 V
22
50
µA
VDD = 3 V
21.6
46
µA
Normal Mode—Operational
VDD = 5.25 V, fSCL = 400 kHz
26
55
µA
VDD = 3 V, fSCL = 400 kHz
24
52
µA
VDD = 5.25 V, fSCL = 100 kHz
25
54
µA
VDD = 3 V, fSCL = 100 kHz
23
51
µA
VDD = 3 V, autocycle mode
70
105
µA
Power-Down Mode
VDD = 5.25 V
0.550
17
µA
VDD = 5.25 V, TA = −40°C to +85°C
0.550
8
µA
VDD = 3 V
0.435
15
µA
IDRIVE
VIN = 0 V
Normal Mode—Static
VDRIVE = 5.25 V
2
4
µA
VDRIVE = 3 V
1
3.5
µA
Normal Mode—Operational
VDRIVE = 5.25 V, fSCL = 400 kHz
6
15
µA
VDRIVE = 3 V, fSCL = 400 kHz
5
14
µA
VDRIVE = 5.25 V, fSCL = 100 kHz
5
14
µA
VDRIVE = 3 V, fSCL = 100 kHz
4
13
µA
Total Power Dissipation4
VIN = 0 V
Normal Mode—Static
VDD = VDRIVE = 5.25 V
130
290
µW
VDD = VDRIVE = 3 V
70
150
µW
Normal Mode—Operational
VDD = VDRIVE = 5.25 V, fSCL = 400 kHz
170
370
µW
VDD = VDRIVE = 3 V, fSCL = 400 kHz
90
200
µW
VDD = VDRIVE = 5.25 V, fSCL = 100 kHz
160
360
µW
VDD = VDRIVE = 3 V, fSCL = 100 kHz
85
195
µW
VDD = VDRIVE = 3 V, autocycle mode
210
315
µW
Power-Down Mode
VDD = 5.25 V
3
95
µW
VDD = 5.25 V, TA = −40°C to +85°C
3
33
µW
VDD = VDRIVE = 3 V
1.4
50
µW
1
The multiplexer input voltage must not exceed VDD.
2
Sample tested during initial release to ensure compliance.
3
When referring to a single function of a multifunction pin in the parameters, only the portion of the pin name that is relevant to the specification is listed. For full pin
names of multifunction pins, see the Pin Configurations and Function Descriptions section.
4
Total power dissipation includes contributions from VDD, VDRIVE, and REFIN (see Note 3).


Số phần tương tự - AD7091R-5BCPZ-RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7091R-5BCPZ-RL7 AD-AD7091R-5BCPZ-RL7 Datasheet
699Kb / 34P
   4-Channel, I2C, Ultralow Power, 12-Bit ADC in 20-Lead LFCSP/TSSOP
More results

Mô tả tương tự - AD7091R-5BCPZ-RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7091R-5 AD-AD7091R-5 Datasheet
699Kb / 34P
   4-Channel, I2C, Ultralow Power, 12-Bit ADC in 20-Lead LFCSP/TSSOP
logo
List of Unclassifed Man...
AD7091R-2BRUZ ETC2-AD7091R-2BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
logo
Analog Devices
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
AD7091RBRMZ AD-AD7091RBRMZ Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091R AD-AD7091R Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7927 AD-AD7927_15 Datasheet
407Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. D
AD7927 AD-AD7927 Datasheet
276Kb / 20P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com