công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC2300 bảng dữ liệu(PDF) 11 Page - List of Unclassifed Manufacturers

tên linh kiện MC2300
Giải thích chi tiết về linh kiện  Navigator Motion Processor
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

MC2300 bảng dữ liệu(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MC2300 Datasheet HTML 7Page - List of Unclassifed Manufacturers MC2300 Datasheet HTML 8Page - List of Unclassifed Manufacturers MC2300 Datasheet HTML 9Page - List of Unclassifed Manufacturers MC2300 Datasheet HTML 10Page - List of Unclassifed Manufacturers MC2300 Datasheet HTML 11Page - List of Unclassifed Manufacturers MC2300 Datasheet HTML 12Page - List of Unclassifed Manufacturers MC2300 Datasheet HTML 13Page - List of Unclassifed Manufacturers MC2300 Datasheet HTML 14Page - List of Unclassifed Manufacturers MC2300 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
MC2300 Technical Specifications
11
2 Functional Characteristics
2.1
Configurations, parameters, and performance
Available configurations
4 axes (MC2340), 2 axes (MC2320), or 1 axis (MC2310)
Operating modes
Closed loop (motor command is driven from output of servo filter)
Open loop (motor command is driven from user-programmed register)
Communication modes
8/8 parallel (8 bit external parallel bus with 8 bit internal command word size)
8/16 parallel (8 bit external parallel bus with 16 bit internal command word size)
16/16 parallel (16 bit external parallel bus with 16 bit internal command word
size)
Point to point asynchronous serial
Multidrop asynchronous serial
Serial port baud rate range
1,200 baud to 416,667 baud
Position range
-2,147,483,648 to +2,147,483,647 counts
Velocity range
-32,768 to +32,767 counts/sample with a resolution of 1/65,536 counts/sample
Acceleration/deceleration
ranges
-32,768 to +32,767 counts/sample2 with a resolution of 1/65,536 counts/sample2
Jerk range
0 to ½ counts/sample3, with a resolution of 1/4,294,967,296 counts/sample3
Profile modes
S-curve point-to-point (Velocity, acceleration, jerk, and position parameters)
Trapezoidal point-to-point (Velocity, acceleration, deceleration, and position
parameters)
Velocity-contouring (Velocity, acceleration, and deceleration parameters)
Electronic Gear (Encoder or trajectory position of one axis used to drive a second
axis. Master and slave axes and gear ratio parameters)
Electronic gear ratio range
-32,768 to +32,767 with a resolution of 1/65,536 (negative and positive direction)
Filter modes
Scalable PID + Velocity feedforward + Acceleration feedforward + Bias. Also
includes integration limit, settable derivative sampling time, and output motor
command limiting
Filter parameter resolution
16 bits
Position error tracking
Motion error window (allows axis to be stopped upon exceeding programmable
window)
Tracking window (allows flag to be set if axis exceeds a programmable position
window)
Axis settled (allows flag to be set if axis exceeds a programmable position
window for a programmable amount of time after trajectory motion is compete)
Motor output modes
PWM (10-bit resolution at 20 kHz)
DAC (16 bits)
Commutation rate
20KHz for MC2310 and MC2320, 10KHz for MC2340
Maximum encoder rate
Incremental (up to 5 Mcounts/sec)
Parallel-word (up to 160 Mcounts/sec)
Parallel encoder word size
16 bits
Parallel encoder read rate
20 kHz (reads all axes every 50
µsec)
Hall sensor inputs
3 Hall effect inputs per axis (TTL level signals)
Servo loop timing range
153.6
µsec to 32.767 milliseconds


Số phần tương tự - MC2300

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MC2300 ETC1-MC2300 Datasheet
1Mb / 59P
   Technical Specifications for Brushless Servo Motion Control
More results

Mô tả tương tự - MC2300

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MC2500 ETC1-MC2500 Datasheet
1Mb / 52P
   Navigator Motion Processor
MC2400 ETC1-MC2400 Datasheet
1Mb / 59P
   Navigator Motion Processor
MC3310 ETC-MC3310 Datasheet
1Mb / 83P
   Motion Processor
MC3110 ETC-MC3110 Datasheet
1Mb / 81P
   Pilot??Motion Processor
MC3510 ETC1-MC3510 Datasheet
1,023Kb / 75P
   Pilot Motion Processor
logo
STMicroelectronics
STI3220 STMICROELECTRONICS-STI3220 Datasheet
2Mb / 24P
   MOTION ESTIMATION PROCESSOR
logo
List of Unclassifed Man...
MC58000 ETC1-MC58000 Datasheet
443Kb / 50P
   Magellan Motion Processor
logo
Ensign Corporation
U012-2-010X ENSIGN-U012-2-010X Datasheet
259Kb / 1P
   NAVIGATOR CLASS
logo
Gennum Corporation
GF9331 GENNUM-GF9331 Datasheet
474Kb / 31P
   DTV/SDTV Motion Co-processor
logo
Ensign Corporation
U006-2-010X ENSIGN-U006-2-010X Datasheet
260Kb / 1P
   NAVIGATOR CLASS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com