công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC26LS30D bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện MC26LS30D
Giải thích chi tiết về linh kiện  Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC26LS30D bảng dữ liệu(HTML) 7 Page - ON Semiconductor

Back Button MC26LS30D Datasheet HTML 3Page - ON Semiconductor MC26LS30D Datasheet HTML 4Page - ON Semiconductor MC26LS30D Datasheet HTML 5Page - ON Semiconductor MC26LS30D Datasheet HTML 6Page - ON Semiconductor MC26LS30D Datasheet HTML 7Page - ON Semiconductor MC26LS30D Datasheet HTML 8Page - ON Semiconductor MC26LS30D Datasheet HTML 9Page - ON Semiconductor MC26LS30D Datasheet HTML 10Page - ON Semiconductor MC26LS30D Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MC26LS30
http://onsemi.com
7
VOD
Single-Ended Mode
Mode = 1
VCC = 5.0 V, VEE = -5.0 V
Vin = 1
4.0
0
3.5
4.5
IOH, OUTPUT CURRENT (mA)
-60
-40
-30
-50
-20
-10
3.0
-4.75
0
-3.25
-3.75
60
50
40
30
-4.25
20
10
IOL, OUTPUT CURRENT (mA)
Single-Ended Mode
Mode = 1
VCC = 5.0 V, VEE = -5.0 V
Vin = 0
Figure 6. Differential Output Voltage
versus Load Current
Figure 7. Internal Bias Current
versus Load Current
Figure 8. Short Circuit Current
versus Output Voltage
Figure 9. Input Current versus Input Voltage
Figure 10. Output Voltage versus
Output Source Current
Figure 11. Output Voltage versus
Output Sink Current
IO
VCC = 5.25 V
Vza, APPLIED OUTPUT VOLTAGE (V)
Pins 2 to 4, 6, 7
-5.0 V t VEE t 0
Differential or
Single-Ended Mode
VCC = 0
+5.0
0
-5.0
-10
-15
-20
-25
15
13
11
9.0
7.0
5.0
3.0
1.0
-1.0
1.0
Normally High Output
+100
+60
+20
-20
-60
-100
6.0
5.0
4.0
3.0
2.0
0
20
40
30
20
120
100
80
60
040
5.0
4.0
3.0
2.0
1.0
0
60
50
40
30
20
10
0
0.8 or
2.0 V
IO, OUTPUT CURRENT (mA)
10
Vin, INPUT VOLTAGE (V)
Normally Low Output
VCC = 5.0 V
Differential Mode
Mode = 0, VCC = 5.0 V
Differential Mode
Mode = 0, VCC = 5.0 V
Differential Mode
Mode = 0
Supply Current = Bias Current + Load Current
TOTAL LOAD CURRENT (mA)
(Pin numbers refer to SO–16 package only.)


Số phần tương tự - MC26LS30D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC26LS30D ONSEMI-MC26LS30D Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
MC26LS30DG ONSEMI-MC26LS30DG Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
MC26LS30DR2 ONSEMI-MC26LS30DR2 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
MC26LS30DR2G ONSEMI-MC26LS30DR2G Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
More results

Mô tả tương tự - MC26LS30D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30_05 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
MM78C29 NSC-MM78C29 Datasheet
157Kb / 8P
   Quad Single-Ended, Dual Differential Line Driver
logo
ON Semiconductor
MC74172B ONSEMI-MC74172B Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
   Quad Single-Ended Line Driver . Dual Differential Line Driver
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
   DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
Advanced Micro Devices
AM26LS29 AMD-AM26LS29 Datasheet
382Kb / 6P
   QUAD THREE-STATE SINGLE ENDED RS-423 LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com