công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BATT-36V-C bảng dữ liệu(PDF) 1 Page - Extech Instruments Corporation.

tên linh kiện BATT-36V-C
Giải thích chi tiết về linh kiện  3.6V Lithium Battery (C-Size)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXTECH [Extech Instruments Corporation.]
Trang chủ  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

BATT-36V-C bảng dữ liệu(HTML) 1 Page - Extech Instruments Corporation.

  BATT-36V-C Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
BATT-36V-C
3.6V Lithium Battery (C-Size)
Primary, C-size bobbin cell, non-rechargeable battery. It contains
non-flammable electrolyte and is UL recognized. Durable battery
used on most meters that accept C-size batteries. Sustains battery
life more than 10 years depending on application use. Provides
higher power and energy and has superior drain capability.
Features
High and stable operating voltage
Higher power and higher energy for the
whole battery life
Superior drain capability
Higher power applications
Low self-discharge rate (less than 1% after
1 year of storage at +20°C)
Battery life higher than 10 years, depending
on the application
Hermetic glass-to-metal sealing
Avoid leakage, key for a higher than 10 year battery life
Non-flammable electrolyte
Safer operation in case of abuse
Complete with one 3.6V Lithium C-size battery
Ordering
BATT-36V-C ............... 3.6V Lithium Battery (C-Size)
www.extech.com
Specifications subject to change without notice. Copyright © 2016 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
Rev. 6/7/16
UPC Code: 793950740361
Specifications
Cell Type
Primary, non-rechargeable
Chemistry
Lithium Thionyl Chloride
Voltage Range
2.0 to 3.7V
Nominal Voltage
3.6V
Nominal Capacity
9Ah @ 2mA to 2.0V @ 23°C
Max. Continuous Discharge Current
200mA continuous
Max. Pulse Discharge Current
Up to 400mA (life and temperature dependent)
Exterior/Housing
Stainless steel container
Terminals/Connector
Radial tabs / radial pins / axial leads / flying leads
Weight
2oz (55g)


Số phần tương tự - BATT-36V-C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BATT-14AAAPACK NXP-BATT-14AAAPACK Datasheet
850Kb / 16P
   Configurable AAA Battery Pack
Rev. 1.0, 10/2015
More results

Mô tả tương tự - BATT-36V-C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shenzhenshi YONGFUKANG ...
TP5000 YONGFUKANG-TP5000 Datasheet
427Kb / 14P
   2A switch type 4.2V lithium battery / 3.6V iron lithium battery charger
logo
Shenzhen Huazhimei Semi...
HM5065B HMSEMI-HM5065B Datasheet
1Mb / 19P
   2A switch type 4.2V/4.35 lithium battery/3.6V
logo
List of Unclassifed Man...
ER34615 ETC1-ER34615 Datasheet
113Kb / 2P
   LITHIUM BATTERY
logo
SHOUDING Shouding Semic...
SD8065 SHOUDING-SD8065 Datasheet
1Mb / 13P
   Lithium titanate battery, lithium battery charge manager
logo
PowerDynamics, Inc
PDSN-24-4A POWERDYNAMICS-PDSN-24-4A Datasheet
45Kb / 1P
   4X C SIZE BATTERY HOLDER
logo
Shenzhen Huazhimei Semi...
HM8201A HMSEMI-HM8201A Datasheet
1Mb / 8P
   lithium battery size current switching control charging circuit
logo
Billiton Ltd.
TP5602 ASIC-TP5602 Datasheet
1Mb / 22P
   LIthIum-battery lIthIum-synchronous type 3 A lithium battery charge
logo
Power Sonic Corporation
PSL-SC-12750-G24 POWER-SONIC-PSL-SC-12750-G24 Datasheet
522Kb / 2P
   Rechargeable Lithium Battery
PSL-SH-12110 POWER-SONIC-PSL-SH-12110 Datasheet
758Kb / 2P
   Rechargeable Lithium Battery
logo
Shanghai Consonance Ele...
CN3066B CONSONANCE-CN3066B Datasheet
378Kb / 12P
   Lithium Battery Charger
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com