công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS7025-CTM bảng dữ liệu(PDF) 9 Page - Gennum Corporation

tên linh kiện GS7025-CTM
Giải thích chi tiết về linh kiện  Serial Digital Receiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7025-CTM bảng dữ liệu(HTML) 9 Page - Gennum Corporation

Back Button GS7025-CTM Datasheet HTML 5Page - Gennum Corporation GS7025-CTM Datasheet HTML 6Page - Gennum Corporation GS7025-CTM Datasheet HTML 7Page - Gennum Corporation GS7025-CTM Datasheet HTML 8Page - Gennum Corporation GS7025-CTM Datasheet HTML 9Page - Gennum Corporation GS7025-CTM Datasheet HTML 10Page - Gennum Corporation GS7025-CTM Datasheet HTML 11Page - Gennum Corporation GS7025-CTM Datasheet HTML 12Page - Gennum Corporation GS7025-CTM Datasheet HTML 13Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
GENNUM CORPORATION
522 - 80 - 00
9
provides
a
100mVp-p signal
when
driving
a
50
oscilloscope input. Due to additional power consumed by
this diagnostic circuit, it is not recommended for continuous
operation.
2. RECLOCKER
The reclocker receives a differential serial data stream from
the internal multiplexer. It locks an internal clock to the
incoming data. It outputs the differential PECL retimed data
signal on SDO/SDO. It outputs the recovered clock on SCO/
SCO. The timing between the output and clock signals is
shown in Figure 9.
Fig. 9 Output and Clock Signal Timing
The reclocker contains three main functional blocks: the
Phase Locked Loop, Frequency Acquisition, and Logic
Circuit.
2-1. Phase Locked Loop (PLL)
The Phase Locked Loop locks the internal PLL clock to the
incoming data rate. A simplified block diagram of the PLL is
shown below. The main components are the VCO, the
phase detector, the charge pump, and the loop filter.
Fig. 10 Simplified Block Diagram of the PLL
2-2. VCO
The VCO is a differential low phase noise, factory trimmed
oscillator that provides increased immunity to PCB noise
and precise control of the VCO centre frequency. The VCO
has a pull range of ±15% about the centre frequency. A
single low impedance external resistor, RVCO, sets the VCO
centre frequency. The low impedance RVCO minimizes
thermal noise and reduces the PLL's sensitivity to PCB
noise.
The
recommended
RVCO value
for
SMPTE
259M-C
applications is 365
Ω.
When the input data stream is removed for an excessive
period of time
(see AC electrical characteristics table), the
VCO frequency can drift from the 270Mb/s centre frequency
to the limits shown in Table1.
2-3. Phase Detector
The phase detector compares the phase of the PLL clock
with the phase of the incoming data signal and generates
error correcting timing pulses. The phase detector design
provides a linear transfer function which maximizes the
input jitter tolerance of the PLL.
2-4. Charge Pump
The charge pump takes the phase detector output timing
pulses and creates a charge packet that is proportional to
the system phase error. A unique differential charge pump
design insures that the output phase does not drift when
data transitions are sparse. This makes the GS7025 ideal
for SMPTE 259M-C applications where pathological signals
have data transition densities of 0.05.
2-5. Loop Filter
The loop filter integrates the charge pump packets and
produces a VCO control voltage. The loop filter is
comprised
of
three
external
components
which
are
connected to pins LF+, LFS, and LF-. The loop filter design
is fully differential giving the GS7025 increased immunity to
PCB board noise.
The loop filter components are critical in determining the
loop bandwidth and damping of the PLL. Choosing these
component values is discussed in detail in the PLL DESIGN
GUIDELINES section. Recommended values for SMPTE
259M-C applications are shown in the Typical Application
Circuit. No further changes from the recommended GS7025
loop filter components are necessary.
SDO
SCO
50%
DDI/DDI
LF+
LFS
LF-
RVCO
VCO
RLF CLF1
CLF2
2
PHASE
DETECTOR
INTERNAL
PLL CLOCK
CHARGE
PUMP
LOOP
FILTER
TABLE 1: Frequency Drift Range
FREQUENCY
MIN (%)
MAX(%)
270Mb/s lock
-13
28


Số phần tương tự - GS7025-CTM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS7025-CQME3 GENNUM-GS7025-CQME3 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
More results

Mô tả tương tự - GS7025-CTM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A Datasheet
192Kb / 18P
   Serial Digital Receiver
GS7025 GENNUM-GS7025_09 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS7005 GENNUM-GS7005 Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com