công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPT3007 bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện OPT3007
Giải thích chi tiết về linh kiện  OPT3007 Ultra-Thin Ambient Light Sensor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

OPT3007 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button OPT3007 Datasheet HTML 7Page - Texas Instruments OPT3007 Datasheet HTML 8Page - Texas Instruments OPT3007 Datasheet HTML 9Page - Texas Instruments OPT3007 Datasheet HTML 10Page - Texas Instruments OPT3007 Datasheet HTML 11Page - Texas Instruments OPT3007 Datasheet HTML 12Page - Texas Instruments OPT3007 Datasheet HTML 13Page - Texas Instruments OPT3007 Datasheet HTML 14Page - Texas Instruments OPT3007 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
11
OPT3007
www.ti.com
SBOS864 – AUGUST 2017
Product Folder Links: OPT3007
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Human Eye Matching
The OPT3007 spectral response closely matches that of the human eye. If the ambient light sensor
measurement is used to help create a good human experience, or create optical conditions that are optimal for a
human, the sensor must measure the same spectrum of light that a human sees.
The device also has excellent infrared light (IR) rejection. This IR rejection is especially important because many
real-world lighting sources have significant infrared content that humans do not see. If the sensor measures
infrared light that the human eye does not see, then a true human experience is not accurately represented.
Furthermore, if the ambient light sensor is hidden underneath a dark window (such that the end-product user
cannot see the sensor) the infrared rejection of the OPT3007 becomes significantly more important because
many dark windows attenuate visible light but transmit infrared light. This attenuation of visible light and lack of
attenuation of IR light amplifies the ratio of the infrared light to visible light that illuminates the sensor. Results
can still be well matched to the human eye under this condition because of the high infrared rejection of the
OPT3007.
7.3.2 Automatic Full-Scale Range Setting
The OPT3007 has an automatic full-scale range setting feature that eliminates the need to predict and set the
optimal range for the device. In this mode, the OPT3007 automatically selects the optimal full-scale range for the
given lighting condition. The OPT3007 has a high degree of result matching between the full-scale range
settings. This matching eliminates the problem of varying results or the need for range-specific, user-calibrated
gain factors when different full-scale ranges are chosen. For further details, see the Automatic Full-Scale Setting
Mode section.
7.3.3 I2C Bus Overview
The OPT3007 offers compatibility with both I2C and SMBus interfaces. The I2C and SMBus protocols are
essentially compatible with one another. The I2C interface is used throughout this document as the primary
example with the SMBus protocol specified only when a difference between the two protocols is discussed.
The OPT3007 is connected to the bus with two pins: an SCL clock input pin and an SDA open-drain bidirectional
data pin. The bus must be controlled by a master device that generates the serial clock (SCL), controls the bus
access, and generates start and stop conditions. To address a specific device, the master initiates a start
condition by pulling the data signal line (SDA) from a high logic level to a low logic level while SCL is high. All
slaves on the bus shift in the slave address byte on the SCL rising edge, with the last bit indicating whether a
read or write operation is intended. During the ninth clock pulse, the slave being addressed responds to the
master by generating an acknowledge bit by pulling SDA low.
Data transfer is then initiated and eight bits of data are sent, followed by an acknowledge bit. During data
transfer, SDA must remain stable while SCL is high. Any change in SDA while SCL is high is interpreted as a
start or stop condition. When all data are transferred, the master generates a stop condition, indicated by pulling
SDA from low to high while SCL is high. The OPT3007 includes a 28-ms timeout on the I2C interface to prevent
locking up the bus. If the SCL line is held low for this duration of time, the bus state machine is reset.
7.3.3.1 Serial Bus Address
To communicate with the OPT3007, the master must first initiate an I2C start command. Then, the master must
address slave devices via a slave address byte. The slave address byte consists of a seven bit address 1000101
and a direction bit that indicates whether the action is to be a read or write operation.
7.3.3.2 Serial Interface
The OPT3007 operates as a slave device on both the I2C bus and SMBus. Connections to the bus are made via
the SCL clock input line and the SDA open-drain I/O line. The OPT3007 supports the transmission protocol for
standard mode (up to 100 kHz), fast mode (up to 400 kHz), and high-speed mode (up to 2.6 MHz). All data bytes
are transmitted most-significant bits first.
The SDA and SCL pins feature integrated spike-suppression filters and Schmitt triggers to minimize the effects of
input spikes and bus noise. See the Electrical Interface section for further details of the I2C bus noise immunity.


Số phần tương tự - OPT3007

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
OPT3001 TI-OPT3001 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001 TI1-OPT3001 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1_18 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
More results

Mô tả tương tự - OPT3007

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
OPT3006 TI1-OPT3006 Datasheet
547Kb / 41P
[Old version datasheet]   OPT3006 Ultra-Thin Ambient Light Sensor
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
   Ambient Light Sensor
October, 2012 ??Rev. 0
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
   Ambient Light Sensor
Ver.2014-12-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com