công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZM33603 bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZM33603
Giải thích chi tiết về linh kiện  LMZM33603 4-V to 36-V Input, 3-A Step-Down DC-DC Power Module in QFN Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZM33603 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LMZM33603 Datasheet HTML 4Page - Texas Instruments LMZM33603 Datasheet HTML 5Page - Texas Instruments LMZM33603 Datasheet HTML 6Page - Texas Instruments LMZM33603 Datasheet HTML 7Page - Texas Instruments LMZM33603 Datasheet HTML 8Page - Texas Instruments LMZM33603 Datasheet HTML 9Page - Texas Instruments LMZM33603 Datasheet HTML 10Page - Texas Instruments LMZM33603 Datasheet HTML 11Page - Texas Instruments LMZM33603 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Output Current (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
25
35
45
55
65
75
85
95
105
115
D014
Airflow
400LFM
200LFM
100LFM
Nat conv
Output Current (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
25
35
45
55
65
75
85
95
105
115
D004
Airflow
400LFM
200LFM
100LFM
Nat conv
Output Current (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
D010
VOUT, fSW
2.5 V, 250 kHz
3.3 V, 300 kHz
5.0 V, 450 kHz
Output Current (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
25
35
45
55
65
75
85
95
105
115
D017
Airflow
400LFM
200LFM
100LFM
Nat conv
Output Current (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
50
55
60
65
70
75
80
85
90
95
100
D002
VOUT, fSW
5.0 V, 450 kHz
3.3 V, 300 kHz
2.5 V, 250 kHz
Output Current (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
D006
VOUT, fSW
5.0 V, 450 kHz
3.3 V, 300 kHz
2.5 V, 250 kHz
8
LMZM33603
SNVSAO6 – SEPTEMBER 2017
www.ti.com
Product Folder Links: LMZM33603
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.8 Typical Characteristics (VIN = 12 V)
The typical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
device.
Figure 6. Efficiency vs Output Current
Figure 7. Power Dissipation vs Output Current
COUT = 4 × 22 µF, 25 V, 1210 ceramic
Figure 8. Voltage Ripple vs Output Current
VOUT = 2.5 V
fSW = 250 kHz
Figure 9. Safe Operating Area
VOUT = 3.3 V
fSW = 300 kHz
Figure 10. Safe Operating Area
VOUT = 5 V
fSW = 450 kHz
Figure 11. Safe Operating Area


Số phần tương tự - LMZM33603

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZM33603 TI1-LMZM33603 Datasheet
747Kb / 30P
[Old version datasheet]   4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
LMZM33603 TI1-LMZM33603 Datasheet
1,017Kb / 36P
[Old version datasheet]   4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
LMZM33603RLRR TI1-LMZM33603RLRR Datasheet
1,017Kb / 36P
[Old version datasheet]   4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
LMZM33603 TI1-LMZM33603_18 Datasheet
1,017Kb / 36P
[Old version datasheet]   4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
More results

Mô tả tương tự - LMZM33603

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZM33603 TI1-LMZM33603_18 Datasheet
1,017Kb / 36P
[Old version datasheet]   4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
LMZM33602 TI1-LMZM33602 Datasheet
747Kb / 30P
[Old version datasheet]   4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
TPSM53603 TI1-TPSM53603 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53603 36-V Input, 3-A Power Module in RLF QFN Package
LMZM23600 TI1-LMZM23600 Datasheet
1,006Kb / 36P
[Old version datasheet]   36-V, 0.5-A Step-Down DC-DC Power Module in 3.8-mm x 3-mm Package
TPSM53604 TI1-TPSM53604 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53604 36-V Input, 4-A Power Module in RLF QFN Package
LMZM23601 TI1-LMZM23601_18 Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
TPSM53604 TI1-TPSM53604_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53604 36-V Input, 4-A Power Module in RLF QFN Package
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
TLVM13640 TI-TLVM13640 Datasheet
2Mb / 40P
[Old version datasheet]   TLVM13640 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 4-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
APRIL 2022
TPSM53602 TI1-TPSM53602 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53602 36-V Input, 2-A Power Module in RLF QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com