công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM73605RNPR bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM73605RNPR
Giải thích chi tiết về linh kiện  LM73605/LM73606 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM73605RNPR bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM73605RNPR Datasheet HTML 3Page - Texas Instruments LM73605RNPR Datasheet HTML 4Page - Texas Instruments LM73605RNPR Datasheet HTML 5Page - Texas Instruments LM73605RNPR Datasheet HTML 6Page - Texas Instruments LM73605RNPR Datasheet HTML 7Page - Texas Instruments LM73605RNPR Datasheet HTML 8Page - Texas Instruments LM73605RNPR Datasheet HTML 9Page - Texas Instruments LM73605RNPR Datasheet HTML 10Page - Texas Instruments LM73605RNPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
7
LM73605, LM73606
www.ti.com
SNVSAH5 – SEPTEMBER 2017
Product Folder Links: LM73605 LM73606
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Limits apply over the recommended operating junction temperature (TJ) range of –40°C to +125°C, unless otherwise stated.
Minimum and maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated, the following
conditions apply: VIN = 12 V, VOUT = 3.3 V, fSW = 500 kHz.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
This current limit was measured as the internal comparator trip point. Due to inherent delays in the current limit comparator and drivers,
the peak current limit measured in closed loop with faster slew rate will be larger, and valley current limit will be lower.
(3)
Measured at pins
(4)
Ensured by design
HIGH SIDE DRIVER (CBOOT PIN)
VCBOOT_UVLO
CBOOT - SW undervoltage
lockout
1.6
2.2
2.7
V
CURRENT LIMITS AND HICCUP
IHS_LIMIT
Short-circuit, high-side
current limit (2)
LM73605
6
7.3
8.35
A
LM73606
7.4
8.7
9.85
ILS_LIMIT
Low-side current limit (2)
LM73605
4.79
5.5
6.1
A
LM73606
5.8
6.6
7.25
INEG_LIMIT
Negative current limit
LM73605
–5
A
LM73606
–6
VHICCUP
Hiccup threshold on FB pin
0.36
0.4
0.44
V
IL_ZC
Zero cross-current limit
0.06
A
SOFT START (SS/TRK PIN)
ISSC
Soft-start charge current
1.8
2
2.2
µA
RSSD
Soft-start discharge
resistance
UVLO, TSD, OCP, or EN = 0
1
POWER GOOD (PGOOD PIN) and OVERVOLTAGE PROTECTION
VPGOOD_OV
Power-good overvoltage
threshold
% of FB voltage
106%
110%
113%
VPGOOD_UV
Power-good undervoltage
threshold
% of FB voltage
86%
90%
93%
VPGOOD_HYS
Power-good hysteresis
% of FB voltage
1.2%
VPGOOD_VALID
Minimum input voltage for
proper PGOOD function
50-µA pullup to PGOOD pin, VEN = 0 V,
TJ = 25°C
1.3
2
V
RPGOOD
Power-good ON-resistance
VEN = 2.5V
40
100
Ω
VEN = 0 V
30
90
MOSFETS
RDS_ON_HS
(3)
High-side MOSFET ON-
resistance
IOUT = 1 A, VBIAS = VOUT = 3.3 V
53
90
m
RDS_ON_LS
(3)
Low-side MOSFET ON-
resistance
IOUT = 1 A, VBIAS = VOUT = 3.3 V
31
55
m
THERMAL SHUTDOWN
TSD
(4)
Thermal shutdown threshold
Shutdown threshold
160
°C
Recovery threshold
135
°C
(1)
Ensured by design
6.6 Timing Characteristics
MIN
NOM
MAX
UNIT
CURRENT LIMITS AND HICCUP
NOC
(1)
Number of switching cycles
before hiccup is tripped
128
Cycles
tOC
Overcurrent hiccup retry delay
time
46
ms


Số phần tương tự - LM73605RNPR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM73605RNPR TI1-LM73605RNPR Datasheet
114Kb / 9P
[Old version datasheet]   5A Synchronous Step-Down Voltage Converter
More results

Mô tả tương tự - LM73605RNPR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM73605-Q1 TI1-LM73605-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI-LM73605-Q1_V01 Datasheet
5Mb / 65P
[Old version datasheet]   LM7360x-Q1 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
[Old version datasheet]   LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
LM43603 TI1-LM43603 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com