công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM73606 bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM73606
Giải thích chi tiết về linh kiện  LM73605/LM73606 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM73606 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM73606 Datasheet HTML 2Page - Texas Instruments LM73606 Datasheet HTML 3Page - Texas Instruments LM73606 Datasheet HTML 4Page - Texas Instruments LM73606 Datasheet HTML 5Page - Texas Instruments LM73606 Datasheet HTML 6Page - Texas Instruments LM73606 Datasheet HTML 7Page - Texas Instruments LM73606 Datasheet HTML 8Page - Texas Instruments LM73606 Datasheet HTML 9Page - Texas Instruments LM73606 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
6
LM73605, LM73606
SNVSAH5 – SEPTEMBER 2017
www.ti.com
Product Folder Links: LM73605 LM73606
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
LM73605/LM73606
UNIT
RNP (WQFN)
30 PINS
RθJA
Junction-to-ambient thermal resistance
34.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
14.6
°C/W
RθJB
Junction-to-board thermal resistance
7.3
°C/W
ψJT
Junction-to-top characterization parameter
0.1
°C/W
ψJB
Junction-to-board characterization parameter
7.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1
°C/W
(1)
Shutdown current includes leakage current of the switching transistors.
6.5 Electrical Characteristics
Limits apply over the recommended operating junction temperature (TJ) range of –40°C to +125°C, unless otherwise stated.
Minimum and maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated, the following
conditions apply: VIN = 12 V, VOUT = 3.3 V, fSW = 500 kHz.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (PVIN PINS)
VIN
Operating input voltage
range
3.5
36
V
ISD
Shutdown quiescent current;
measured at VIN pin(1)
VEN = 0 V
TJ = 25℃
0.8
10
µA
IQ_NONSW
Operating quiescent current
from VIN (non-switching)
VEN = 2 V, VFB = 1.5 V, VBIAS = 3.3 V
external
0.6
12
µA
ENABLE (EN PIN)
VEN_VCC_H
Enable input high level for
VCC output
VEN rising
1.15
V
VEN_VCC_L
Enable input low level for
VCC output
VEN falling
0.3
V
VEN_VOUT_H
Enable input high level for
VOUT
VEN rising
1.14
1.196
1.25
V
VEN_VOUT_HYS
Enable input hysteresis for
VOUT
VEN falling hysteresis
–100
mV
ILKG_EN
Enable input leakage current
VEN = 2 V
1.4
200
nA
INTERNAL LDO (VCC PIN, BIAS PIN)
VCC
Internal VCC voltage
PWM operation
3.27
V
PFM operation
3.1
V
VCC_UVLO
Internal VCC undervoltage
lockout
VCC rising
2.96
3.14
3.27
V
VCC falling hysteresis
–605
mV
VBIAS_ON
Input changeover
VBIAS rising
3.09
3.25
V
VBIAS falling hysteresis
–63
mV
IBIAS_NONSW
Operating quiescent current
from external VBIAS (non-
switching)
VEN = 2 V, VFB = 1.5 V, VBIAS = 3.3 V
external
21
50
µA
VOLTAGE REFERENCE (FB PIN)
VFB
Feedback voltage
PWM mode
0.987
1.006
1.017
V
ILKG_FB
Input leakage current at FB
pin
VFB = 1 V
0.2
60
nA


Số phần tương tự - LM73606

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM73606 TI-LM73606 Datasheet
5Mb / 65P
[Old version datasheet]   LM7360x-Q1 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM73606-Q1 TI1-LM73606-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM73606-Q1 TI-LM73606-Q1 Datasheet
5Mb / 65P
[Old version datasheet]   LM7360x-Q1 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM73606QRNPRQ1 TI1-LM73606QRNPRQ1 Datasheet
3Mb / 57P
[Old version datasheet]   3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM73606QRNPRQ1 TI-LM73606QRNPRQ1 Datasheet
5Mb / 65P
[Old version datasheet]   LM7360x-Q1 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
More results

Mô tả tương tự - LM73606

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM73605-Q1 TI1-LM73605-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI-LM73605-Q1_V01 Datasheet
5Mb / 65P
[Old version datasheet]   LM7360x-Q1 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
[Old version datasheet]   LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
LM43603 TI1-LM43603 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com