công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FM100 bảng dữ liệu(PDF) 1 Page - Extech Instruments Corporation.

tên linh kiện FM100
Giải thích chi tiết về linh kiện  Formaldehyde (CH2O or HCHO) Monitor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXTECH [Extech Instruments Corporation.]
Trang chủ  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

FM100 bảng dữ liệu(HTML) 1 Page - Extech Instruments Corporation.

  FM100 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
FM100 Formaldehyde
(CH
2O or HCHO) Monitor
Measures Formaldehyde concentration, Air Temperature and
Humidity with user-settable alarm. Perfect for monitoring
indoor air quality of areas affected by formaldehyde gas.
Back stand for desktop display or can be wall mounted.
Features
Alternately displays Formaldehyde concentration,
Air Temperature, and Relative Humidity readings
(cycles approximately every 6 seconds)
Visible bright tri-colored LED indicator:
Green <0.08ppm, Yellow = 0.08 to 0.79ppm,
and Red = 0.80ppm and above
LCD displays alarm icon, LED light turns red, and loud
audible beeper sounds when indoor CH
2O level
exceeds set point (defaults at 0.08ppm); beeper can be
temporarily turned off for false alarm
Selectable CH
2O unit as ppm or mg/m
3
“ZERO” Re-Calibration function
Manual Temperature and Relative Humidity
Compensation (adjustable)
Designed with Electrochemical CH
2O sensor
CH
2O Calibration function in fresh air
Four display error codes for troubleshooting
Low battery indicator
Recover to factory setting function
Complete with built-in stand, side cover,
Universal AC Adaptor (multi-plugs US, EU,
UK, and AU), and 4 AAA batteries
Ordering
FM100............... Formaldehyde Monitor
www.extech.com
Specifications subject to change without notice. Copyright © 2014 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
Rev. 3/11/15
Specifications
Range
Resolution
Basic Accuracy
Formaldehyde (CH
2O or HCHO)
0.00 to 5.00ppm (mg/m3)
0.01ppm (mg/m3)
±5% of reading + 0.03ppm
Air Temperature
32 to 122°F (0 to 50°C)
0.1°F/°C
±2°F/1°C
Humidity
20 to 90%RH
1%RH
±5%RH
Dimensions
4.4x4.3x2.1" (113x108x53mm)
Weight
5.6oz (159g)
Applications:
Formaldehyde is used in the manufacture of many industrial and consumer goods. Emissions from some
of these items can rise when moisture and heat increase. These emissions are a contributing factor to Sick
Building Syndrome, which may lead to itchy eyes and throat, as well as headaches and dizziness.
- Glue
- Paint
- Insulation/Plywood/Fiberboard
- Timber Paneling/Particleboard
- Cosmetics
- Shampoos
- Soap Bars/Body Wash
- Lotions
- Toothpaste
< 0.08ppm
Normal
= 0.08 to 0.79ppm
Caution
= 0.80ppm & above Danger
Bright Tri-colored LED Indicator for CH
2O Level
UPC Code: 793950231005


Số phần tương tự - FM100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
FM100 ETC2-FM100 Datasheet
35Kb / 2P
   External dimensions 1
logo
RFE international
FM100 RFE-FM100 Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
logo
SHENZHEN FUMAN ELECTRON...
FM100 FUMAN-FM100 Datasheet
292Kb / 9P
   Fast charging interface IC
logo
RFE international
FM100 RFE-FM100 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
logo
Power-One
FM1001-7R POWER-ONE-FM1001-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
More results

Mô tả tương tự - FM100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Extech Instruments Corp...
FM300 EXTECH-FM300 Datasheet
95Kb / 1P
   Desktop Formaldehyde (CH2O or HCHO) Monitor
FM200 EXTECH-FM200 Datasheet
271Kb / 1P
   FM200 Handheld Formaldehyde (CH2O or HCHO) Meter
VFM200 EXTECH-VFM200 Datasheet
213Kb / 1P
   VOC/Formaldehyde VOC/Formaldehyde
logo
Zhengzhou Winsen Electr...
ZE07-CH2O WINSEN-ZE07-CH2O Datasheet
598Kb / 6P
   Electrochemical CH2O Detection Module
ME3-CH2O WINSEN-ME3-CH2O Datasheet
470Kb / 5P
   Electrochemical Formaldehyde Sensor
ZE08-CH2O WINSEN-ZE08-CH2O Datasheet
550Kb / 6P
   Electrochemical CH2O Detection Module
logo
Linear Technology
LTC4354 LINER-LTC4354_15 Datasheet
195Kb / 14P
   Negative Voltage Diode-OR Controller and Monitor
LTC4354 LINER-LTC4354 Datasheet
127Kb / 12P
   Negative Voltage Diode-OR Controller and Monitor
LTC4371 LINER-LTC4371 Datasheet
412Kb / 22P
   Dual Negative Voltage Ideal Diode-OR Controller and Monitor
logo
Texas Instruments
INA220 TI1-INA220 Datasheet
1Mb / 36P
[Old version datasheet]   High- or Low-Side, Bidirectional Current and Power Monitor
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com