công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS12F bảng dữ liệu(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd |
|
SS12F bảng dữ liệu(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd |
1 / 2 page Symbol SS12F SS13F SS14F SS15F SS16F SS18F SS110F SS150F SS120F Unit Case: SMAF, Molded Plastic Weight: 0.037 grams (approx.) Characteristic Surge Overload Rating to 30A Peak Guard Ring Die Construction Classification Rating 94V-O Ideally Suited for Automatic Assembly For Use in Low Voltage Application 1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE Typical Junction Capacitance 0.55 0.70 0.85 0.90 V 1.0 A 14 21 28 35 42 56 70 105 140 V 20 30 40 50 60 80 100 150 200 V SS12F- SS120F Features ! Schottky Barrier Chip ! ! Low Power Loss, High Efficiency ! ! ! ! Plastic Case Material has UL Flammability Mechanical Data ! ! Terminals: Solder Plated, Solderable per MIL-STD-750, Method 2026 ! Polarity: Cathode Band or Cathode Notch ! Marking: Type Number ! ! Lead Free: For RoHS / Lead Free Version Maximum Ratings and Electrical Characteristics @T A=25°C unless otherwise specified Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR RMS Reverse Voltage VR(RMS) Average Rectified Output Current @TL = 75°C IO Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) IFSM 30 A Forward Voltage @IF = 1.0A VFM Peak Reverse Current @TA = 25°C At Rated DC Blocking Voltage @TA = 100°C IRM 0.5 20 mA RJL RJA 28 88 °C/W Operating Temperature Range Tj -65 to +125 °C Storage Temperature Range TSTG -65 to +150 °C Note: 1. Mounted on P.C. Board with 5.0mm2 copper pad area. 1 of 2 SS12F-SS120F Typical Thermal Resistance (Note 1) j C 110 30 110 pF Z ibo Seno Electronic Engineering Co., Ltd. www.senocn.com SMAF 3.60 3.20 2.80 2.40 Dim Min Max A B C D E F G All Dimensions in mm 0.20 0.10 4.80 4.40 1.10 0.90 0.90 - 1.43 1.38 A B C D F E G Alldatasheet |
Số phần tương tự - SS12F |
|
Mô tả tương tự - SS12F |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |