công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC32RF82 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC32RF82
Giải thích chi tiết về linh kiện  Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF82 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button ADC32RF82 Datasheet HTML 5Page - Texas Instruments ADC32RF82 Datasheet HTML 6Page - Texas Instruments ADC32RF82 Datasheet HTML 7Page - Texas Instruments ADC32RF82 Datasheet HTML 8Page - Texas Instruments ADC32RF82 Datasheet HTML 9Page - Texas Instruments ADC32RF82 Datasheet HTML 10Page - Texas Instruments ADC32RF82 Datasheet HTML 11Page - Texas Instruments ADC32RF82 Datasheet HTML 12Page - Texas Instruments ADC32RF82 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 151 page
background image
9
ADC32RF82
www.ti.com
SBAS869 – SEPTEMBER 2017
Product Folder Links: ADC32RF82
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.7 AC Performance Characteristics: fS = 2211.84 MSPS
typical values specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and chip sampling rate = 2211.84 MSPS, 50% clock duty cycle, DDC-bypassed
performance, AVDD19 = 1.9 V, AVDD = 1.15 V, DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
SNR
Signal-to-noise ratio
fIN = 900 MHz, AOUT = –2 dBFS
61.4
dBFS
fIN = 1850 MHz, AOUT = –2 dBFS
58.9
SFDR
Spurious-free dynamic
range
fIN = 900 MHz, AOUT = –2 dBFS
67.0
dBc
fIN = 1850 MHz, AOUT = –2 dBFS
69.0
HD2
Second-order harmonic
distortion
fIN = 900 MHz, AOUT = –2 dBFS
73.0
dBc
fIN = 1850 MHz, AOUT = –2 dBFS
70.0
HD3
Third-order harmonic
distortion
fIN = 900 MHz, AOUT = –2 dBFS
68.0
dBc
fIN = 1850 MHz, AOUT = –2 dBFS
74.0
IL spur
Interleaving spurs:
fS / 2 – fIN,
fS / 4 ± fIN
fIN = 900 MHz, AOUT = –2 dBFS
88.0
dBc
fIN = 1850 MHz, AOUT = –2 dBFS
82.0
HD2 IL
Interleaving spur for HD2:
fS / 2 – HD2
fIN = 900 MHz, AOUT = –2 dBFS
82.0
dBc
fIN = 1850 MHz, AOUT = –2 dBFS
84.0
6.8 AC Performance Characteristics: fS = 1966.08 MSPS
typical values specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and chip sampling rate = 1966.08 MSPS, 50% clock duty cycle, DDC-bypassed
performance, AVDD19 = 1.9 V, AVDD = 1.15 V, DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
SNR
Signal-to-noise ratio
fIN = 900 MHz, AOUT = –2 dBFS
61.0
dBFS
fIN = 1850 MHz, AOUT = –2 dBFS
58.7
SFDR
Spurious-free dynamic
range
fIN = 900 MHz, AOUT = –2 dBFS
65.0
dBc
fIN = 1850 MHz, AOUT = –2 dBFS
67.0
HD2
Second-order harmonic
distortion
fIN = 900 MHz, AOUT = –2 dBFS
68.0
dBc
fIN = 1850 MHz, AOUT = –2 dBFS
67.0
HD3
Third-order harmonic
distortion
fIN = 900 MHz, AOUT = –2 dBFS
70.0
dBc
fIN = 1850 MHz, AOUT = –2 dBFS
77.0
IL spur
Interleaving spurs:
fS / 2 – fIN,
fS / 4 ± fIN
fIN = 900 MHz, AOUT = –2 dBFS
86.0
dBc
fIN = 1850 MHz, AOUT = –2 dBFS
84.0
HD2 IL
Interleaving spur for HD2:
fS / 2 – HD2
fIN = 900 MHz, AOUT = –2 dBFS
81.0
dBc
fIN = 1850 MHz, AOUT = –2 dBFS
84.0


Số phần tương tự - ADC32RF82

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC32RF80 TI1-ADC32RF80 Datasheet
434Kb / 8P
[Old version datasheet]   ADC32RF80 Dual-Channel
ADC32RF80 TI1-ADC32RF80 Datasheet
8Mb / 136P
[Old version datasheet]   Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADC32RF80 TI-ADC32RF80 Datasheet
8Mb / 138P
[Old version datasheet]   ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADC32RF80IRMPR TI1-ADC32RF80IRMPR Datasheet
434Kb / 8P
[Old version datasheet]   ADC32RF80 Dual-Channel
ADC32RF80IRMPR TI1-ADC32RF80IRMPR Datasheet
8Mb / 136P
[Old version datasheet]   Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
More results

Mô tả tương tự - ADC32RF82

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC31RF80 TI1-ADC31RF80 Datasheet
8Mb / 136P
[Old version datasheet]   3-GSPS Telecom Receiver and Feedback Device
ADC32RF80 TI1-ADC32RF80_16 Datasheet
8Mb / 136P
[Old version datasheet]   Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADC32RF80 TI-ADC32RF80_V01 Datasheet
8Mb / 138P
[Old version datasheet]   ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADS58J63 TI1-ADS58J63 Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS62PF49 TI1-ADS62PF49 Datasheet
581Kb / 8P
[Old version datasheet]   Dual-Channel, 250-MSPS Feedback Receiver IC
ADS58J63 TI-ADS58J63_15 Datasheet
5Mb / 87P
[Old version datasheet]   ADS58J63 Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS54T02 TI-ADS54T02 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02_15 Datasheet
1Mb / 49P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS58H40 TI1-ADS58H40_14 Datasheet
2Mb / 60P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS58H40 TI-ADS58H40_15 Datasheet
2Mb / 59P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com