công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9953 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện AD9953
Giải thích chi tiết về linh kiện  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9953 bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button AD9953 Datasheet HTML 4Page - Analog Devices AD9953 Datasheet HTML 5Page - Analog Devices AD9953 Datasheet HTML 6Page - Analog Devices AD9953 Datasheet HTML 7Page - Analog Devices AD9953 Datasheet HTML 8Page - Analog Devices AD9953 Datasheet HTML 9Page - Analog Devices AD9953 Datasheet HTML 10Page - Analog Devices AD9953 Datasheet HTML 11Page - Analog Devices AD9953 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
Hardware Pin Descriptions
Pin #
Pin Name
I/O
Description
1
I/O UPDATE
I
The rising edge transfers the contents of the internal
buffer memory to the IO Registers.
2,34
DVDD
I
Digital power supply pins.
3,33,
42
DGND
I
Digital power ground pins.
4,6,
13,16,
18,19,
25,27,
29
AVDD
I
Analog power supply pins.
5,7,
14,15,
17,22,
26,
30,31
32
AGND
I
Analog power ground pins.
8
OSCB/REFCLKB
I
Complementary reference clock/oscillator input
(400MHz max.). NOTE: When the REFCLK port is
operated in single-ended mode, then REFCLKB should
be decoupled to AVDD with a 0.1
µF capacitor.
9
OSC/REFCLK
I
Reference clock/oscillator input (400 MHz max.). See
Clock Input section of datasheet for details on the
REFCLK/OSCILLATOR operation.
10
Crystal Out
O
Output of the oscillator section.
11
ClkModeSelect
I
Control pin for the oscillator section. When high, the
oscillator section is enabled. When low, the oscillator
section is bypassed.
12
LOOP_FILTER
I
This Pin provides the connection for the external zero
compensation network of the REFCLK Multiplier’s PLL
loop filter. The network consists of a 1K ohm resistor in
series with a 0.1
µF capacitor tied to AVDD.
20
IOUTB
O
Complementary DAC output.
21
IOUT
O
DAC output.
23
DACBP
I
DAC “biasline” decoupling pin.
24
DAC_Rset
I
A resistor (3.85K
Ω nominal) connected from AGND to
DAC_Rset establishes the reference current for the
DAC.
28
NC
O
No connect.
35
PwrDwnCtl
I
Input pin used as an external power down control. See
the External Power Down Control section of this
document for details.
REV. PrB 1/30/03
Page 8
Analog Devices, Inc.


Số phần tương tự - AD9953

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9953 AD-AD9953 Datasheet
648Kb / 32P
   400MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
AD9953YSV AD-AD9953YSV Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9953YSV-REEL7 AD-AD9953YSV-REEL7 Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9953YSVZ AD-AD9953YSVZ Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9953YSVZ AD-AD9953YSVZ Datasheet
648Kb / 32P
   400MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
More results

Mô tả tương tự - AD9953

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9953YSVZ AD-AD9953YSVZ Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951 AD-AD9951 Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9954 AD-AD9954 Datasheet
1Mb / 36P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9951 AD-AD9951_15 Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9952 AD-AD9952 Datasheet
731Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9952YSVZ AD-AD9952YSVZ Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9953 AD-AD9953_15 Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9954 AD-AD9954_09 Datasheet
472Kb / 40P
   400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
AD9951YSVZ AD-AD9951YSVZ Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9952 AD-AD9952_15 Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com