công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M40E-082223RB0 bảng dữ liệu(PDF) 3 Page - SICK AG |
|
M40E-082223RB0 bảng dữ liệu(HTML) 3 Page - SICK AG |
3 / 9 page M40S-082203AA0, M40E-082223RB0 | M4000 Advanced MULTIPLE LIGHT BEAM SAFETY DEVICES Functions Delivery status Safe SICK device communication via EFI ✔ Muting ✔ Interfaces System connection Connection type Hirschmann male connector M26, 12-pin Permitted cable length ≤ 50 m 1) Permitted cross-section ≥ 0.75 mm² Extension connection Connection type Male connector M12, 5-pin Configuration method PC with CDS (Configuration and Diagnostic Software) Configuration connection Connection type Female connector M8, 4-pin Display elements LEDs 7-segment display Fieldbus, industrial network Integration via EFI gateways CANopen, Ethernet, PROFIBUS DP, PROFIBUS PROFIsafe, PROFINET PROFIsafe 2) Integration via Flexi Soft safety controller CANopen, DeviceNet™, EtherCAT®, EtherNet/IP™, Modbus TCP, PROFIBUS DP, PROFINET 3) 1) Depending on load, power supply and wire cross-section. The technical specifications must be observed. 2) For a suitable EFI-gateway see modules and gateways in the accessory section of connection systems. 3) For additional information on Flexi Soft -> www.sick.com/Flexi_Soft. Electrical data Protection class III (EN 50178) Supply voltage VS 24 V DC (19.2 V DC ... 28.8 V DC) 1) Residual ripple ≤ 10 % 2) Power consumption ≤ 0.2 A: ≤ 0.6 A (depending on type) Safety outputs (OSSD) Type of output 2 PNP semiconductors, short-circuit protected, cross-circuit monitored 3) Switching voltage HIGH 24 V DC (VS – 2.25 V DC ... VS) Switching voltage LOW ≤ 2 V DC Switching current ≤ 500 mA Diagnostic outputs Type of output PNP semiconductor, short-circuit protected Switching voltage HIGH 24 V DC (VS – 4.2 V DC ... VS) Switching voltage LOW High resistance Switching current ≤ 100 mA 1) The external voltage supply must be capable of buffering brief mains voltage failures of 20 ms as specified in EN 60204-1. Suitable power supplies are available as accessories from SICK. 2) Within the limits of VS. 3) Applies to the voltage range between –30 V and +30 V. Mechanical data Housing cross-section 52 mm x 55.5 mm 2017-08-24 18:11:25 | Online data sheet Subject to change without notice OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK 3 |
Số phần tương tự - M40E-082223RB0 |
|
Mô tả tương tự - M40E-082223RB0 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |