công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVX74M bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện 74LVX74M
Giải thích chi tiết về linh kiện  Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX74M bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  74LVX74M Datasheet HTML 1Page - Fairchild Semiconductor 74LVX74M Datasheet HTML 2Page - Fairchild Semiconductor 74LVX74M Datasheet HTML 3Page - Fairchild Semiconductor 74LVX74M Datasheet HTML 4Page - Fairchild Semiconductor 74LVX74M Datasheet HTML 5Page - Fairchild Semiconductor 74LVX74M Datasheet HTML 6Page - Fairchild Semiconductor 74LVX74M Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2005 Fairchild Semiconductor Corporation
DS011606
www.fairchildsemi.com
May 1993
Revised February 2005
74LVX74
Low Voltage Dual D-Type Positive Edge-Triggered
Flip-Flop
General Description
The LVX74 is a dual D-type flip-flop with Asynchronous
Clear and Set inputs and complementary (Q, Q) outputs.
Information at the input is transferred to the outputs on the
positive edge of the clock pulse. After the Clock Pulse input
threshold voltage has been passed, the Data input is
locked out and information present will not be transferred to
the outputs until the next rising edge of the Clock Pulse
input.
Asynchronous Inputs:
LOW input to SD (Set) sets Q to HIGH level
LOW input to CD (Clear) sets Q to LOW level
Clear and Set are independent of clock
Simultaneous LOW on CD and SD makes both Q and Q
HIGH
Features
s Input voltage level translation from 5V to 3V
s Ideal for low power/low noise 3.3V applications
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Connection Diagram
Pin Descriptions
Order Number
Package
Package Description
Number
74LVX74M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74LVX74SJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVX74MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74LVX74MTCX_NL
(Note 1)
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
Pin Names
Description
D1, D2
Data Inputs
CP1, CP2
Clock Pulse Inputs
CD1, CD2
Direct Clear Inputs
SD1, SD2
Direct Set Inputs
Q1, Q1, Q2, Q2
Outputs


Số phần tương tự - 74LVX74M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74LVX74M FAIRCHILD-74LVX74M Datasheet
70Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
logo
ON Semiconductor
74LVX74M ONSEMI-74LVX74M Datasheet
235Kb / 9P
   Low Voltage Dual D-Type Positive Edge-Triggerednull Flip-Flop
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX74MTC FAIRCHILD-74LVX74MTC Datasheet
70Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
logo
ON Semiconductor
74LVX74MTC ONSEMI-74LVX74MTC Datasheet
235Kb / 9P
   Low Voltage Dual D-Type Positive Edge-Triggerednull Flip-Flop
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX74MTC FAIRCHILD-74LVX74MTC_08 Datasheet
320Kb / 9P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
More results

Mô tả tương tự - 74LVX74M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74LVX74 FAIRCHILD-74LVX74_08 Datasheet
320Kb / 9P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVQ74 FAIRCHILD-74LVQ74 Datasheet
86Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVX74 FAIRCHILD-74LVX74 Datasheet
70Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVQ74 FAIRCHILD-74LVQ74_01 Datasheet
78Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LCX74MX FAIRCHILD-74LCX74MX Datasheet
824Kb / 14P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com