công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M40S-034503AA0 bảng dữ liệu(PDF) 3 Page - SICK AG

tên linh kiện M40S-034503AA0
Giải thích chi tiết về linh kiện  MULTIPLE LIGHT BEAM SAFETY DEVICES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SICK [SICK AG]
Trang chủ  http://www.sick.com/
Logo SICK - SICK AG

M40S-034503AA0 bảng dữ liệu(HTML) 3 Page - SICK AG

  M40S-034503AA0 Datasheet HTML 1Page - SICK AG M40S-034503AA0 Datasheet HTML 2Page - SICK AG M40S-034503AA0 Datasheet HTML 3Page - SICK AG M40S-034503AA0 Datasheet HTML 4Page - SICK AG M40S-034503AA0 Datasheet HTML 5Page - SICK AG M40S-034503AA0 Datasheet HTML 6Page - SICK AG M40S-034503AA0 Datasheet HTML 7Page - SICK AG M40S-034503AA0 Datasheet HTML 8Page - SICK AG M40S-034503AA0 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
M40S-034503AA0, M40E-034523RB0 | M4000 Advanced
MULTIPLE LIGHT BEAM SAFETY DEVICES
Functions
Delivery status
Safe SICK device communication via EFI
Muting
Interfaces
System connection
Connection type Hirschmann male connector M26, 12-pin
Permitted cable length ≤ 50 m 1)
Permitted cross-section ≥ 0.75 mm²
Extension connection
Connection type Male connector M12, 5-pin
Configuration method
PC with CDS (Configuration and Diagnostic Software)
Configuration connection
Connection type Female connector M8, 4-pin
Display elements
LEDs
7-segment display
Fieldbus, industrial network
Integration via EFI gateways CANopen, Ethernet, PROFIBUS DP, PROFIBUS PROFIsafe, PROFINET PROFIsafe 2)
Integration via Flexi Soft safety controller CANopen, DeviceNet™, EtherCAT®, EtherNet/IP™, Modbus TCP, PROFIBUS DP, PROFINET 3)
1) Depending on load, power supply and wire cross-section. The technical specifications must be observed.
2) For a suitable EFI-gateway see modules and gateways in the accessory section of connection systems.
3) For additional information on Flexi Soft -> www.sick.com/Flexi_Soft.
Electrical data
Protection class
III (EN 50178)
Supply voltage VS
24 V DC (19.2 V DC ... 28.8 V DC) 1)
Residual ripple
≤ 10 % 2)
Power consumption
≤ 0.2 A: ≤ 0.6 A (depending on type)
Safety outputs (OSSD)
Type of output 2 PNP semiconductors, short-circuit protected, cross-circuit monitored 3)
Switching voltage HIGH 24 V DC (VS – 2.25 V DC ... VS)
Switching voltage LOW ≤ 2 V DC
Switching current ≤ 500 mA
Diagnostic outputs
Type of output PNP semiconductor, short-circuit protected
Switching voltage HIGH 24 V DC (VS – 4.2 V DC ... VS)
Switching voltage LOW High resistance
Switching current ≤ 100 mA
1) The external voltage supply must be capable of buffering brief mains voltage failures of 20 ms as specified in EN 60204-1. Suitable power supplies are available as
accessories from SICK.
2) Within the limits of VS.
3) Applies to the voltage range between –30 V and +30 V.
Mechanical data
Housing cross-section
52 mm x 55.5 mm
2017-08-24 18:11:25 | Online data sheet
Subject to change without notice
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
3


Số phần tương tự - M40S-034503AA0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SICK AG
M40S-034503AA0 SICK-M40S-034503AA0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results

Mô tả tương tự - M40S-034503AA0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SICK AG
M20E-02150A122 SICK-M20E-02150A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-02250A120 SICK-M20E-02250A120 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-03140A222 SICK-M20E-03140A222 Datasheet
1Mb / 6P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-025013RB0 SICK-M40E-025013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026013RB0 SICK-M40E-026013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026033RB0 SICK-M40E-026033RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-032223RB0 SICK-M40E-032223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-04230A122 SICK-M20E-04230A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072220RT0 SICK-M40E-072220RT0 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072223RB0 SICK-M40E-072223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-091A3A122 SICK-M20E-091A3A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com