công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA-6033 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện STA-6033
Giải thích chi tiết về linh kiện  Product Description
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

STA-6033 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  STA-6033 Datasheet HTML 1Page - List of Unclassifed Manufacturers STA-6033 Datasheet HTML 2Page - List of Unclassifed Manufacturers STA-6033 Datasheet HTML 3Page - List of Unclassifed Manufacturers STA-6033 Datasheet HTML 4Page - List of Unclassifed Manufacturers STA-6033 Datasheet HTML 5Page - List of Unclassifed Manufacturers STA-6033 Datasheet HTML 6Page - List of Unclassifed Manufacturers STA-6033 Datasheet HTML 7Page - List of Unclassifed Manufacturers STA-6033 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
303 South Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
2
EDS-103643 Rev B
Preliminary
STA-6033 4.9-5.9 GHz Power Amp
Pin Out Description
Pin #
Function
Description
1,4,9,12,13
N/C
Pins are not used. May be grounded, left open, or connected to adjacent pin.
5VPC1
VPC1 is the bias control pin for the stage 1 active bias circuit. An external series resistor is required for proper
setting of bias levels. Refer to the evaluation board schematic for resistor value.
To prevent potential damage, do not apply voltage to this pin that is +1V greater than voltage applied to pin 16
(Vbias) unless Vpc supply current capability is less than 10 mA.
6VPC2
VPC2 is the bias control pin for the stage 2 active bias circuit. An external series resistor is required for proper
setting of bias levels. Refer to the evaluation board schematic for resistor value.
To prevent potential damage, do not apply voltage to this pin that is +1V greater than voltage applied to pin 16
(Vbias) unless Vpc supply current capability is less than 10 mA.
7VPC3
VPC3 is the control pin for the stage 3 active bias circuits. An external series resistor is required for proper set-
ting of bias levels. Refer to the evaluation board schematic for resistor value.
To prevent potential damage, do not apply voltage to this pin that is +1V greater than voltage applied to pin 16
(Vbias) unless Vpc supply current capability is less than 10 mA.
8
Vdet
Ouput power detector voltage. Load with 10K-100K ohms to ground for best performance.
2,3
RFIN
RF input pins. This is DC grounded internal to the IC. Do not apply voltage to this pin. All three pins must be
used for proper operation.
10,11
RFOUT
RF output pin. This is also another connection to the 3rd stage collector
14
VC3
3rd stage collector bias pin. Apply 3.0V to 3.6V to this pin.
15
VC2
2nd stage collector bias pin. Apply 3.0V to 3.6V to this pin.
16
VC1,Vbias
1st stage collector bias pin and active bias network VCC. Apply 3.0V to 3.6V to this pin.
EPAD
Gnd
Exposed area on the bottom side of the package needs to be soldered to the ground plane of the board for
optimum thermal and RF performance. Several vias should be located under the EPAD as shown in the rec-
ommended land pattern (page 5).
Caution: ESD Sensitive
Appropriate precaution in handling, packaging
and testing devices must be observed.
Absolute Maximum Ratings
Parameters
Value
Unit
VC3 Collector Bias Current (pin16)
400
mA
VC2 Collector Bias Current (pin18)
140
mA
VC1 Collector Bias Current (pin19)
50
mA
Device Voltage (VD)4.5
V
Power Dissipation
1.4
W
Operating Lead Temperature (TL)
-40 to +85
ºC
RF Input Power for 50 ohm load
20
dBm
Storage Temperature Range
-40 to +150
ºC
Operating Junction Temperature (TJ)+150
ºC
ESD Human Body Model
>1000
V
Operation of this device beyond any one of these limits may
cause permanent damage. For reliable continuous operation
the device voltage and current must not exceed the maximum
operating values specified in the table on page one.
Bias conditions should also satisfy the following expression:
IDVD < (TJ - TL) / RTH’ j-l
Simplified Device Schematic
Stage 1
Bias
Stage 2
Bias
Stage 3
Bias
Pin 2, 3
Pin 10,11
Pin
5
Pin
16
Pin
6
Pin
15
Pin
7
Pin
14
Pin
8
EPAD
EPAD
EPAD


Số phần tương tự - STA-6033

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SIRENZA MICRODEVICES
STA-6033 SIRENZA-STA-6033 Datasheet
203Kb / 8P
   4.9 - 5.9 GHz 3.3V Power Amplifier
STA-6033Z SIRENZA-STA-6033Z Datasheet
203Kb / 8P
   4.9 - 5.9 GHz 3.3V Power Amplifier
More results

Mô tả tương tự - STA-6033

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATMEL Corporation
AT91SAM7SE512 ATMEL-AT91SAM7SE512_09 Datasheet
806Kb / 47P
   Product Description
logo
List of Unclassifed Man...
ANTDB1HDPXXX ETC2-ANTDB1HDPXXX Datasheet
397Kb / 2P
   Product Description
logo
SIRENZA MICRODEVICES
SBW-5089 SIRENZA-SBW-5089_1 Datasheet
988Kb / 6P
   Product Description InGaP/GaAs HBT MMIC Amplifier
logo
ISOCOM COMPONENTS
ICPL0600 ISOCOM-ICPL0600 Datasheet
608Kb / 13P
   DESCRIPTION
ICPL2630 ISOCOM-ICPL2630_12 Datasheet
684Kb / 9P
   DESCRIPTION
logo
Japan Aviation Electron...
SJ109548 JAE-SJ109548 Datasheet
110Kb / 1P
   DESCRIPTION
logo
Cherry Semiconductor Co...
0609-0760 CHERRY-0609-0760 Datasheet
6Mb / 8P
   Description
logo
ISOCOM COMPONENTS
ICPL0452 ISOCOM-ICPL0452 Datasheet
547Kb / 10P
   DESCRIPTION
logo
Exar Corporation
SP6205EM5-L-3-3 EXAR-SP6205EM5-L-3-3 Datasheet
1Mb / 14P
   GENERAL DESCRIPTION
logo
Alpha & Omega Semicondu...
AOWF12N60 AOSMD-AOWF12N60 Datasheet
114Kb / 1P
   Marking Description
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com