công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M40E-034013RB0 bảng dữ liệu(PDF) 6 Page - SICK AG

tên linh kiện M40E-034013RB0
Giải thích chi tiết về linh kiện  MULTIPLE LIGHT BEAM SAFETY DEVICES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SICK [SICK AG]
Trang chủ  http://www.sick.com/
Logo SICK - SICK AG

M40E-034013RB0 bảng dữ liệu(HTML) 6 Page - SICK AG

  M40E-034013RB0 Datasheet HTML 1Page - SICK AG M40E-034013RB0 Datasheet HTML 2Page - SICK AG M40E-034013RB0 Datasheet HTML 3Page - SICK AG M40E-034013RB0 Datasheet HTML 4Page - SICK AG M40E-034013RB0 Datasheet HTML 5Page - SICK AG M40E-034013RB0 Datasheet HTML 6Page - SICK AG M40E-034013RB0 Datasheet HTML 7Page - SICK AG M40E-034013RB0 Datasheet HTML 8Page - SICK AG M40E-034013RB0 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
M40S-034013AA0, M40E-034013RB0 | M4000 Advanced
MULTIPLE LIGHT BEAM SAFETY DEVICES
Connection diagram
M4000 Advanced with UE403 switching amplifier connected to UE10-3OS safety relay
0 V
2) PELV
M4000S
Advanced
2
FE
FE
GND
M4000R
Advanced
GND
FE
2
FE
n.c.
n.c.
EFIb
EFIa
7
8
9
10
n.c.
n.c.
4
n.c.
3
5
6
+24 V
1
+24V
Test
OSSD1
OSSD2
4
3
7
8
ADO
RR
EFib
EFia
EDM
10
9
6
5
+24V
RES
1
11
COM
BS/C1
5
n.c.
11
UE10-3OS
B2 B4
Y2
B1 B3
Y1
14 24 34 42
13 23 33 41
1)
+
-
Q
+
-
Q
S1
H3
H1
A1
A2
UE403
RES/OVR
A1
A2
B1
B2
COM
1
1
1
1
1
1
2
2
2
2
2
2
3
3
3
3
3
3
4
4
4
4
4
4
5
5
5
5
5
5
5
IN
IN
+
RR
-
L
-
IN
+
T
-
IN
+
T
-
IN
+
T
-
IN
+
T
-
Q
Q
B2
B1
S2
E119906/00/2014-07-29
Task
Connection of an M4000 Advanced multiple light beam safety device with UE403 switching amplifier to a UE10-3OS safety relay.
Muting with 4 photoelectric reflex switches (dark-switching, PNP).
Operating mode: with restart interlock and external device monitoring.
Operating characteristics
When the light path is clear and the UE10-3OS is de-energized and functioning correctly, the yellow LED on the receiver and the H3
lamp flash. The system is ready for switch-on and waits for an input signal/switch-on signal. The system is enabled by pressing and
releasing the S1 button. The OSSD1 and OSSD2 outputs are live, the UE10-3OS is switched on. On interruption of one or several of
the light beams, the UE10-3OS is de-energized by the OSSD1 and OSSD2 outputs.
Muting and override
When the light path is clear and the muting input conditions are valid, muting starts. The H1 muting lamp illuminates. Different
time and monitoring functions can be configured.
When the light path is interrupted and muting sensors are active, e.g., because of muting errors or a new power on, override is en-
abled by pressing and releasing the S2 button.
Fault analysis
OSSD cross-circuits and short-circuits are detected and lead to the inhibited state (lock-out). The erroneous behavior of the
UE10-3OS will be detected. The shutdown function is retained. On manipulation (e.g., jamming) of the S1 button, the system does
not enable the output current circuits.
The failure of one muting sensor will be detected by the muting sequence and prohibit a new muting cycle. On manipulation (e.g.,
jamming) of the S2 button, the system does not enable override. A permanent use of the override function will be inhibited through
the device.
Comments
1) Output circuits: These contacts are to be connected to the controller such that, with the output circuit open, the dangerous state
is disabled. For categories 4 and 3, this integration must be dual-channel (x/y paths). Single-channel insertion in the control (z
path) is only possible with a single-channel control and by taking the risk analysis into account.
2) PELV in accordance with the requirements in
EN 60204-1 / 6.4
Take note of the operating instructions of the integrated devices. This applies particularly to the use of configurable functions.
6
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-08-24 18:11:25
Subject to change without notice


Số phần tương tự - M40E-034013RB0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SICK AG
M40E-034010IR0 SICK-M40E-034010IR0 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-034010RR0 SICK-M40E-034010RR0 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-034010RT0 SICK-M40E-034010RT0 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results

Mô tả tương tự - M40E-034013RB0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SICK AG
M20E-02150A122 SICK-M20E-02150A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-02250A120 SICK-M20E-02250A120 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-03140A222 SICK-M20E-03140A222 Datasheet
1Mb / 6P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-025013RB0 SICK-M40E-025013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026013RB0 SICK-M40E-026013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026033RB0 SICK-M40E-026033RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-032223RB0 SICK-M40E-032223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-04230A122 SICK-M20E-04230A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072220RT0 SICK-M40E-072220RT0 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072223RB0 SICK-M40E-072223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-091A3A122 SICK-M20E-091A3A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com