công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R-50C-016-5 bảng dữ liệu(PDF) 7 Page - Keysight Technologies

tên linh kiện R-50C-016-5
Giải thích chi tiết về linh kiện  P-Series Power Meters and
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

R-50C-016-5 bảng dữ liệu(HTML) 7 Page - Keysight Technologies

Back Button R-50C-016-5 Datasheet HTML 3Page - Keysight Technologies R-50C-016-5 Datasheet HTML 4Page - Keysight Technologies R-50C-016-5 Datasheet HTML 5Page - Keysight Technologies R-50C-016-5 Datasheet HTML 6Page - Keysight Technologies R-50C-016-5 Datasheet HTML 7Page - Keysight Technologies R-50C-016-5 Datasheet HTML 8Page - Keysight Technologies R-50C-016-5 Datasheet HTML 9Page - Keysight Technologies R-50C-016-5 Datasheet HTML 10Page - Keysight Technologies R-50C-016-5 Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
07 | Keysight N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors - Data Sheet
1 mW Power Reference (continued)
Physical characteristics
Dimensions
The following dimensions exclude front and rear panel protrusions:
88.5 mm H x 212.6 mm W x 348.3 mm D (3.5 in x 8.5 in x 13.7 in)
Command language
N1911A ≤ 3.5 kg (7.7 lb) approximate
N1912A ≤ 3.7 kg (8.1 lb) approximate
Shipping weight
N1911A ≤ 7.9 kg (17.4 lb) approximate
N1912A ≤ 8.0 kg (17.6 lb) approximate
Display
3.8 inch TFT Color LCD
Environmental conditions
General
The following dimensions exclude front and rear panel protrusions:
88.5 mm H x 212.6 mm W x 348.3 mm D (3.5 in x 8.5 in x 13.7 in)
Operating
Temperature
Maximum humidity
Maximum altitude
0 °C to 55 °C
95 % at 40 °C (non-condensing)
3,000 meters (9,840 feet)
Storage
Non-operating storage temperature
Non-operating maximum humidity
Non-operating maximum altitude
–40 °C to +70 °C
90 % at 65 °C (non-condensing)
15,420 meters (50,000 feet)
System Specifications and Characteristics
The video bandwidth in the meter can be set to High, Medium, Low and Off. The video bandwidths stated in the table below are not the
3 dB bandwidths, as the video bandwidths are corrected for optimal flatness (except the Off filter). Refer to Figure 2 for information on
the flatness response. The Off video bandwidth setting provides the warranted rise time and fall time specification and is the recom-
mended setting for minimizing overshoot on pulse signals.
Dynamic response - rise time, fall time, and overshoot versus video bandwidth settings
Video bandwidth setting
Parameter
Off
Low: 5 MHz
Medium: 15 MHz
High: 30 MHz
< 500 MHz
> 500 MHz
Rise time/fall time 1
< 56 ns
< 25 ns
≤ 13 ns
< 36 ns
≤ 13 ns
Overshoot 2
< 5 %
< 5 %
For Option 107 (10 m cable), add 5 ns to the rise time and fall time specifications.
1. Specified as 10% to 90% for rise time and 90% to 10% for fall time on a 0 dBm pulse.
2. Specified as the overshoot r For Option 107 (10 m cable), add 5 ns to the rise time and fall time specifications. elative to the settled pulse top power.
Recorder output and video output
The recorder output is used to output the corresponding voltage for the measurement a user sets on the Upper/Lower
window of the power meter.
The video output is the direct signal output detected by the sensor diode, with no correction applied. The video output provides a DC
voltage proportional to the measured input power through a BNC connector on the rear panel. The DC voltage can be displayed on an
oscilloscope for time measurement. This option replaces the recorder output on the rear panel. The video output impedance is 50 ohm.


Số phần tương tự - R-50C-016-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
R-50C-SC ETC2-R-50C-SC Datasheet
152Kb / 1P
   ICT 50C PROBE AND RECEPTACLE
More results

Mô tả tương tự - R-50C-016-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
N1911A-P KEYSIGHT-N1911A-P Datasheet
1Mb / 14P
   P-Series Power Meters and
N1911A KEYSIGHT-N1911A Datasheet
1Mb / 14P
   N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors
N1912A KEYSIGHT-N1912A Datasheet
1Mb / 14P
   N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
W8486A KEYSIGHT-W8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
logo
List of Unclassifed Man...
E9301A ETC2-E9301A Datasheet
619Kb / 12P
   RF and Microwave Power Sensors/Meters
logo
Keysight Technologies
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
logo
List of Unclassifed Man...
PI3L720 ETC2-PI3L720 Datasheet
308Kb / 13P
   RF and Microwave Power Sensors/Meters
logo
Keysight Technologies
E4416A KEYSIGHT-E4416A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E9321A KEYSIGHT-E9321A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com