công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R-50C-011-3 bảng dữ liệu(PDF) 5 Page - Keysight Technologies

tên linh kiện R-50C-011-3
Giải thích chi tiết về linh kiện  P-Series Power Meters and
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

R-50C-011-3 bảng dữ liệu(HTML) 5 Page - Keysight Technologies

  R-50C-011-3 Datasheet HTML 1Page - Keysight Technologies R-50C-011-3 Datasheet HTML 2Page - Keysight Technologies R-50C-011-3 Datasheet HTML 3Page - Keysight Technologies R-50C-011-3 Datasheet HTML 4Page - Keysight Technologies R-50C-011-3 Datasheet HTML 5Page - Keysight Technologies R-50C-011-3 Datasheet HTML 6Page - Keysight Technologies R-50C-011-3 Datasheet HTML 7Page - Keysight Technologies R-50C-011-3 Datasheet HTML 8Page - Keysight Technologies R-50C-011-3 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
05 | Keysight N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors - Data Sheet
P-Series Wideband Power Sensor Specifications
The P-Series wideband power sensors are designed for use with the P-Series power meters only.
Sensor model
N1921A
50 MHz to
18 GHz
–35 dBm to +20 dBm (≥ 500 MHz)
–30 dBm to +20 dBm (50 MHz to 500 MHz)
+23 dBm (average power);
+30 dBm (< 1 μs duration) (peak power)
Type N (m)
N1922A
50 MHz to
40 GHz
–35 dBm to +20 dBm (≥ 500 MHz)
–30 dBm to +20 dBm (50 MHz to 500 MHz)
+23 dBm (average power);
+30 dBm (< 1 μs duration) (peak power)
2.4 mm (m)
Maximum SWR
Frequency band
N1921A
N1922A
50 MHz to 10 GHz
1.2
1.2
10 GHz to 18 GHz
1.26
1.26
18 GHz to 26.5 GHz
1.3
26.5 GHz to 40 GHz
1.5
Sensor Calibration Uncertainty9
Definition: Uncertainty resulting from non-linearity in the sensor detection and correction process. This can be considered as a com-
bination of traditional linearity, cal factor and temperature specifications and the uncertainty associated with the internal calibration
process.
Frequency band
N1921A
N1922A
50 MHz to 10 GHz
4.5 %
4.3 %
500 MHz to 1 GHz
4.0 %
4.2 %
1 GHz to 10 GHz
4.0 %
4.4 %
10 GHz to 18 GHz
5.0 %
4.7 %
18 GHz to 26.5 GHz
5.9 %
26.5 GHz to 40 GHz
6.0 %
Physical characteristics
Dimensions
N1921A
135 mm x 40 mm x 27 mm (5.3 in x 1.6 in x 1.1 in)
127 mm x 40 mm x 27 mm (5.0 in x 1.6 in x 1.1 in)
Weights with cable
Option 105
Option 106
Option 107
0.4 kg (0.88 Ib)
0.6 kg (1.32 Ib)
1.4 kg (3.01 Ib)
Fixed sensor cable lengths
Option 105
Option 106
Option 107
1.5 m (5 feet)
3.0 m (10 feet)
10 m (31 feet)
1. Beyond 70% Humidity, an additional 0.6% should be added to these values.


Số phần tương tự - R-50C-011-3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
R-50C-SC ETC2-R-50C-SC Datasheet
152Kb / 1P
   ICT 50C PROBE AND RECEPTACLE
More results

Mô tả tương tự - R-50C-011-3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
N1911A-P KEYSIGHT-N1911A-P Datasheet
1Mb / 14P
   P-Series Power Meters and
N1911A KEYSIGHT-N1911A Datasheet
1Mb / 14P
   N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors
N1912A KEYSIGHT-N1912A Datasheet
1Mb / 14P
   N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
W8486A KEYSIGHT-W8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
logo
List of Unclassifed Man...
E9301A ETC2-E9301A Datasheet
619Kb / 12P
   RF and Microwave Power Sensors/Meters
logo
Keysight Technologies
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
logo
List of Unclassifed Man...
PI3L720 ETC2-PI3L720 Datasheet
308Kb / 13P
   RF and Microwave Power Sensors/Meters
logo
Keysight Technologies
E4416A KEYSIGHT-E4416A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E9321A KEYSIGHT-E9321A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com