công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R-51B-001-5Z bảng dữ liệu(PDF) 8 Page - Keysight Technologies

tên linh kiện R-51B-001-5Z
Giải thích chi tiết về linh kiện  P-Series Power Meters and
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

R-51B-001-5Z bảng dữ liệu(HTML) 8 Page - Keysight Technologies

Back Button R-51B-001-5Z Datasheet HTML 4Page - Keysight Technologies R-51B-001-5Z Datasheet HTML 5Page - Keysight Technologies R-51B-001-5Z Datasheet HTML 6Page - Keysight Technologies R-51B-001-5Z Datasheet HTML 7Page - Keysight Technologies R-51B-001-5Z Datasheet HTML 8Page - Keysight Technologies R-51B-001-5Z Datasheet HTML 9Page - Keysight Technologies R-51B-001-5Z Datasheet HTML 10Page - Keysight Technologies R-51B-001-5Z Datasheet HTML 11Page - Keysight Technologies R-51B-001-5Z Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
08 | Keysight N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors - Data Sheet
Characteristic Peak Flatness
The peak flatness is the flatness of a peak-to-average ratio measurement for various tone-separations for an equal magnitude two-
tone RF input. Figure 2 refers to the relative error in peak-to-average ratio measurements as the tone separation is varied. The mea-
surements were performed at –10 dBm with power sensors with 1.5 m cable lengths.
Figure 2. N192XA Error in peak-to-average measurements for a two-tone input (High, Medium, Low and Off filters)
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
0
5
10
15
20
25
30
Input tone separation frequency (MHz)
High
Medium
Low
(< 500 MHz)
Off
(> 500 MHz)
Off
Noise and drift
Sensor model
Zeroing
Zero set
Zero drift1
Noise per sample
Measurement noise (Free run)2
< 500 MHz
> 500 MHz
N1921A /N1922A
No RF on input
200 nW
200 nW
100 nW
2 μW
50 nW
RF present
550 nW
200 nW
Measurement average setting
1
2
4
8
16
32
64
128
256
512
1024
Free run noise multiplier
1
0.9
0.8
0.7
0.6
0.5
0.45
0.4
0.3
0.25
0.2
Video BW setting
Low 5 MHz
Medium 15 MHz
High 30 MHz
Off
Noise per sample multiplier
< 500 MHz
≥ 500 MHz
0.5
0.45
1
0.75
2
1.1
1
1
1. Within 1 hour after a zero, at a constant temperature, after 24 hour warm-up of the power meter. This component can be disregarded with Auto-zero mode
set to ON.
2. Measured over a one-minute interval, at a constant temperature, two standard deviations, with averaging set to 1.
Effect of video bandwidth setting
The noise per sample is reduced by applying the meter video bandwidth filter setting (High, Medium or Low). If averaging is implement-
ed, this will dominate any effect of changing the video bandwidth.
Effect of time-gating on measurement noise
The measurement noise on a time-gated measurement will depend on the time gate length. 100 averages are carried out every 1 us of
gate length. The Noise-per-Sample contribution in this mode can approximately be reduced by √(gate length/10 ns) to a limit of 50 nW.


Số phần tương tự - R-51B-001-5Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
R-51B-001-5Z KEYSIGHT-R-51B-001-5Z Datasheet
2Mb / 14P
   18-slot PXIe Chassis
More results

Mô tả tương tự - R-51B-001-5Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
N1911A-P KEYSIGHT-N1911A-P Datasheet
1Mb / 14P
   P-Series Power Meters and
N1911A KEYSIGHT-N1911A Datasheet
1Mb / 14P
   N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors
N1912A KEYSIGHT-N1912A Datasheet
1Mb / 14P
   N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
W8486A KEYSIGHT-W8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
logo
List of Unclassifed Man...
E9301A ETC2-E9301A Datasheet
619Kb / 12P
   RF and Microwave Power Sensors/Meters
logo
Keysight Technologies
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
logo
List of Unclassifed Man...
PI3L720 ETC2-PI3L720 Datasheet
308Kb / 13P
   RF and Microwave Power Sensors/Meters
logo
Keysight Technologies
E4416A KEYSIGHT-E4416A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E9321A KEYSIGHT-E9321A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com