công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R-51B-001-5Z bảng dữ liệu(PDF) 4 Page - Keysight Technologies

tên linh kiện R-51B-001-5Z
Giải thích chi tiết về linh kiện  P-Series Power Meters and
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

R-51B-001-5Z bảng dữ liệu(HTML) 4 Page - Keysight Technologies

  R-51B-001-5Z Datasheet HTML 1Page - Keysight Technologies R-51B-001-5Z Datasheet HTML 2Page - Keysight Technologies R-51B-001-5Z Datasheet HTML 3Page - Keysight Technologies R-51B-001-5Z Datasheet HTML 4Page - Keysight Technologies R-51B-001-5Z Datasheet HTML 5Page - Keysight Technologies R-51B-001-5Z Datasheet HTML 6Page - Keysight Technologies R-51B-001-5Z Datasheet HTML 7Page - Keysight Technologies R-51B-001-5Z Datasheet HTML 8Page - Keysight Technologies R-51B-001-5Z Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
04 | Keysight N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors - Data Sheet
P-Series Power Meter Specifications
Meter uncertainty
Instrumentation linearity
± 0.8 %
Timebase
Timebase range
2 ns to 100 msec/div
Accuracy
±10 ppm
Jitter
≤ 1 ns
Zero Set
Zero Set (CW)
0.0000175%
Zero Set (Peak)
0.015%
Trigger
Internal trigger
Range
–20 to +20 dBm
Resolution
0.1 dB
Level accuracy
± 0.5 dB
Latency1
160 ns ± 10
Jitter
≤ 5 ns rms
External TTL trigger input
High
> 2.4 V
Low
< 0.7 V
Latency2
30 ns ± 10 ns
Impedance
50 Ω
Jitter
≤ 5 ns rms
Trigger delay
Delay range
± 1.0 s, maximum
Delay resolution
1 % of delay setting, 10 ns maximum
Trigger hold-off
Range
1 μs to 400 ms
Resolution
1 % of selected value (to a minimum of 10 ns)
Trigger level threshold hysteresis
Range
± 3 dB
Resolution
0.05 dB
1. Internal trigger latency is defined as the delay between the applied RF crossing the trigger level and the meter switching into the triggered state.
2. External trigger latency is defined as the delay between the applied trigger crossing the trigger level and the meter switching into the triggered state.
3. External trigger output latency is defined as the delay between the meter entering the triggered state and the output signal switching.


Số phần tương tự - R-51B-001-5Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
R-51B-001-5Z KEYSIGHT-R-51B-001-5Z Datasheet
2Mb / 14P
   18-slot PXIe Chassis
More results

Mô tả tương tự - R-51B-001-5Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
N1911A-P KEYSIGHT-N1911A-P Datasheet
1Mb / 14P
   P-Series Power Meters and
N1911A KEYSIGHT-N1911A Datasheet
1Mb / 14P
   N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors
N1912A KEYSIGHT-N1912A Datasheet
1Mb / 14P
   N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
W8486A KEYSIGHT-W8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
logo
List of Unclassifed Man...
E9301A ETC2-E9301A Datasheet
619Kb / 12P
   RF and Microwave Power Sensors/Meters
logo
Keysight Technologies
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
logo
List of Unclassifed Man...
PI3L720 ETC2-PI3L720 Datasheet
308Kb / 13P
   RF and Microwave Power Sensors/Meters
logo
Keysight Technologies
E4416A KEYSIGHT-E4416A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E9321A KEYSIGHT-E9321A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com