công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMZJ3789B bảng dữ liệu(PDF) 1 Page - Vishay Siliconix |
|
SMZJ3789B bảng dữ liệu(HTML) 1 Page - Vishay Siliconix |
1 / 2 page SMZJ3788 thru SMZJ3809B Vishay Semiconductors formerly General Semiconductor Document Number 88402 www.vishay.com 01-Aug-02 1 Surface Mount Zener Diodes Zener Voltage 9.1 to 68V Steady State Power 1.5W Maximum Electrical Characteristics Operating Junction and Storage Temperature Range: TJ, TSTG: –55°C to +150°C Device Nominal Zener Test Max. Zener Impedance Max. Reverse Max. Zener Part Number Marking Voltage Current Leakage Current Current Current Code VZ at IZT IZT ZZT at IZT ZZK at IZK IR at VR IZM (V) (mA) ( Ω)(Ω) (mA) ( µA) (V) (mA) SMZJ3788A,B VK,L 9.1 41.2 4.0 1000 0.50 50 7.0 140 SMZJ3789A,B WA,B 10 37.5 5.0 1000 0.25 50 7.6 125 SMZJ3790A,B WC,D 11 34.1 6.0 650 0.25 10 8.4 115 SMZJ3791A,B WE,F 12 31.2 7.0 550 0.25 5.0 9.1 105 SMZJ3792A,B WG,H 13 28.8 7.5 550 0.25 5.0 9.9 98 SMZJ3793A,B WI,J 15 25.0 9.0 600 0.25 5.0 11.4 85 SMZJ3794A,B WK,L 16 23.4 10.0 600 0.25 5.0 12.2 80 SMZJ3795A,B XA,B 18 20.8 12.0 650 0.25 5.0 13.7 70 SMZJ3796A,B XC,D 20 18.7 14.0 650 0.25 5.0 15.2 62 SMZJ3797A,B XE,F 22 17.0 17.5 650 0.25 5.0 16.7 56 SMZJ3798A,B XG,H 24 15.6 19.0 700 0.25 5.0 18.2 51 SMZJ3799A,B XI,J 27 13.9 23.0 700 0.25 5.0 20.6 46 Notes: (1) Standard voltage tolerance is ±20%, suffix “A” denotes ±10% and suffix “B” denotes ±5% (2) Maximum steady state power dissipation is 1.5W at TL = 75°C (See Fig. 1) 0.180 (4.57) 0.160 (4.06) 0.012 (0.305) 0.006 (0.152) 0.008 (0.203) Max. 0.220 (5.59) 0.205 (5.21) 0.060 (1.52) 0.030 (0.76) 0.155 (3.94) 0.130 (3.30) 0.086 (2.20) 0.077 (1.95) 0.096 (2.44) 0.084 (2.13) Cathode Band Dimensions in inches and (millimeters) DO-214AA (SMBJ-Bend) Features • Plastic package has Underwriters Laboratory Flammability Classificaion 94V-0 • For surface mounted applications • Glass passivated chip junction • Low Zener impedance • Low regulation factor • High temperature soldering guaranteed: 250°C/10 seconds at terminals • Contact local sales office for gull-wing (SMZG prefix) lead form (DO-215AA) Mechanical Data Case: JEDEC DO-214AA molded plastic over glass passivated junction Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Band denotes cathode Mounting Position: Any Weight: 0.003 oz., 0.093 g Packaging Codes – Options (Antistatic): 51 – 2K per Bulk box, 20K/carton 52 – 750 per 7" plastic Reel (12mm tape), 15K/carton 5B – 3.2K per 13" plastic Reel (12mm tape), 32K/carton 0.106 MAX (2.69 MAX) 0.050 MIN (1.27 MIN) 0.220 REF 0.083 MIN (2.10 MIN) Mounting Pad Layout Extended Voltage Range |
Số phần tương tự - SMZJ3789B |
|
Mô tả tương tự - SMZJ3789B |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |