công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCH155CN103K bảng dữ liệu(PDF) 3 Page - Rohm |
|
MCH155CN103K bảng dữ liệu(HTML) 3 Page - Rohm |
3 / 6 page MCH03 Series, MCH15 Series, MCH18 Series, MCH21 Series, MCH31 Series, MCH32 Series, MCH43 Series, MCH55 Series Characteristics Packing specification A(CG) (C0G) (CH)Characteristics CN(R) (B) (X5R) (X7R)Characteristics FN(F) (Y5V)Characteristics MCH03 MCH15 MCH18 MCH21 MCH31 MCH32 MCH43 MCH55 C E D H F A B φJ t t1 (Paper taping) Pull direction (Paper taping) Pull direction (Paper taping) Pull direction (Paper taping) Pull direction (Paper taping) Pull direction (Paper taping) Pull direction (Paper taping) Pull direction (Paper taping) Pull direction MCH03 Code A B C D E F H J t t1 C E D H F A B φJ t t1 C E D H G F A B φJ t t1 C E D H G F A B φJ t +0.1 0 0.37 ±0.03 0.67 ±0.03 8.0 ±0.2 3.5 ±0.05 1.75 ±0.1 2.0 ±0.05 4.0 ±0.1 φ1.5 0.42 ±0.02 0.5 MAX MCH18 Code A B C D E F H J t t1 +0.1 0 1.0 ±0.05 1.8 ±0.05 8.0 ±0.3 3.5 ±0.05 1.75 ±0.1 4.0 ±0.1 G 2.0 ±0.05 4.0 ±0.1 φ1.5 1.05 MAX. 1.2 MAX. MCH21 Code A B C D E F H J t Paper Pulastic t +0.1 0 1.5 ±0.2 2.3 ±0.2 8.0 ±0.3 3.5 ±0.05 1.75 ±0.1 4.0 ±0.1 G 2.0 ±0.05 4.0 ±0.1 φ1.5 1.1 MAX. 0.3 MAX. t1 2.5 MAX. MCH31 Code A B C D E F H J t Paper Pulastic t +0.1 0 1.9 ±0.2 3.5 ±0.2 8.0 ±0.3 3.5 ±0.05 1.75 ±0.1 4.0 ±0.1 G 2.0 ±0.05 4.0 ±0.1 φ1.5 1.1 MAX. 0.3 MAX. t1 2.5 MAX. MCH32 Code A B C D E F H J Pulastic t +0.1 0 2.9 3.6 8.0 ±0.3 (12.0 ±0.3) 3.5 ±0.05 (5.0 ±0.03) 1.75 ±0.1 4.0 ±0.1 G 2.0 ±0.05 4.0 ±0.1 φ1.5 0.6 MAX. t1 2.5MAX. (6.5MAX.) MCH43 Code A B C D E F H J Pulastic t +0.1 0 3.6 4.9 12.0 ±0.3 5.5 ±0.05 1.75 ±0.1 8.0 ±0.1 G 2.0 ±0.05 4.0 ±0.1 φ1.5 0.6 MAX. t1 6.5 MAX. MCH55 Code A B C D E F H J Pulastic t +0.1 0 5.4 6.1 12.0 ±0.3 5.5 ±0.05 1.75 ±0.1 8.0 ±0.1 G 2.0 ±0.05 4.0 ±0.1 φ1.5 0.6 MAX. t1 6.5 MAX. MCH15 Code A B C D E F H J t t1 +0.1 0 0.65 ±0.05 1.15 ±0.05 8.0 ±0.2 3.5 ±0.05 1.75 ±0.1 2.0 ±0.05 4.0 ±0.1 φ1.5 0.7 ±0.05 0.8 MAX MCH15:100pF 0.001 0.01 0.1 1 10 100 1000 10000 100 10 1 1000 MCH15:10pF MCH15:1pF 10000 MCH18:100pF MCH18:1pF MCH18:10pF MCH03:10pF 0.1 0.001 0.01 1 10 100 1000 10000 1 100 10 1000 MCH15:10,000pF MCH15:1,000pF MCH03:1,000pF 10000 MCH18:10,000pF MCH18:100,000pF MCH18:1,000pF 0.001 0.01 0.1 1 10 100 1000 10000 1 100 10 1000 MCH15:10,000pF MCH15:100,000pF MCH15:1,000pF 10000 MCH18:10,000pF MCH18:100,000pF MCH18:1,000pF 6 8 4 2 0 -2 -4 -6 -80 -40 0 40 80 120 160 Temperature ( ℃) Frequency(Hz) Frequency (MHz) 30 20 10 0 -10 -20 -30 5 10 -80 -40 0 40 80 120 160 Temperature ( ℃) 20 10 0 -10 -20 -30 -40 -50 -60 -70 -80 10 20 30 40 50 60 -80 -40 0 40 80 120 160 Temperature ( ℃) Frequency (MHz) Frequency (MHz) Frequency(Hz) Frequency(Hz) MCH21 10,000pF MCH21 1μF MCH32 100,000pF MCH32 22μF MCH31 10,000pF MCH31 10μF MCH31 10μF 100 10 1 0.1 0.01 0.001 100 10 1 0.1 0.01 0.001 100 10 1 0.1 0.01 0.001 1 10 10 100 1000 10000 10 100 1000 10000 100 1000 MCH21 1μF MCH32 47μF t t1 C E D H G F A B φJ t t t1 C E D H G F A B φJ t ()内は製品厚みの2.5mmに適用 t t1 C E D H G F A B φJ t t t1 C E D H G F A B φJ t t t1 Carrier tape dimensions (Unit:mm) |
Số phần tương tự - MCH155CN103K |
|
Mô tả tương tự - MCH155CN103K |