công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCH155CN103J bảng dữ liệu(PDF) 2 Page - Rohm

tên linh kiện MCH155CN103J
Giải thích chi tiết về linh kiện  1005(0402)Size chip capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

MCH155CN103J bảng dữ liệu(HTML) 2 Page - Rohm

  MCH155CN103J Datasheet HTML 1Page - Rohm MCH155CN103J Datasheet HTML 2Page - Rohm MCH155CN103J Datasheet HTML 3Page - Rohm MCH155CN103J Datasheet HTML 4Page - Rohm MCH155CN103J Datasheet HTML 5Page - Rohm MCH155CN103J Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1005(0402)Size chip capacitors : MCH15
Quick Reference
Product No. list
External dimensions (Unit : mm)
Production designation
Miniture, light weight
Suitable for mobile devices
Lead-free plating terminal
No polarity
The design and specifications are subject to change without prior notice. Before ordering or using,
please check the latest technical specifications. For more detail information regarding temperature
characteristic code and packaging style code, please check product destination.
Range of high dielectric constant capacitors
Rated voltage
Part No.
M C H 1
4
3
2
5
Code
Packing Style
1
Temp. coefficient or percent change
Operating temp. range(℃)
Capacitance-temperature characteristics
EIA code
A,AN
CN
FN
Code
CG
(C0G)
CH
R
B
(X5R)
(X7R)
F
(Y5V)
5
5
−55∼+125
−55∼+125
−55∼+125
−25∼+ 85
(−55∼+ 85)
(−55∼+125)
−25∼+ 85
(−30∼+ 85)
F
0
±30ppm/℃
0
±60ppm/℃
±15%
±10%
(±15%)
(±15%)
+30%, −80%
(+22%, −82%)
0 3
Code
K
L
C
Prduct thickness
0.5mm
0.5mm
0.5mm
Packing specification
Paper tape(width 8mm, pitch 2mm)
Paper tape(width 8mm, pitch 2mm)
Bulk case
Reel
φ180mm(7in.)
φ330mm(13in.)
Basic ordering unit(pcs.)
10,000
50,000
50,000
Z K
10V
16V
25V
50V
Voltage
Capacitance tolerance
Code
±0.25pF(0.5∼5pF)
±0.5pF(5.1∼10pF)
±5%(11pF or more)
±10%
+80%, −20%
Tolerance
C
D
J
K
Z
Temperature
Rated voltage(V)
Product thickness(mm)
Capacitance(pF)
Capacitance tolerance
Nominal capacitance series
A,AN
(CG)
(C0G)
(CH)Characteristic
50V
0.5
± 0.05
0.5
∼220
〈over 11pF〉:J(± 5%),〈0.5 ∼ 5pF〉:C(± 0.25pF),〈5.1 ∼ 10pF〉:D(± 0.5pF)
E24
Packing style code
K
, L, C
MCH15
×2
N
Temperature
Rated voltage(V)
Product thickness(mm)
Capacitance(pF)
Capacitance tolerance
Nominal capacitance series
FN
(F)
(Y5V)Characteristic
25V
0.5
± 0.05
22,000
Z
(+80%,−20%)
E3
50V
1,000
∼10,000
16V
47,000
∼100,000
Packing style code
K
, L, C
MCH15
Temperature
Rated voltage(V)
Product thickness(mm)
Capacitance(pF)
Capacitance tolerance
Nominal capacitance series
50V
220
∼6,800
16V
10,000
∼47,000
CN(X5R)Characteristic
10V
68,000
∼100,000
CN
(R)
(B)
(X7R)Characteristic
25V
10,000
K
(±10%)
E6
Packing style code
K
, L, C
MCH15
0.1Min.
0.3Min.
1.0
±0.05
0.5
±0.05
Reel(φ180,φ330mm):compatible with EIAJ ET-7200A
Bulk case:compatible with EIAJ ET-7201A
Temperature
Rated voltage(V)
Capacitance(pF)
A
・AN(CG)
(COG)
(CH)Characteristic
50V
Product No.
MCH155A
(AN)0R5C
MCH155A
(AN)R75C
MCH155A
(AN)010C
MCH155A
(AN)1R1C
MCH155A
(AN)1R2C
MCH155A
(AN)1R3C
MCH155A
(AN)1R5C
MCH155A
(AN)1R6C
MCH155A
(AN)1R8C
MCH155A
(AN)020C
MCH155A
(AN)2R2C
MCH155A
(AN)2R4C
MCH155A
(AN)2R7C
MCH155A
(AN)030C
MCH155A
(AN)3R3C
MCH155A
(AN)3R6C
MCH155A
(AN)3R9C
MCH155A
(AN)040C
MCH155A
(AN)4R3C
MCH155A
(AN)4R7C
MCH155A
(AN)050C
MCH155A
(AN)5R1D
MCH155A
(AN)5R6D
MCH155A
(AN)060D
MCH155A
(AN)6R2D
MCH155A
(AN)6R8D
MCH155A
(AN)070D
MCH155A
(AN)7R5D
MCH155A
(AN)080D
MCH155A
(AN)8R2D
MCH155A
(AN)090D
MCH155A
(AN)9R1D
MCH155A
(AN)100D
0.5
0.75
1.0
1.1
1.2
1.3
1.5
1.6
1.8
2.0
2.2
2.4
2.7
3.0
3.3
3.6
3.9
4.0
4.3
4.7
5.0
5.1
5.6
6
6.2
6.8
7
7.5
8
8.2
9
9.1
10
C
(±0.25pF)
D
(±0.5pF)
0.5
±0.05
Temperature
Rated voltage(V)
Capacitance(pF)
50V
Product No.
MCH155CN221K
MCH155CN331K
MCH155CN471K
MCH155CN681K
MCH155CN102K
MCH155CN152K
MCH155CN222K
MCH155CN332K
MCH155CN472K
MCH155CN682K
CN
(R)
(B)
(X7R)Characteristic
25V
Product No.
MCH152CN103K
16V
Product No.
MCH153CN103K
MCH153CN153K
MCH153CN223K
MCH153CN333K
MCH153CN473K
CN
(X5R)Characteristic
10V
Product No.
MCH154CN683K
MCH154CN104K
K
(±10%)
0.5
±0.05
220
330
470
680
1,000
1,500
2,200
3,300
4,700
6,800
10,000
15,000
22,000
33,000
47,000
68,000
100,000
Temperature
Rated voltage(V)
Capacitance(pF)
50V
Product No.
MCH155FN102Z
MCH155FN222Z
MCH155FN472Z
MCH155FN103Z
FN
(F)
(Y5V)Characteristic
25V
Product No.
MCH152FN223Z
16V
Product No.
MCH153FN473Z
MCH153FN104Z
Z
(+80%,−20%)
0.5
±0.05
1,000
2,200
4,700
10,000
22,000
47,000
100,000
Temperature
Rated voltage(V)
Capacitance(pF)
A
・AN(CG)
(COG)
(CH)Characteristic
50V
Product No.
MCH155A
(AN)110J
MCH155A
(AN)120J
MCH155A
(AN)130J
MCH155A
(AN)150J
MCH155A
(AN)160J
MCH155A
(AN)180J
MCH155A
(AN)200J
MCH155A
(AN)220J
MCH155A
(AN)240J
MCH155A
(AN)270J
MCH155A
(AN)300J
MCH155A
(AN)330J
MCH155A
(AN)360J
MCH155A
(AN)390J
MCH155A
(AN)430J
MCH155A
(AN)470J
MCH155A
(AN)510J
MCH155A
(AN)560J
MCH155A
(AN)620J
MCH155A
(AN)680J
MCH155A
(AN)750J
MCH155A
(AN)820J
MCH155A
(AN)910J
MCH155A
(AN)101J
MCH155A
(AN)111J
MCH155A
(AN)121J
MCH155A
(AN)131J
MCH155A
(AN)151J
MCH155A
(AN)161J
MCH155A
(AN)181J
MCH155A
(AN)201J
MCH155A
(AN)221J
J
(±5%)
0.5
±0.05
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
110
120
130
150
160
180
200
220
0.5
± 0.05
3-digit
designation
accordijg
to IEC
Nominal
capacitance
Range of thermal compensation capacitors
Thermal compensation capacitors
High dielectric constant capacitors
Tolerance
Product thickness(mm)
Tolerance
Product thickness(mm)
Tolerance
Product thickness(mm)
Tolerance
Product thickness(mm)
3
∗: Packaging Code
∗: Packaging Code
∗: Packaging Code


Số phần tương tự - MCH155CN103J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
More results

Mô tả tương tự - MCH155CN103J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
MNA02 ROHM-MNA02 Datasheet
85Kb / 7P
   (1005 (0402) x 2 size, chip capacitor networks)
logo
WALSIN TECHNOLOGY CORPO...
RFBLN10051G9D0T WALSIN-RFBLN10051G9D0T Datasheet
408Kb / 3P
   LTCC Multi Layer Chip Balun- 1005 (0402) size
logo
Vishay Siliconix
VESD05C-FC1 VISHAY-VESD05C-FC1 Datasheet
137Kb / 5P
   Flip Chip Protection Diode - Chip Size 0402
Rev. 1.1, 14-Jul-04
logo
Coilcraft lnc.
0402CS-2N0XGLW COILCRAFT-0402CS-2N0XGLW Datasheet
151Kb / 2P
   Chip Inductors ??0402CS (1005)
0402CS-3N3XGBU COILCRAFT-0402CS-3N3XGBU Datasheet
98Kb / 2P
   Chip Inductors - 0402CS (1005)
0402CS-27NXJBW COILCRAFT-0402CS-27NXJBW Datasheet
98Kb / 2P
   Chip Inductors ??0402CS (1005)
0402AF-560XJLW COILCRAFT-0402AF-560XJLW Datasheet
184Kb / 2P
   Chip Inductors ??0402AF Series (1005)
0402HP-2N2XJLU COILCRAFT-0402HP-2N2XJLU Datasheet
152Kb / 2P
   Chip Inductors - 0402HP Series (1005)
logo
Murata Manufacturing Co...
BLM15AG100SN1D MURATA-BLM15AG100SN1D Datasheet
65Kb / 3P
   Chip EMIFIL Inductor Type BLM15A_SN Series (0402 Size)
logo
Coilcraft lnc.
0402HP-2N7XJLW COILCRAFT-0402HP-2N7XJLW Datasheet
152Kb / 2P
   Chip Inductors - 0402HP Series (1005)
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com