công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCH212CN105K bảng dữ liệu(PDF) 1 Page - Rohm |
|
MCH212CN105K bảng dữ liệu(HTML) 1 Page - Rohm |
1 / 6 page 2012(0805)Size chip capacitors : MCH21 Quick Reference Product No. list External dimensions (Unit : mm) Production designation The design and specifications are subject to change without prior notice. Before ordering or using, please check the latest technical specifications. For more detail information regarding temperature characteristic code and packaging style code, please check product destination. Range of thermal compensation capacitors Range of high dielectric constant capacitors High dielectric constant capacitors Thermal compensation capacitors Miniature, high capacitance Achieved high capacitance by thin and multi layer technology Lead-free plating terminal No polarity ● ● ● ● Temperature Rated voltage(V) Product thickness(mm) Capacitance(pF) Packing style code K , P MCH21 Capacitance tolerance Nominal capacitance series A,AN (CG) (C0G) (CH)Characteristic 50V 0.85 ±0.1 3,900 ∼5,600 J (±5%) E12 0.6 ±0.10 2,700 ∼3,300 1,25 ±0.1 6,800 ∼10,000 ×2 Temperature Rated voltage(V) Product thickness(mm) Capacitance(pF) Packing style code K , P MCH21 Capacitance tolerance Nominal capacitance series FN (F) (Y5V)Characteristic Z (+80%,−20%) E3 1,25 ±0.2 16V 1,000,000 ∼4,700,000 50V 0.6 ±0.1 10,000 ∼100,000 10V 10,000,000 Temperature Rated voltage(V) Product thickness(mm) Capacitance(pF) Packing style code K , P MCH21 Capacitance tolerance Nominal capacitance series CN (R) (B) (X7R)Characteristic CN (X5R)Characteristic E6 0.6 ±0.1 1,000 ∼ 47,000 0.85 ±0.15 68,000 10,000 50V 25V 150,000 ∼ 220,000 16V 330,000 ∼ 1,000,000 10V 1,500,000 ∼ 2,200,000 10V 3,300,000 ∼ 4,700,000 6.3V 10,000,000 M (±20%) K (±10%) 1.25 ±0.2 Rated voltage Part No. M C H 2 8 4 3 2 5 Code Packing Style 1 Temp. coefficient or percent change Operating temp. range(℃) Capacitance-temperature characteristics EIA code A,AN CN FN Code CG (C0G) CH R B (X5R) (X7R) F (Y5V) 1 3 −55∼+125 −55∼+125 −55∼+125 −25∼+ 85 (−55∼+ 85) (−55∼+125) −25∼+ 85 (−30∼+ 85) F 0 ±30ppm/℃ 0 ±60ppm/℃ ±15% ±10% (±15%) (±15%) +30%, −80% (+22%, −82%) 0 5 Code K P Prduct thickness 0.6、0.85mm 1.25mm Reel φ180mm(7in.) φ180mm(7in.) Basic ordering unit(pcs.) 4,000 2,000 Z K 6.3V 10V 16V 25V 50V Voltage Capacitance tolerance Code ±5%(11pF or more) ±10% ±20% +80%, −20% Tolerance J K M Z N Reel(φ180mm):compatible with EIAJ ET-7200A 0.2Min. 0.6Min. 2.0 ±0.2 T 1.25 ±0.2 Product thickness(mm) T 0.6 ±0.1 0.85 ±0.1 1.25 ±0.1 1.25 ±0.2 Packing specification Paper tape(width 8mm, pitch 4mm) Pulastic tape(width 8mm, pitch 4mm) 3-digit designation accordijg to IEC Nominal capacitance Temperature Rated voltage(V) Tolerance A ・AN(CG) (COG) (CH)Characteristic 25V Product No. MCH215A (AN)272JK MCH215A (AN)332JK MCH215A (AN)392JK MCH215A (AN)472JK MCH215A (AN)562JK MCH215A (AN)682JP MCH215A (AN)822JP MCH215A (AN)103JP J (±5%) Product thickness(mm) 0.6 ±0.1 0.85 ±0.1 1.25 ±0.1 2,700 3,300 3,900 4,700 5,600 6,800 8,200 10,000 Capacitance (pF) Temperature Rated voltage(V) Tolerance CN (R) (B) (X7R)Characteristic CN (X5R)Characteristic 50V Product No. 25V Product No. 16V Product No. 10V Product No. 10V Product No. 6.3V Product No. MCH215CN102KK MCH215CN152KK MCH215CN222KK MCH215CN332KK MCH215CN472KK MCH215CN682KK MCH215CN103KK MCH215CN153KK MCH215CN223KK MCH215CN333KK MCH215CN473KK MCH215CN683KK MCH215CN104KP MCH212CN154KP MCH212CN224KP MCH213CN334KP MCH213CN474KP MCH213CN684KP MCH213CN105KP MCH214CN155KP MCH214CN225KP MCH214CN335KP MCH214CN475KP MCH218CN106MP K (±10%) M (±20%) Product thickness(mm) 0.6 ±0.1 0.85 ±0.15 1.25 ±0.2 1,000 1,500 2,200 3,300 4,700 6,800 10,000 15,000 22,000 33,000 47,000 68,000 100,000 150,000 220,000 330,000 470,000 680,000 1,000,000 1,500,000 2,200,000 3,300,000 4,700,000 10,000,000 Capacitance (pF) Temperature Rated voltage(V) Tolerance 50V Product No. 10V Product No. FN (F) (Y5V)Characteristic MCH215FN103ZK MCH215FN223ZK MCH215FN473ZK MCH215FN104ZK 16V Product No. MCH213FN105ZP MCH213FN225ZP MCH213FN475ZP MCH214FN106ZP Z (+80%, −20%) Product thickness(mm) 0.6 ±0.1 1.25 ±0.2 10,000 22,000 47,000 100,000 1,000,000 2,200,000 4,700,000 10,000,000 Capacitance (pF) |
Số phần tương tự - MCH212CN105K |
|
Mô tả tương tự - MCH212CN105K |